Part Number Hot Search : 
G2511 MSZ52 28064 1018AL AP2014 AD58004 09100 U2067B
Product Description
Full Text Search
 

To Download 74AUP1G126GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP1G126
Low-power buffer/line driver; 3-state
Rev. 01 -- 25 July 2005 Product data sheet
1. General description
The 74AUP1G126 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to 3.6 V. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The 74AUP1G126 provides the single non-inverting buffer/line driver with 3-state output. The 3-state output is controlled by the output enable input (OE). A LOW level at pin OE causes the output to assume a high-impedance OFF-state. This device has the input-disable feature, which allows floating input signals. The inputs are disabled when the output enable input OE is LOW.
2. Features
s Wide supply voltage range from 0.8 V to 3.6 V s High noise immunity s Complies with JEDEC standards: x JESD8-12 (0.8 V to 1.3 V) x JESD8-11 (0.9 V to 1.65 V) x JESD8-7 (1.2 V to 1.95 V) x JESD8-5 (1.8 V to 2.7 V) x JESD8-B (2.7 V to 3.6 V) s ESD protection: x HBM JESD22-A114-C exceeds 2000 V x MM JESD22-A115-A exceeds 200 V x CDM JESD22-C101-C exceeds 1000 V s Low static power consumption; ICC = 0.9 A (maximum) s Latch-up performance exceeds 100 mA per JESD 78 Class II s Inputs accept voltages up to 3.6 V s Low noise overshoot and undershoot < 10 % of VCC s Input-disable feature allows floating input conditions
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
s IOFF circuitry provides partial Power-down mode operation s Multiple package options s Specified from -40 C to +85 C and -40 C to +125 C
3. Quick reference data
Table 1: Quick reference data GND = 0 V; Tamb = 25 C; tr = tf 3 ns. Symbol Parameter Conditions Min 2.8 2.2 1.9 1.7 1.7 f = 10 MHz; output enabled VCC = 1.8 V VCC = 3.3 V f = 10 MHz; output disabled VCC = 0.8 V to 3.6 V
[1] CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
[1] [2] [1] [2]
Typ 20.6 5.5 3.9 3.2 2.6 2.4 0.9 3.6 4.4 0
Max 11.8 7.0 5.5 4.2 3.7 -
Unit ns ns ns ns ns ns pF pF pF pF
tPHL, tPLH propagation delay CL = 5 pF; RL = 1 M; A to Y VCC = 0.8 V CL = 5 pF; RL = 1 M; VCC = 1.1 V to 1.3 V CL = 5 pF; RL = 1 M; VCC = 1.4 V to 1.6 V CL = 5 pF; RL = 1 M; VCC = 1.65 V to 1.95 V CL = 5 pF; RL = 1 M; VCC = 2.3 V to 2.7 V CL = 5 pF; RL = 1 M; VCC = 3.0 V to 3.6 V Ci CPD input capacitance power dissipation capacitance
-
[2]
4. Ordering information
Table 2: Ordering information Package Temperature range Name 74AUP1G126GW 74AUP1G126GM -40 C to +125 C -40 C to +125 C TSSOP5 XSON6 Description plastic thin shrink small outline package; 5 leads; body width 1.25 mm Version SOT353-1 Type number
plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
2 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
5. Marking
Table 3: Marking Marking code pN pN Type number 74AUP1G126GW 74AUP1G126GM
6. Functional diagram
2 1
A OE
Y
4
2 4 1 OE
mna126
mna125
Fig 1. Logic symbol
Fig 2. IEC logic symbol
A
Y
OE
001aad069
Fig 3. Logic diagram
7. Pinning information
7.1 Pinning
126
OE OE A 1 2 5 VCC 1 6 VCC
A
2
5
n.c.
126
GND 3 4 Y 4
001aab653
GND
3
Y
001aab654
Transparent top view
Fig 4. Pin configuration SOT353-1 (TSSOP5)
Fig 5. Pin configuration SOT886 (XSON6)
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
3 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
7.2 Pin description
Table 4: Symbol OE A GND Y n.c. VCC Pin description Pin TSSOP5 1 2 3 4 5 XSON6 1 2 3 4 5 6 output enable input data input A ground (0 V) data output Y not connected supply voltage Description
8. Functional description
8.1 Function table
Table 5: Input OE H H L
[1] H = HIGH voltage level; L = LOW voltage level; X = Don't care; Z = high-impedance OFF-state.
Function table [1] Output A L H X Y L H Z
9. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK VI IOK VO IO ICC Parameter supply voltage input clamping current input voltage output clamping current output voltage output current quiescent supply current VO > VCC or VO < 0 V active mode Power-down mode VO = 0 V to VCC
[1] [1]
Conditions VI < 0 V
[1]
Min -0.5 -0.5 -0.5 -0.5 -
Max +4.6 -50 +4.6 50
Unit V mA V mA
VCC + 0.5 V +4.6 20 +50 V mA mA
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
4 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 6: Limiting values ...continued In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol IGND Tstg Ptot Parameter ground current storage temperature total power dissipation Tamb = -40 C to +125 C
[2]
Conditions
Min -65 -
Max -50 +150 250
Unit mA C mW
[1] [2]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. For TSSOP5 packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K. For XSON6 packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
10. Recommended operating conditions
Table 7: Symbol VCC VI VO Tamb tr, tf Recommended operating conditions Parameter supply voltage input voltage output voltage ambient temperature input rise and fall times VCC = 0.8 V to 3.6 V active mode Power-down mode; VCC = 0 V Conditions Min 0.8 0 0 0 -40 0 Max 3.6 3.6 VCC 3.6 +125 200 Unit V V V V C ns/V
11. Static characteristics
Table 8: Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VIH HIGH-state input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-state input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 0.70 x VCC 0.65 x VCC 1.6 2.0 V V V V Conditions Min Typ Max Unit
0.30 x VCC V 0.35 x VCC V 0.7 0.9 V V
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
5 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 8: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VOH HIGH-state output voltage Conditions VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-state output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V ILI IOZ IOFF IOFF ICC ICC input leakage current 3-state output OFF-state current power-off leakage current additional power-off leakage current quiescent supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI = VIH or VIL; VO = 0 V to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V
[1]
Min VCC - 0.1 1.11 1.32 2.05 1.9 2.72 2.6 -
Typ 0.9 1.7 1.5
Max 0.1 0.3 x VCC 0.31 0.31 0.31 0.44 0.31 0.44 0.1 0.1 0.2 0.2 0.5 40 110 1 -
Unit V V V V V V V V V V V V V V V V A A A A A A A A pF pF pF
0.75 x VCC -
additional quiescent supply data input; VI = VCC - 0.6 V; IO = 0 A; current VCC = 3.3 V OE input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V all inputs; VI = GND to 3.6 V; OE = GND; VCC = 0.8 V to 3.6 V
[1]
[2]
Ci Co
input capacitance output capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC output enabled; VO = GND; VCC = 0 V output disabled; VCC = 0 V to 3.6 V; VO = GND or VCC
Tamb = -40 C to +85 C VIH HIGH-state input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 0.70 x VCC 0.65 x VCC 1.6 2.0 V V V V
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
6 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 8: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VIL LOW-state input voltage Conditions VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-state output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-state output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V ILI IOZ IOFF IOFF ICC ICC input leakage current 3-state output OFF-state current power-off leakage current additional power-off leakage current quiescent supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI = VIH or VIL; VO = 0 V to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V
[1]
Min VCC - 0.1 0.7 x VCC 1.03 1.30 1.97 1.85 2.67 2.55 -
Typ -
Max
Unit
0.30 x VCC V 0.35 x VCC V 0.7 0.9 0.1 0.3 x VCC 0.37 0.35 0.33 0.45 0.33 0.45 0.5 0.5 0.5 0.6 0.9 50 120 1 V V V V V V V V V V V V V V V V V V A A A A A A A A
additional quiescent supply data input; VI = VCC - 0.6 V; IO = 0 A; current VCC = 3.3 V OE input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V all inputs; VI = GND to 3.6 V; OE = GND; VCC = 0.8 V to 3.6 V
[1]
[2]
Tamb = -40 C to +125 C VIH HIGH-state input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 0.75 x VCC 0.70 x VCC 1.6 2.0 V V V V
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
7 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 8: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VIL LOW-state input voltage Conditions VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-state output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-state output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V ILI IOZ IOFF IOFF ICC ICC input leakage current 3-state output OFF-state current power-off leakage current additional power-off leakage current quiescent supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI = VIH or VIL; VO = 0 V to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V
[1]
Min -
Typ -
Max
Unit
0.25 x VCC V 0.30 x VCC V 0.7 0.9 0.11 0.41 0.39 0.36 0.50 0.36 0.50 0.75 0.75 0.75 0.75 1.4 75 180 1 V V V V V V V V V V V V V V V V V A A A A A A A A
VCC - 0.11 0.6 x VCC 0.93 1.17 1.77 1.67 2.40 2.30 -
0.33 x VCC V
additional quiescent supply data input; VI = VCC - 0.6 V; IO = 0 A; current VCC = 3.3 V OE input; VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V all inputs; VI = GND to 3.6 V; OE = GND; VCC = 0.8 V to 3.6 V
[1]
[2]
[1] [2]
One input at VCC - 0.6 V, other input at VCC or GND. To show ICC remains very low when the input-disable feature is enabled.
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
8 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
12. Dynamic characteristics
Table 9: Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8 Symbol tPHL, tPLH Parameter propagation delay A to Y Conditions see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPZH, tPZL 3-state output enable time OE to Y see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPHZ, tPLZ 3-state output disable time OE to Y see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C; CL = 10 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPZH, tPZL 3-state output enable time OE to Y see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 3.5 2.2 1.8 1.5 1.4 75.3 7.1 4.8 3.9 2.9 2.6 15.5 8.7 6.7 4.8 4.1 ns ns ns ns ns ns 3.2 2.1 1.9 2.2 2.1 24.0 6.4 4.5 3.8 3.2 3.0 13.7 8.1 6.3 4.9 4.5 ns ns ns ns ns ns 2.6 2.1 2.1 1.7 2.1 10.3 4.2 3.2 3.1 2.4 2.8 7.0 5.0 4.7 3.6 4.2 ns ns ns ns ns ns 3.1 2.3 1.9 1.5 1.3 71.6 6.2 4.2 3.3 2.4 2.0 13.7 7.7 5.9 4.1 3.4 ns ns ns ns ns ns 2.8 2.2 1.9 1.7 1.7 20.6 5.5 3.9 3.2 2.6 2.4 11.8 7.0 5.5 4.2 3.7 ns ns ns ns ns ns Min Typ
[1]
Max
Unit
Tamb = 25 C; CL = 5 pF
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
9 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 9: Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8 Symbol tPHZ, tPLZ Parameter 3-state output disable time OE to Y Conditions see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C; CL = 15 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPZH, tPZL 3-state output enable time OE to Y see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPHZ, tPLZ 3-state output disable time OE to Y see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C; CL = 30 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 4.8 4.0 2.9 2.7 2.7 37.6 9.6 6.7 5.6 4.8 4.6 20.8 12.0 9.4 7.3 6.4 ns ns ns ns ns ns 4.3 3.0 3.1 2.4 3.2 14.9 6.4 5.0 5.4 4.0 5.3 10.0 7.2 7.7 5.8 7.7 ns ns ns ns ns ns 4.0 3.0 2.1 1.8 1.6 79.2 7.8 5.4 4.3 3.4 3.1 17.2 9.7 7.4 5.4 4.7 ns ns ns ns ns ns 3.6 3.0 2.2 2.0 2.0 27.4 7.2 5.1 4.3 3.7 3.5 15.5 9.1 7.1 5.6 5.2 ns ns ns ns ns ns 3.5 2.2 2.4 1.9 2.4 12.2 5.3 4.1 4.2 3.2 4.1 8.5 6.1 6.2 4.7 5.9 ns ns ns ns ns ns Min Typ
[1]
Max
Unit
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
10 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 9: Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8 Symbol tPZH, tPZL Parameter 3-state output enable time OE to Y Conditions see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPHZ, tPLZ 3-state output disable time OE to Y see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C CPD power dissipation capacitance f = 10 MHz output enabled VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V output disabled VCC = 3.0 V to 3.6 V
[1] [2] All typical values are measured at nominal VCC. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
[2] [3]
Min 5.1 4.0 2.8 2.4 2.4 6.0 4.5 5.2 3.9 5.5
Typ 90.6 10.0 6.9 5.6 4.5 4.2 51.6 9.8 7.7 8.8 6.4 9.0
[1]
Max 22.1 12.3 9.4 7.0 6.4 14.9 10.7 12.2 9.1 12.9
Unit ns ns ns ns ns ns ns ns ns ns ns ns
-
3.2 3.4 3.5 3.6 4.0 4.4 0
-
pF pF pF pF pF pF pF
[3]
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
11 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 10: Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8 Symbol CL = 5 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPZH, tPZL 3-state output enable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPHZ, tPLZ 3-state output disable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 10 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPZH, tPZL 3-state output enable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPHZ, tPLZ 3-state output disable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 3.3 2.1 1.7 1.4 1.3 9.4 6.9 7.0 5.3 6.6 3.3 2.1 1.7 1.4 1.3 10.4 7.6 7.7 5.9 7.3 ns ns ns ns ns 3.3 2.1 1.7 1.4 1.3 18.1 10.0 7.8 5.6 4.9 3.3 2.1 1.7 1.4 1.3 20.0 11.0 8.6 6.2 5.4 ns ns ns ns ns 3.0 1.9 1.7 1.6 1.6 15.4 9.5 7.6 5.9 5.3 3.0 1.9 1.7 1.6 1.6 17.0 10.5 8.4 6.5 5.9 ns ns ns ns ns 2.9 2.2 1.7 1.4 1.2 7.7 5.6 5.4 4.2 4.7 2.9 2.2 1.7 1.4 1.2 8.5 6.2 6.0 4.7 5.2 ns ns ns ns ns 2.9 2.2 1.7 1.4 1.2 16.2 8.9 6.8 4.8 4.0 2.9 2.2 1.7 1.4 1.2 17.9 9.8 7.5 5.3 4.4 ns ns ns ns ns 2.6 2.0 1.7 1.5 1.5 13.2 8.2 6.5 5.0 4.4 2.6 2.0 1.7 1.5 1.5 14.5 9.0 7.2 5.5 4.9 ns ns ns ns ns Parameter Conditions -40 C to +85 C Min Max -40 C to +125 C Min Max Unit
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
12 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Table 10: Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8 Symbol CL = 15 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPZH, tPZL 3-state output enable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPHZ, tPLZ 3-state output disable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 30 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPZH, tPZL 3-state output enable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V tPHZ, tPLZ 3-state output disable time OE to Y see Figure 7 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 4.7 3.0 2.6 2.3 2.2 16.5 11.9 13.5 10.0 14.1 4.7 3.0 2.6 2.3 2.2 18.2 13.1 14.9 11.0 15.6 ns ns ns ns ns 4.7 3.0 2.6 2.3 2.2 25.2 14.1 11.0 8.4 7.6 4.7 3.0 2.6 2.3 2.2 27.8 15.6 12.1 9.3 8.4 ns ns ns ns ns 4.4 3.0 2.6 2.5 2.5 23.5 14.2 11.3 8.8 8.1 4.4 3.0 2.6 2.5 2.5 25.9 15.7 12.5 9.7 9.0 ns ns ns ns ns 3.7 2.5 2.0 1.7 1.5 11.0 8.1 8.6 6.5 8.5 3.7 2.5 2.0 1.7 1.5 12.1 9.0 9.5 7.2 9.4 ns ns ns ns ns 3.7 2.5 2.0 1.7 1.5 19.9 11.1 8.6 6.3 5.6 3.7 2.5 2.0 1.7 1.5 21.9 12.3 9.5 7.0 6.2 ns ns ns ns ns 3.4 2.5 2.0 1.8 1.8 17.5 10.8 8.6 6.7 6.1 3.4 2.5 2.0 1.8 1.8 19.3 11.9 9.5 7.4 6.8 ns ns ns ns ns Parameter Conditions -40 C to +85 C Min Max -40 C to +125 C Min Max Unit
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
13 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
13. Waveforms
VI A input GND t PHL t PLH VM
Y output
VM
001aad070
Measurement points are given in Table 11. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6. The data input (A) to output (Y) propagation delays Table 11: VCC 0.8 V to 3.6 V Measurement points Output VM 0.5 x VCC Input VM 0.5 x VCC VI VCC tr = tf 3.0 ns
Supply voltage
VI OE input GND tPLZ VCC output LOW-to-OFF OFF-to-LOW VOL tPHZ VOH output HIGH-to-OFF OFF-to-HIGH GND output enabled output disabled output enabled
mna646
VM
tPZL
VM VX tPZH VY VM
Measurement points are given in Table 12. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7. Turn-on and turn-off times
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
14 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
Measurement points Input VM 0.5 x VCC 0.5 x VCC 0.5 x VCC Output VM 0.5 x VCC 0.5 x VCC 0.5 x VCC VX VOL + 0.1 V VOL + 0.15 V VOL + 0.3 V VY VOH - 0.1 V VOH - 0.15 V VOH - 0.3 V
Table 12: VCC
Supply voltage 0.8 V to 1.6 V 1.65 V to 2.7 V 3.0 V to 3.6 V
VCC
VEXT
5 k
PULSE GENERATOR
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 13. Definitions for test circuit: RL = Load resistor CL = Load capacitance including jig and probe capacitance RT = Termination resistance should be equal to the output impedance Zo of the pulse generator
Fig 8. Load circuitry for switching times Table 13: VCC 0.8 V to 3.6 V
[1]
Test data Load CL RL
[1]
Supply voltage
VEXT tPLH, tPHL tPZH, tPHZ GND tPZL, tPLZ 2 x VCC
5 pF, 10 pF, 5 k or 1 M open 15 pF and 30 pF
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
15 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
14. Package outline
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1
D
E
A X
c y HE vMA
Z
5
4
A2 A1 (A3) A
1
e e1 bp
3
wM detail X
Lp L
0
1.5 scale
3 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.1 0 A2 1.0 0.8 A3 0.15 bp 0.30 0.15 c 0.25 0.08 D(1) 2.25 1.85 E(1) 1.35 1.15 e 0.65 e1 1.3 HE 2.25 2.0 L 0.425 Lp 0.46 0.21 v 0.3 w 0.1 y 0.1 Z(1) 0.60 0.15 7 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT353-1 REFERENCES IEC JEDEC MO-203 JEITA SC-88A EUROPEAN PROJECTION ISSUE DATE 00-09-01 03-02-19
Fig 9. Package outline SOT353-1 (TSSOP5)
9397 750 14686 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
16 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 10. Package outline SOT886 (XSON6)
9397 750 14686 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
17 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
15. Abbreviations
Table 14: Acronym CMOS TTL HBM ESD MM CDM Abbreviations Description Complementary Metal Oxide Semiconductor Transistor Transistor Logic Human Body Model ElectroStatic Discharge Machine Model Charged Device Model
16. Revision history
Table 15: Revision history Release date 20050725 Data sheet status Product data sheet Change notice Doc. number 9397 750 14686 Supersedes Document ID 74AUP1G126_1
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
18 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
17. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
18. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
20. Trademarks
Notice -- All referenced brands, product names, service names and trademarks are the property of their respective owners.
19. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
21. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14686
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 July 2005
19 of 20
Philips Semiconductors
74AUP1G126
Low-power buffer/line driver; 3-state
22. Contents
1 2 3 4 5 6 7 7.1 7.2 8 8.1 9 10 11 12 13 14 15 16 17 18 19 20 21 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 Functional description . . . . . . . . . . . . . . . . . . . 4 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 9 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 16 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 19 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Contact information . . . . . . . . . . . . . . . . . . . . 19
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 25 July 2005 Document number: 9397 750 14686
Published in The Netherlands
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 74AUP1G126GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X