Part Number Hot Search : 
MGF4918 1040CT SP236A 06006 MCSO1ELS T113016 MB89475 BD6225
Product Description
Full Text Search
 

To Download 2SK2908-01S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2908-01L,S
FAP-IIIB Series
> Features
High Current Low On-Resistance No Secondary Breakdown Low Driving Power Avalanche Rated
N-channel MOS-FET
600V
1,2
9A
60W
> Outline Drawing
> Applications
- Motor Control - General Purpose Power Amplifier - DC-DC converters
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Repetitive or non-repetitive Maximum Avalanche Energy Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS ID I D(puls) V GS I AR E AV PD T ch T stg Rating 600 9 32 35 9 144.4 60 150 -55 ~ +150
L=3.27mH,Vcc=60V
Unit V A A V V mJ* W C C
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Symbol BV DSS V GS(th) I DSS I DSS I GSS R DS(on) g C C C t t t t I V t Q
fs iss oss rss d(on) r d(off) f AV SD rr rr
Test conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=600V Tch=25C VGS=0V Tch=125C VGS=35V VDS=0V ID=4,5A VGS=10V VGS=10V ID=4,5A ID=4,5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V VGS=10V ID=9A RGS=10 Tch=25C L = 3,27mH IF=2 X IDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
Min. 600 3,5
Typ. 4,0 10 0,2 10 1,0 1,0 5 900 150 70 25 70 60 35 1,0 550 7,0
Max. 4,5 500 1,0 100 1,2 1,2 1400 230 110 40 110 90 60 1,50
2,5
9
Unit V V A mA nA S pF pF pF ns ns ns ns A V ns C
- Thermal Characteristics Item Thermal Resistance
R R
th(ch-c) th(ch-a)
Symbol channel to case channel to ambient
Min.
Typ.
Max. 2,08 75,0
Unit C/W C/W
N-channel MOS-FET
600V
2SK2908-01L,S
FAP-IIIB Series
Drain-Source On-State Resistance vs. Tch
RDS(on) = f(Tch); ID=4,5A; VGS=10V
1,2
9A
60W
> Characteristics
Typical Output Characteristics
ID=f(VDS); 80s pulse test; TC=25C
Typical Transfer Characteristics
ID=f(VGS); 80s pulse test; VDS=25V; Tch=25C
ID [A]
1
RDS(ON) [m]
2
ID [A]
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source On-State-Resistance vs. ID
RDS(on)=f(ID); 80s pulse test; TC=25C
Typical Forward Transconductance vs. ID
gfs=f(ID); 80s pulse test; VDS=25V; Tch=25C
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch); ID=1mA; VDS=VGS
RDS(ON) [m]
gfs [S]
5
VGS(th) [V]
4
6
ID [A]
ID [A]
Tch [C]
Typical Capacitances vs. VDS
C=f(VDS); VGS=0V; f=1MHz
Typical Gate Charge Characteristic
VGS=f(Qg); ID=9A; TC=25C
Forward Characteristics of Reverse Diode
IF=f(VSD); 80s pulse test;VGS=0V
C [F]
VDS [V]
VGS [V]
IF [A]
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Maximum Avalanche Energy vs. starting Tch
Eas=f(starting Tch): VCC=60V; IAV 9A
Safe Operation Area
ID=f(VDS): D=0,01, Tc=25C
Transient Thermal impedance
EAV [mJ]
10
ID [A]
12
Zth(ch-c) [K/W]
Zthch=f(t) parameter:D=t/T
starting Tch [C]
VDS [V]
t [s]
This specification is subject to change without notice!
N-channel MOS-FET
600V
1,2
2SK2908-01L,S
FAP-IIIB Series
9A
60W
> Characteristics
Power Dissipation PD=f(TC)
125
100
PD / PDmax [%]
75
50
25
0 0 25 50 75 TC [C] 100 125 150
120
Maximum Avalanche Current vs. starting Tch IAV=f(starting Tch)
100
80 IAV / IAVmax [%]
60
40
20
0 0 25 50 75 starting Tch [C] 100 125 150
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SK2908-01S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X