Part Number Hot Search : 
TBA120S TK20E60U 47C200 D201ED 6S2TR1PB 4096XEDD SMCJ12CA CHV37H12
Product Description
Full Text Search
 

To Download 2SK2902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2902-01MR
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
FUJI POWER MOS-FET
TO-220F15
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
2.54
3. Source
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Maximum Avalanche Energy Max. power dissipation Operating and storage temperature range Symbol VDS ID ID(puls] VGS EAV *1 PD Tch Tstg Rating 60 45 180 30 461.9 40 +150 -55 to +150 Unit
Equivalent circuit schematic
Drain(D)
V A A V mJ W C C *1 L=0.304mH, Vcc=24V
Gate(G) Source(S)
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol BVDSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=10mA VDS=VGS VDS=60V VGS=0V VGS=30V VDS=0V ID=22.5A VGS=10V ID=22.5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=30V ID=45A VGS=10V RGS=10 L=100 H Tch=25C IF=45A VGS=0V Tch=25C IF=45A VGS=0V -di/dt=100A/s Tch=25C
Min.
60 2.5 Tch=25C Tch=125C
Typ.
Max.
3.5 500 1.0 100 14.5 3450 1370 390 30 80 120 80 1.5
Units
V V A mA nA m S pF
3.0 10 0.2 10 12.0 10.0 25.0 2300 910 260 18 55 70 48 45 1.0 60 0.11
ns
A V ns C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
3.125 62.5
Units
C/W C/W
1
2SK2902-01MR
Characteristics
Power Dissipation PD=f(Tc)
50 10
3
FUJI POWER MOSFET
Safe operating area ID=f(VDS):D=0.01,Tc=25C
40 10
2
t= 1s 10s
30
D.C.
ID [A]
PD [W]
100s 10
1
1ms 10ms 100ms
t D= T t T
20
10 10
0
0 0 50 100 150
10 -1 10
-1
10
0
10
1
10
2
10
3
Tc [C]
VDS [V]
Typical output characteristics ID=f(VDS):80s pulse test,Tc=25C
100 100 VGS=20V 10V 80 8V 6V 5.5V 10 60 5V
Typical transfer characteristics ID=f(VGS):80s pulse test,VDS=25V,Tch=25C
ID [A]
40 4.5V 1
20
4.0V
3.5V 0 0 1 2 3 4 5 0.1 0 2 4 6 8 10
VDS [V]
ID [A]
VGS [V]
Typical forward transconductance gfs=f(ID):80s pulse test,VDS=25V,Tch=25C
10
2
Typical Drain-Source on-State Resistance RDS(on)=f(ID):80s pulse test,Tch=25C
50 VGS= 3.5V 4.0V 4.5V 5.0V
40
RDS(on) [m ]
30 5.5V
gfs [s]
10
1
20
6V 8V 10V 20V
10
10 100
0
10
1
10
2
00
20
40
60
80
100
ID [A]
ID [A]
2
2SK2902-01MR
Drain-source on-state resistance RDS(on)=f(Tch):ID=22.5A,VGS=10V
35 5.0 4.5 30 4.0 25 3.5
FUJI POWER MOSFET
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=10mA
max.
RDS(on)[m ]
20
3.0 max.
VGS(th) [V]
typ. 2.5 min. 2.0 1.5 1.0
15 typ. 10
5 0.5 0 0.0 -50 -25 0 25 50 75 100 125 150
-50
0
50
100
150
Tch [C]
Tch [C]
50
Typical Gate Charge Characteristics VGS=f(Qg):ID=45A,Tch=25C
VDS
Typical capacitances C=f(VDS):VGS=0V,f=1MHz
25 10n
VGS 40 20 Ciss Vcc=48V 30 VDS [V] 30V 12V 15 1n Coss
VGS [V]
C [F]
20
10 100p
Crss
10
5
0 0 20 40 60 80 100 120 140
0
10p -2 10
10
-1
10
0
10
1
10
2
Qg [nC]
VDS [V]
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80s pulse test,Tch=25C
110 100 90 80 70 60 50 10V 40 10 30 20 10 5V VGS=0V
2
10
4
Typical Switching Characteristics vs. ID t=f(ID):Vcc=30V,VGS=10V,RG=10
10
3
IF [A]
t [ns]
td(off) tf tr
td(on) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10
1
10
-1
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK2902-01MR
FUJI POWER MOSFET
Transient thermal impedance Zthch=f(t) parameter:D=t/T
Maximum Avalanche Current vs. starting Tch I(AV)=f(starting Tch)
50
10
1
40
0
0.5 10 0.2
Zthch-c [K/W]
0.1 0.05
-1
30
I(AV) [A]
10
0.02
t t T
20
0.01
T
D=
10
0 10 -5 10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t [s]
0 0 50 100 150
Starting Tch [C]
Maximum Avalanche energy vs. starting Tch Eas=f(starting Tch):Vcc=24V, I(AV)<=45A
500
400
300
Eas [mJ]
200 100 0 0
50
100
150
Starting Tch [C]
4


▲Up To Search▲   

 
Price & Availability of 2SK2902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X