Part Number Hot Search : 
70510 2508A B07P03 10103 DG183BP EPC10 4707NT1 KBP100
Product Description
Full Text Search
 

To Download 2SK1739A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1739A
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
2SK1739A
RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
Unit in mm l Output Power l Drain Efficiency l Frequency : Po 90 W (Min.) : D = 50% (Typ.) : f = 770 MHz
l Push-Pull Structure Package
MAXIMUM RATINGS (Tc = 25C)
CHARACTERISTIC Drain-Source Voltage Gate-Source Voltage Drain Current Reverse Drain Current Drain Power Dissipation Channel Temperature Storage Temperature Range SYMBOL VDSS VGSS ID IDR PD Tch Tstg RATING 80 20 11 11 250 150 -55~150 UNIT V V A A W C C
JEDEC EIAJ TOSHIBA Weight: 17.5 g
-- -- 2-22C2A
000707EAA1
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
2001-01-31
1/4
2SK1739A
ELECTRICAL CHARACTERISTICS (Tc = 25C)
CHARACTERISTIC Output Power Drain Efficiency Drain-Source Breakdown Voltage Drain Cut-off Current Gate Threshold Voltage Drain-Source ON Resistance Drain-Source ON Voltage Forward Transfer Admittance Input Capacitance Output Capacitance Reverse Transfer Capacitance SYMBOL Po D V (BR) DSS IDSS Vth RDS (on) VDS (on) |Yfs| Ciss Coss Crss TEST CONDITION VDD = 40 V, Iidle = 0.2 A x 2 Pi = 10 W, f = 770 MHz * ID = 5 mA, VGS = 0 VDS = 60 V, VGS = 0 ID = 0.5 mA, VDS = 10 V ID = 2 A, VGS = 10 V ** ID = 2 A, VGS = 10 V ** ID = 1.5 A, VDS = 20 V ** MIN. 90 -- 80 -- 0.5 -- -- 0.9 -- -- -- TYP. 110 50 -- -- -- 0.5 1.0 1.3 80 40 1 MAX. -- -- -- 1.0 3.0 1.5 3.0 -- -- -- -- UNIT W % V mA V V S pF pF pF
VDS = 40 V, VGS = 0, f = 1 MHz VDS = 40 V, VGS = 0, f = 1 MHz VDS = 40 V, VGS = 0, f = 1 MHz
*: Push-Pull Operation **: Pulse Test This transistor is the electrostatic sensitive device. Please handle with caution.
2001-01-31
2/4
2SK1739A
RF OUTPUT POWER TEST FIXTURE
2001-01-31
3/4
2SK1739A
CAUTION
These are only typical curves and devices are not necessarily guaranteed at these curves.
2001-01-31
4/4


▲Up To Search▲   

 
Price & Availability of 2SK1739A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X