Part Number Hot Search : 
221M16 CXD11 A29DL324 3KP10C NTR4170 M37643F8 180CA SFBDX92
Product Description
Full Text Search
 

To Download 2SC5382 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Switching Power Transistor
2SC5382
6A NPN
OUTLINE DIMENSIONS
Case : FTO-220 Unit : mm
RATINGS
*oeAbsolute Maximum Ratings Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150*Z Junction Temperature Tj 150 *Z Collector to Base Voltage V 1200 V CBO Collector to Emitter VoltageV 550 V CEO Emitter to Base Voltage V 9 V EBO Collector Current DC IC 6 A Collector Current Peak ICP 12 Base Current DC IB 3 A Base Current Peak IBP 6 Total Transistor Dissipation P 40 W T Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque TOR (Recommended torque) 0.5(0.3) Nm *oeElectrical Characteristics (Tc=25*Z) Conditions Item Symbol Collector to Emitter Sustaining Voltage 0.1A V (sus) IC= CEO Collector Cutoff Current ICBO V = 1200V CB ICEO V = 550V CE Emitter Cutoff Current IEBO V = 9V EB DC Current Gain h V = 5V,= 3A CE C I FE h CE C I FEL V = 5V,= 1mA Collector to Emitter Saturation Voltage3A V (sat) IC= CE Base to Emitter Saturation Voltage IB= 0.6A V (sat) BE Thermal Resistance AEjc Junction to case Turn on Time ton IC= 3A Storage Time ts IB1 0.6A,=I1.2A = B2 Fall Time tf R = 50, V 4V = L BB2 Ratings Unit Min 550 V Max 0.1 mA Max 0.1 Max 0.1 mA Min 10 Min 10 Max 1.0 V Max 1.5 V Max 3.13 Z/W * Max 1.3 Max 4.0 Es Max 0.3
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SC5382
hFE - I C
VCE = 5V
100
Tc = 150C
100C
50C
25C 0C -25C
-55C
DC Current Gain hFE
10
1 0.001 0.01
0.1
1
10 12
Collector Current IC [A]
2SC5382
Saturation Voltage
3 1.5A 3A 6A 9A 2.5
3
IC = 0.5A
2.5
2
2
1.5
1.5
Collector-Emitter Voltage VCE [V]
0.5
0.5
Tc = 25C 0 0.1 1 6
0 0.01
Base Current IB [A]
Base-Emitter Voltage VBE [V]
1
1
2SC5382
10
Switching Time - IC
ts
1
Switching Time tSW [s]
ton
tf 0.1
IB1 = 0.2IC IB2 = 0.4IC VBB2 = 4V VCC = 150V Tc = 25C 0.01 0 1 2 3 4 5 6
Collector Current IC [A]
2SC5382
10
Switching Time - VCC
ts
ton 1
Switching Time tSW [s]
tf
0.1
IC = 3A IB1 = 0.6A IB2 = 1.2A VBB2 = 4V Tc = 25C 0.01 0 50 100 150 200 250 300
Collector Voltage VCC [V]
2SC5382
10
Switching Time - Tc
ts
ton
1
Switching Time tSW [s]
tf
0.1
IC = 3A IB1 = 0.6A IB2 = 1.2A VBB2 = 4V R L = 50 0.01 0 50 100 150
Case Temperature Tc [C]
2SC5382
12 10 10ms 1ms
Forward Bias SOA
200s 100s
DC
PT limit
Collector Current IC [A]
1
IS/B limit
0.1
Tc = 25C Single Pulse 0.01 1 10 100 550
Collector-Emitter Voltage VCE [V]
2SC5382
100
Collector Current Derating
Collector Current Derating [%]
80
IS/B limit
60
40
PT limit
20
VCE = fixed 0 0 50 100 150
Case Temperature Tc [C]
2SC5382
12
Reverse Bias SOA
10
8
Collector Current IC [A]
6
4
2
IB1 = 0.3IC IB2 = 1.8A VBB2 = 5V Tc < 150C 0 100 200 300 400 500 600 700 800
0
Collector-Emitter Voltage VCE [V]
2SC5382
Transient Thermal Impedance
10
1
0.1
Transient Thermal Impedance jc(t) [C/W]
0.01
0.001 10-3 10-2
10-4
10-1
100
101
102
Time t [s]


▲Up To Search▲   

 
Price & Availability of 2SC5382

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X