Part Number Hot Search : 
10A30 1N4744A SS100 2G16Q MC1458 ADP3331 MAX951 AP3842C
Product Description
Full Text Search
 

To Download 2SC3243 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92MOD Plastic-Encapsulate Transistors
2SC3243
FEATURES Power dissipation PCM: 0.9 W (Tamb=25)
3. BASE
TRANSISTOR (NPN)
TO-92MOD
1. EMITTER 2. COLLECTOR
Collector current 1 A ICM: Collector-base voltage 60 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) VCE(sat)
123
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=10A, IE=0 Ic=2mA, IB=0 IE=10A, IC=0 VCB=50V, IE=0 VEB=4V, IC=0 VCE=4V, IC=100mA IC=500mA, IB=25mA VCE=2V, IC=10mA VCB=10V, IE=0, f=1MHz
60 60 6 0.2 0.2 55 300 0.3
80 25
A A
V MHz pF
fT
Cob
CLASSIFICATION OF hFE(1) Rank Range Marking C 55-110 D 90-180 E 150-300


▲Up To Search▲   

 
Price & Availability of 2SC3243

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X