Part Number Hot Search : 
A471J X0006T 4HCT0 PSD6407 T5100380 6300A SI7818DN 1N4005G
Product Description
Full Text Search
 

To Download 2N2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906A 2N2907A TO-18
Boca Semiconductor Corp. BSC
Switching And Linear Application DC to VHF Amplifier Applications
ABSOLUTE MAXIMUM RATINGS DESCRIPTION SYMBOL 2N2906A, 07A UNIT V V V mA mW mW/deg C W mW/deg C deg C
VCEO 60 Collector -Emitter Voltage VCBO 60 Collector -Base Voltage VEBO 5.0 Emitter -Base Voltage IC 600 Collector Current Continuous PD 400 Power Dissipation @Ta=25 degC 2.28 Derate Above 25deg C PD 1.8 @ Tc=25 degC 10.3 Derate Above 25deg C Tj, Tstg Operating And Storage Junction Temperature Range ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION Collector -Emitter Voltage Collector -Base Voltage Emitter-Base Voltage Collector-Cut off Current SYMBOL VCEO* VCBO VEBO ICBO TEST CONDITION IC=10mA,IB=0 IC=10uA.IE=0 IE=10uA, IC=0 VCB=50V, IE=0
VALUE MIN MAX 60 60 5.0 10
UNIT V V V nA
Base Current Collector Emitter Saturation Voltage Base Emitter Saturation Voltage
Ta=150 deg C VCB=50V, IE=0 ICEX VCE=30V, VBE=0.5V IB VCE=30V, VBE=0.5V VCE(Sat)* IC=150mA,IB=15mA IC=500mA,IB=50mA VBE(Sat) * IC=150mA,IB=15mA IC=500mA,IB=50mA
2N2906A >40 >40 >40 40-120 >40
10 50 50 0.4 1.6 1.3 2.6 2N2907A >75 >100 >100 100-300 >50
uA nA nA V V V V
DC Current Gain
hFE
IC=0.1mA,VCE=10V IC=1mA,VCE=10V IC=10mA,VCE=10V IC=150mA,VCE=10V* IC=500mA,VCE=10V*
http://www.bocasemi.com
page: 1
Transition Frequency Out-Put Capacitance Input Capacitance Switching Time Delay time Rise time Turn-On Time
ft ** Cob Cib td tr ton
IC=50mA, VCE=20V,f=100MHz VCB=10V, IE=0,f=100kHz VBE=2V, IC=0, f=100kHz IC=150mA,IB1=15mA VCC=30V
200 -
8.0 30 10 40 45 80 30 100
MHz pF pF ns ns ns ns ns ns
ts IC=150mA, IB1=IB2=15mA Storage time tf VCC=6V Fall time toff Turn-Off Time *Pulse Test :-Pulse Width=300us, Duty Cycle=2% **ft is defined as the frequency at which \hfe/ extrapolates to unity
-
TO-18 Metal Can Package
A B DIM A B C D E F G H J K L MIN MA X 5.24 5.84 4.52 4.97 4.31 5.33 0.40 0.53 -- 0.76 -- 1.27 -- 2.97 0.91 1.17 0.71 1.21 12.70 -- 45 DE G
C
G
2 K 1 H L J D 3 F
http://www.bocasemi.com
3
2
1
PIN CONFIGURATION 1. EMITTER 2. BASE 3. COLLECTOR
page: 2
All diminsions in mm.
E


▲Up To Search▲   

 
Price & Availability of 2N2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X