|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
580 Pleasant St. Watertown, MA 02172 PH: (617) 926-0404 FAX: (617) 924-1235 2N2907A Features * * * * Meets MIL-S-19500/291 Collector-Base Voltage 60V Collector Current: 600 mAdc Fast Switching 345 nS 60 Volts 0.6 Amps PNP BIPOLAR TRANSISTOR Maximum Ratings RATING Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current--Continuous Total Device Dissipation o @ TA = 25 C o Derate above 25 C Total Device Dissipation o @ TC = 25 C o Derate above 25 C Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Operating Temperature Range Storage Temperature Range SYMBOL VCEO VCBO VEBO IC PD MAX. -60 -60 -5.0 -600 400 2.28 PD 1.8 10.3 438 97 -65 to+200 -65 to+200 Watts o mW/ C o C/W o C/W o C o C UNIT Vdc Vdc Vdc mAdc mW o mW/ C RJA RJC TJ TS Mechanical Outline Datasheet# MSC0276A 5/19/97 2N2907A Electrical Parameters (TA @ 25C unless otherwise specified) CHARACTERISTICS Off Characteristics Collector-Emitter Breakdown Voltage(1) (I C = -10 mAdc, I B = 0) Collector Base Breakdown Voltage (I C = -10 Adc, IE = 0) Emitter-Base Breakdown Voltage (I E = -10 Adc, IC = 0) Collector Cutoff Current (V CE = -50 Vdc) Collector Cutoff Current (VCB = -50 Vdc, I E = 0) o (VCB = -50 Vdc, I E = 0, TA = 150 C) Emitter Cutoff Current ( V EB = -4 Vdc) D.C. Current Gain (I C = -0.1 mAdc, V CE = -10Vdc) (I C = -1.0 mAdc, V CE = -10Vdc) (I C = -10 mAdc, V CE = -10Vdc) (I C = -150 mAdc, V CE = -10Vdc)(1) (I C = -500 mAdc, V CE = -10Vdc)(1) (I C = -10mAdc,V CE = -10Vdc) T A = -55oC Collector-Emitter Saturation Voltage(1) (I C = -150 mAdc, I B = -15 mAdc) (I C = -500 mAdc, I B = -50 mAdc) Base-Emitter Saturation Voltage (I C = -150 mAdc, I B = -15 mAdc) (I C = -500 mAdc, I B = -50 mAdc) Magnitude of small-signal short cicuit forward current transfer ratio (I C = -50 mAdc, V CE = -20 Vdc, f = 100 MHz) Output Capacitance (VCB = -10 Vdc, I E = 0, 100kHz < f < 1MHz Input Capacitance (VEB = -2.0 Vdc, I C = 0, 100kHz < f < 1MHz Switching Speeds Turn-on Time (V CC = -30 Vdc, I C = -150 mAdc, IB1 = -15 mAdc) Turn-off Time IB1 = IB2 = -15 mAdc) (V CC = -6.0 Vdc, I C = -150 mAdc, SYMBOL BVCEO BVCBO BVEBO ICES ICBO -60 -60 -5.0 -----------50 -0.01 -10 -50 -450 -300 -Vdc --VBE(Sat) -0.6 -/hfe/ 2 COBO -CIBO -tON --45 ns -8.0 30 --pF pF ---1.3 -2.6 ---0.4 -1.6 Vdc MIN. TYP. MAX. UNIT Vdc Vdc Vdc nAdc Adc IEBO hFE -75 100 100 100 50 50 ------- nAdc -- VCE(Sat) toff -- 300 ns (1) Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%. Datasheet# MSC0276A 5/19/97 |
Price & Availability of 2N2907A |