Part Number Hot Search : 
SM5063 HSP451 JQ250 VQGT610A ZPD68 C24FJ256 DG401BDJ UF5408GP
Product Description
Full Text Search
 

To Download 1SMB36A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMB5.0AT3 Series 600 Watt Peak Power Zener Transient Voltage Suppressors
Unidirectional*
The SMB series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The SMB series is supplied in ON Semiconductor's exclusive, cost-effective, highly reliable SurmeticTM package and is ideally suited for use in communication systems, automotive, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.
Specification Features http://onsemi.com
PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 5.0 V - 170 V, 600 W PEAK POWER
* * * * * * * * *
Working Peak Reverse Voltage Range - 5.0 V to 170 V Standard Zener Breakdown Voltage Range - 6.7 V to 199 V Peak Power - 600 W @ 1.0 ms ESD Rating of Class 3 (>16 kV) per Human Body Model Maximum Clamp Voltage @ Peak Pulse Current Low Leakage < 5.0 mA Above 10 V UL 497B for Isolated Loop Circuit Protection Response Time is Typically < 1.0 ns Pb-Free Packages are Available
Cathode
Anode
SMB CASE 403A PLASTIC
Mechanical Characteristics CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are
MARKING DIAGRAM
YWW xx Y WW xx = Year = Work Week = Specific Device Code = (See Table Page 3)
readily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260C for 10 Seconds
LEADS: Modified L-Bend providing more contact area to bond pads POLARITY: Cathode indicated by polarity band MOUNTING POSITION: Any
*Please see 1SMB10CAT3 to 1SMB78CAT3 for Bidirectional devices.
ORDERING INFORMATION
Device 1SMBxxxAT3 1SMBxxxAT3G Package SMB SMB (Pb-Free) Shipping 2500/Tape & Reel 2500/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Individual devices are listed on page 3 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2004
1
May, 2004 - Rev. 7
Publication Order Number: 1SMB5.0AT3/D
1SMB5.0AT3 Series
MAXIMUM RATINGS
Rating Peak Power Dissipation (Note 1) @ TL = 25C, Pulse Width = 1 ms DC Power Dissipation @ TL = 75C Measured Zero Lead Length (Note 2) Derate Above 75C Thermal Resistance from Junction-to-Lead DC Power Dissipation (Note 3) @ TA = 25C Derate Above 25C Thermal Resistance from Junction-to-Ambient Forward Surge Current (Note 4) @ TA = 25C Operating and Storage Temperature Range Symbol PPK PD Value 600 3.0 40 25 0.55 4.4 226 100 -65 to +150 Unit W W mW/C C/W W mW/C C/W A C
RqJL PD RqJA IFSM TJ, Tstg
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. 10 X 1000 ms, non-repetitive 2. 1 square copper pad, FR-4 board 3. FR-4 board, using ON Semiconductor minimum recommended footprint, as shown in 403A case outline dimensions spec. 4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
ELECTRICAL CHARACTERISTICS (TA = 25C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 5) = 30 A) Symbol IPP VC VRWM IR VBR IT IF VF Parameter Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Forward Current Forward Voltage @ IF VC VBR VRWM IF
I
IR VF IT
V
IPP
5. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, non-repetitive duty cycle.
Uni-Directional TVS
http://onsemi.com
2
1SMB5.0AT3 Series
ELECTRICAL CHARACTERISTICS (Devices listed in bold, italic are ON Semiconductor Preferred devices.)
VRWM (Note 6) Volts Breakdown Voltage IR @ VRWM mA VBR (Note 7) Volts Min Nom Max @ IT mA VC @ IPP (Note 8) VC Volts IPP Amps
Device
Device Marking
1SMB5.0AT3 1SMB6.0AT3, G* 1SMB6.5AT3 1SMB7.0AT3
1SMB7.5AT3 1SMB8.0AT3 1SMB8.5AT3 1SMB9.0AT3 1SMB10AT3 1SMB11AT3 1SMB12AT3 1SMB13AT3 1SMB14AT3 1SMB15AT3, G* 1SMB16AT3 1SMB17AT3 1SMB18AT3 1SMB20AT3 1SMB22AT3 1SMB24AT3, G* 1SMB26AT3 1SMB28AT3, G* 1SMB30AT3, G* 1SMB33AT3, G* 1SMB36AT3 1SMB40AT3 1SMB43AT3 1SMB45AT3 1SMB48AT3 1SMB51AT3 1SMB54AT3 1SMB58AT3 1SMB60AT3 1SMB64AT3 1SMB70AT3 1SMB75AT3 1SMB85AT3 1SMB90AT3 1SMB100AT3 1SMB110AT3 1SMB120AT3 1SMB130AT3 1SMB150AT3 1SMB160AT3 1SMB170AT3
KE KG KK KM
KP KR KT KV KX KZ LE LG LK LM LP LR LT LV LX LZ ME MG MK MM MP MR MT MV MX MZ NE NG NK NM NP NR NV NX NZ PE PG PK PM PP PR
5.0 6.0 6.5 7.0
7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 85 90 100 110 120 130 150 160 170
800 800 500 500
100 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 55.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
6.40 6.67 7.22 7.78
8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 94.4 100 111 122 133 144 167 178 189
6.7 7.02 7.6 8.19
8.77 9.36 9.92 10.55 11.7 12.85 14 15.15 16.4 17.6 18.75 19.9 21.05 23.35 25.65 28.1 30.4 32.75 35.05 38.65 42.1 46.75 50.3 52.65 56.1 59.7 63.15 67.8 70.2 74.85 81.9 87.7 99.2 105.5 117 128.5 140 151.5 176 187.5 199
7.0 7.37 7.98 8.6
9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86 92.1 104 111 123 135 147 159 185 197 209
10 10 10 10
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
9.2 10.3 11.2 12.0
12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 137 146 162 177 193 209 243 259 275
65.2 58.3 53.6 50.0
46.5 44.1 41.7 39.0 35.3 33.0 30.2 27.9 25.8 24.0 23.1 21.7 20.5 18.5 16.9 15.4 14.2 13.2 12.4 11.3 10.3 9.3 8.6 8.3 7.7 7.3 6.9 6.4 6.2 5.8 5.3 4.9 4.4 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.2
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC or continuous peak operating voltage level. 7. VBR measured at pulse test current IT at an ambient temperature of 25C. 8. Surge current waveform per Figure 2 and derate per Figure 4 of the General Data - 600 W at the beginning of this group. * The "G" suffix indicates Pb-Free package available.
http://onsemi.com
3
1SMB5.0AT3 Series
100 PPK, PEAK POWER (kW) NONREPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 2 10 tr 10 ms 100 VALUE (%) PEAK VALUE - IPP IPP 2 PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IPP.
HALF VALUE - 50 tP
1
0.1
0.1 ms
1 ms
10 ms
100 ms
1 ms
10 ms
0
0
1
2
3 t, TIME (ms)
4
tP, PULSE WIDTH
Figure 1. Pulse Rating Curve
160 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ T = 25 C A 140 C, CAPACITANCE (pF) 120 100 80 60 40 20 0 0 25 50 75 100 125 10,000
Figure 2. Pulse Waveform
MEASURED @ ZERO BIAS 1000 MEASURED @ VRWM 100
150
10 0.1
1
10
100
1000
TA, AMBIENT TEMPERATURE (C)
VBR, BREAKDOWN VOLTAGE (VOLTS)
Figure 4. Pulse Derating Curve
Figure 5. Capacitance versus Breakdown Voltage
Zin
Vin
LOAD
VL
Figure 3. Typical Protection Circuit
http://onsemi.com
4
1SMB5.0AT3 Series
APPLICATION NOTES
RESPONSE TIME
In most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. In this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. The capacitive effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in Figure 6. The inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. This inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in Figure 7. Minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. The SMB series have a very good response time, typically < 1.0 ns and negligible inductance. However, external inductive effects could produce unacceptable overshoot. Proper circuit layout,
minimum lead lengths and placing the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. Some input impedance represented by Zin is essential to prevent overstress of the protection device. This impedance should be as high as possible, without restricting the circuit operation.
DUTY CYCLE DERATING
The data of Figure 1 applies for non-repetitive conditions and at a lead temperature of 25C. If the duty cycle increases, the peak power must be reduced as indicated by the curves of Figure 8. Average power must be derated as the lead or ambient temperature rises above 25C. The average power derating curve normally given on data sheets may be normalized and used for this purpose. At first glance the derating curves of Figure 8 appear to be in error as the 10 ms pulse has a higher derating factor than the 10 ms pulse. However, when the derating factor for a given pulse of Figure 8 is multiplied by the peak power value of Figure 1 for the same pulse, the results follow the expected trend.
http://onsemi.com
5
1SMB5.0AT3 Series
OVERSHOOT DUE TO INDUCTIVE EFFECTS Vin (TRANSIENT) VL VL
V
Vin (TRANSIENT)
V
Vin td tD = TIME DELAY DUE TO CAPACITIVE EFFECT t
t
Figure 6.
Figure 7.
1 0.7 0.5 DERATING FACTOR 0.3 0.2 0.1 0.07 0.05 0.03 0.02 10 ms 0.01 0.1 0.2 0.5 1 2 5 10 D, DUTY CYCLE (%) 20 50 100 100 ms PULSE WIDTH 10 ms
1 ms
Figure 8. Typical Derating Factor for Duty Cycle
UL RECOGNITION The entire series has Underwriters Laboratory Recognition for the classification of protectors (QVGV2) under the UL standard for safety 497B and File #116110. Many competitors only have one or two devices recognized or have recognition in a non-protective category. Some competitors have no recognition at all. With the UL497B recognition, our parts successfully passed several tests including Strike Voltage Breakdown test, Endurance Conditioning, Temperature test, Dielectric Voltage-Withstand test, Discharge test and several more. Whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their Protector category.
http://onsemi.com
6
1SMB5.0AT3 Series
OUTLINE DIMENSIONS
SMB CASE 403A-03 ISSUE D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. INCHES DIM MIN MAX A 0.160 0.180 B 0.130 0.150 C 0.075 0.095 D 0.077 0.083 H 0.0020 0.0060 J 0.006 0.012 K 0.030 0.050 P 0.020 REF S 0.205 0.220 MILLIMETERS MIN MAX 4.06 4.57 3.30 3.81 1.90 2.41 1.96 2.11 0.051 0.152 0.15 0.30 0.76 1.27 0.51 REF 5.21 5.59
S A
D
B
C
K
P
J
H
SOLDERING FOOTPRINT*
2.261 0.089
2.743 0.108
2.159 0.085
SCALE 8:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
7
1SMB5.0AT3 Series
SURMETIC is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
1SMB5.0AT3/D
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1SMB36A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X