Part Number Hot Search : 
10SVP56M K1536BDC 1R1001 MDU1513 HD74ALVC 2SA1694 18TRU GH17M
Product Description
Full Text Search
 

To Download 1N746A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
1N43 1N7 SERIES ZENER DIODES
1N43 1N7 1N43 1N7 SERIES ZENER DIODES
(T A=25C unless otherwise noted) VFMAX=1.2V @ I F =200mA for all types. VFMAX =1.2V @ I F =200mA. Max Reverse Leakage Current T A = 25C T A = 150C IR @VR=1V IR @VR=1V A A
TYPE
Nominal Zener Voltage Vz@L ZT Volts
Test Current I ZT mA
Max Zener Impedance Z ZT @ IZT Ohms
Maximun DC Zener Current mA
Package Dimensions
1N4370A 1N4371A 1N4372A 1N746A 1N747A 1N748A 1N749A 1N750A 1N751A 1N752A 1N753A 1N754A 1N755A 1N756A 1N757A 1N758A 1N759A
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 12 20 20 20
30 30 29 28 24 23 22 19 17 11 7 5 6 8 10 17 30
150 135 120 110 100 95 85 75 70 65 60 55 50 45 40 35 30
100 75 50 10 10 10 2.0 2.0 1.0 1.0 0.1 0.1
200 150 100 30 30 30 30 20 20 20
DO-35 (mm)
29 1
0.5 0.1
20
0.1
20
NOTE: The VZ value shown is the center value with tolerance designations as follows: suffix B: VZ 5% suffix C: VZ 2% suffix D: VZ 1%
Vz
1.8 0.2
B C D
Vz Vz Vz
3.8 0.2
30
29 1
5% 2% 1%
4B-1/1


▲Up To Search▲   

 
Price & Availability of 1N746A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X