Part Number Hot Search : 
L9214A ZN509 OP113 ZN509 MAX1976 50PI5 DTA124 ANALOG
Product Description
Full Text Search
 

To Download 11DQ03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-2.287 rev. B 02/2000
11DQ03 11DQ04
SCHOTTKY RECTIFIER 1.1 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 1 Apk, TJ = 25C range
Description/Features Units
A V A V C The 11DQ.. axial leaded Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. Low profile, axial leaded outline High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
11DQ..
1.1 30/40 225 0.55 - 40 to 150
CASE STYLE AND DIMENSIONS
Conform to JEDEC Outline DO-204AL (DO-41) Dimensions in millimeters and inches
1
11DQ03, 11DQ04
PD-2.287 rev. B 02/2000
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
11DQ03
30
11DQ04
40
Absolute Maximum Ratings
Parameters
I F(AV) Max. Average Forward Current * See Fig. 4 I FSM Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 6 225 35 A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
11DQ.. Units
1.1 A
Conditions
50% duty cycle @ TA =75 C, rectangular wave form
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
11DQ.. Units
0.55 0.71 0.50 0.61 1.0 6.0 60 8.0 V V V V mA mA pF nH @ 1A @ 2A @ 1A @ 2A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current * See Fig. 2 Typical Series Inductance (1) Typical Junction Capacitance
TJ = 25 C TJ = 125 C
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
11DQ..
-40 to 150 -40 to 150 130 81
Units
C C
Conditions
RthJA Max. Thermal Resistance Junction to Ambient RthJA Typical Thermal Resistance Junction to Ambient with PC Board Mounted wt Approximate Weight Case Style
C/W DCoperation Without cooling fin C/W PC board mounted [L = 8mm (0.315 in.)] Solder land area 100mm2 (0.155 in2.)
0.33(0.012) g (oz.) DO-204AL(DO-41)
2
11DQ03, 11DQ04
PD-2.287 rev. B 02/2000
10
100 10
Reverse Current - IR (mA)
T J = 150C
1
125C
0.1 0.01
25C
Instantaneous Forward Current - IF (A)
0.001 0.0001 0 10 20 30 40
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
TJ = 150C TJ = 125C
1
TJ = 25C
100
Junction Capacitance - CT (pF)
T = 25C J
0.1 0 0.3 0.6 0.9 1.2 1.5
Forward Voltage Drop - VFM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics
10 0 10 20 30 40 50
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
3
11DQ03, 11DQ04
PD-2.287 rev. B 02/2000
150
Allowable Case Temperature - (C) Average Power Loss - (Watts)
0.8
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
120
DC
0.6
90
0.4
60
Square wave (D = 0.50) 80% Rated V applied R
30
see note (2)
0.2
0 0 0.3 0.6 0.9 1.2 1.5
Average Forward Current - IF(AV)(A) Fig. 4 - Max. Allowable Case Temperature Vs. Average Forward Current
0 0 0.3 0.6 0.9 1.2 1.5
Average Forward Current - IF(AV) (A) Fig. 5- Forward Power Loss Characteristics
Non-Repetitive Surge Current - IFSM(A)
1000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge
100
10 10
100
1000
10000
Square Wave Pulse Duration - tp(microsec) Fig. 6 - Max. Non-Repetitive Surge Current
(2) Formula used: TC = T J - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
11DQ03, 11DQ04
PD-2.287 rev. B 02/2000
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN: http://www.irf.com
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. Data and specifications subject to change without notice.
Fax-On-Demand: +44 1883 733420
5


▲Up To Search▲   

 
Price & Availability of 11DQ03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X