Part Number Hot Search : 
CPT01 M37160M8 6M006 SHM50SMS FSL9130R KLL5817 LMR12WD 6M006
Product Description
Full Text Search
 

To Download XWD6012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (888) IPD-CONVerters q (888) 473-2668
q
www.ipdconverters.com
XWD SERIES - DUAL OUTPUT, 180 WATT
DESCRIPTION XWD dual output, DC to DC converters are high powered converters that cover a wide range of applications. Available input voltages include 12V, 24V, 40V, and 48V. Output voltages are available from 5V to 15V. The XWD features remote sense leads for accurate point of load regulation, and has short circuit and overcurrent protection. For single and triple output high power solutions, see the XWS and XWT series of converters. FEATURES * High Power Package * Wide Input Range * Trim and Enable * Remote Sense Pins * 500V Isolation * Short Circuit Protection
Efficiency vs. Load (24V Input)
90
85
EFFICIENCY %
80
XWD2405
75
(18v) (24v) (36v)
TECHNICAL SPECIFICATIONS
Input Voltage Range 12 VDC Nominal 24 VDC Nominal 48 VDC Nominal 40 VDC Nominal (Wide Input) Input Ripple Current Reverse Input Current Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min. - Iout Max., Vin Nom. Minimum Output Current Dynamic Regulation, Loadstep Pk Deviation Settling Time Voltage Trim Range Current Limit Threshold Range, % of Iout Rated General Turn-On Time Remote Shutdown Switching Frequency Isolation Input - Output Temperature Coefficient Case Temperature Operating Range Storage Range Thermal Shutdown Range Humidity Max., Non-Condensing Vibration, 3 Axes, 5 Min Each MTBF (Bellcore TR-NWT-000332) Safety Weight (Approx.) 10 ms Positive Logic 200 kHz 500 VDC 0.02%/C -25 To +85C -40 To +125C 105 - 115C 95% 5 g, 10 - 55 Hz Consult Factory Consult Factory 15.4 oz 1% 1% Vout 1% Vout 10 % 25% Iout 10 18 36 20 20% 100% 20 VDC 36 VDC 72 VDC 60 VDC Iin Max. Iin Max.
70
65 10 20 30 40 50 60 70 80 90 100
LOAD %
Efficiency vs. Load (48V Input)
90
85
EFFICIENCY %
80
XWD4812 XWD4815
4% Vout 500 s 10% 110 - 130%
75
70 10 20 30 40 50 60 70 80 90 100
LOAD %
Notes
MTBF predictions may vary slightly from model to model. Industrial temp range of -40 to +85C available. Specifications typically at 25C, normal line, and full load, unless otherwise stated. Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information.
1
XWD SERIES - DUAL OUTPUT, 180 WATT
MODELS - (See the last page of Section C for options.)
Vin (Volts) 12 12 12 24 24 24 48 48 48 40 40 40 Vin Range (Volts) 10 - 20 10 - 20 10 - 20 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 20 - 60 20 - 60 20 - 60 Iin Max.* (Amps) 14.0 16.9 16.7 11.3 13.3 13.3 5.5 6.5 6.5 10.3 12.2 12.2 Vout (Volts) 5 12 15 5 12 15 5 12 15 5 12 15 Iout Rated (Amps) 10 5.2 4.15 15 7.5 6 15 7.5 6 15 7.5 6 Ripple & Noise Pk-Pk (mV) 50 120 150 50 120 150 50 120 150 50 120 150 Efficiency Typ. ** 79% 81% 82% 82% 83% 83% 84% 85% 85% 80% 81% 81% Model XWD1205 XWD1212 XWD1215 XWD2405 XWD2412 XWD2415 XWD4805 XWD4812 XWD4815 XWD6005 XWD6012 XWD6015
* Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output.
Thermal Impedance Natural convection 100 LFM 200 LFM 300 LFM 400 LFM 2.5 2.1 1.7 1.3 1.1 C/W C/W C/W C/W C/W
MECHANICAL DRAWING
5.50" (139.7mm) #4-40 THREADED INSERTS 4PLS.
2.625"(66.7mm)
Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application.
1
8
2.250"(57.2mm)
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14
Function No Pin -Vin -Vin +Vin +Vin Enable Case -V1 Sense -V1out +V1out +V1 Sense1 - V2out Trim + V2out Tolerances
2
9
1.875"(47.6mm)
3 3.50" (88.9mm)
10
1.500"(38.1mm)
4
BOTTOM VIEW
11
1.125"(28.6mm)
5
12
0.750"(19.1mm)
6
13
0.375"(9.5mm)
7
14
0
-0.375"(-9.5mm) -0.625"(-15.9mm)
-0.60" (-15.2mm)
0
4.300" (109.2mm)
DIA 0.040" 13PL. (1.0mm)
Inches: .XX 0.040 .XXX 0.010 Pin: 0.002
0.92" (23.4mm)
(Millimeters) .X 1.0 .XX 0.25 0.05
(Dimensions as listed unless otherwise specified.)
2
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
OPTION Negative Logic Lucent Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless SUFFIX N T TS 1 2 3 4 Y APPLICABLE SERIES HAS, HBD, HBS, HES, LES, QBS, QES, TES, TQD HAS, HBD, HBS, HES, QBS, QES XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS REMARKS TTL "Low" Turns Module ON TTL "High" Turns Module OFF
PIN LENGTH AND HEATSINK OPTIONS 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages)
Standard Pin Length is 0.180" (4.6mm)
Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options:HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110" pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
3


▲Up To Search▲   

 
Price & Availability of XWD6012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X