Part Number Hot Search : 
FSAV433 MC10EP89 440HS144 ADT7461A MCU11E9 CEM8434 HV518 MC75172
Product Description
Full Text Search
 

To Download TGA1088-EPU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Product Information
23 - 29 GHz High Power Amplifier
TGA1088-EPU
Key Features and Performance
* * * * * * * * 0.25um pHEMT Technology 23 GHz - 29 GHz Frequency Range Nominal 1 Watt (28GHz) @ P1dB Nominal Gain of 23 dB OTOI 38 dBm typical (Linear Mode) Bias 7V @ 400 mA Idq (Sat Power mode) Bias 7V @ 650 mA Idq (Linear mode) Chip Dimensions 4.115mm x 3.047mm
Primary Applications
*
The TriQuint TGA188-EPU is a three stage HPA MMIC design using TriQuint's proven 0.25 um Power pHEMT process to support a variety of millimeter wave applications including point-to-point digital radio, LMDS/LMCS and Ka-band satellite spacecraft and ground terminals. The three stage design consists of a 400 um input device driving a pair of 600 um interstage devices followed by four 600 um output devices. The device is identical to TriQuint's TGA9070 with the exception of additional bias circuitry that allows the flexibility to operate in two different modes. The high saturated power mode will give identical performance to the TGA9070. The high linearity mode will provide 2-3dB improvement in OTOI performance over the TGA9070. The TGA1088 provides greater than 1W of output power across 23-29 GHz with a typical PAE of 35%. Typical small signal gain is 23 dB. The device may be biased for either high saturated power or high linearity via bond wire jumpers. The TGA188 requires minimum off-chip components. Each device is 100% DC and RF tested on-wafer to ensure performance compliance. The device is available in chip form.
LMDS Point-to-Point Radio
TGA 1088 Typical Small Signal Gain
28 26 24 22 20 18
*
Gain (dB)
16 14 12 10 8 6 4 2 0 23 24 25 26 27 Frequency (GHz) 28 29 30 31
TGA 1088 Typical Saturated Output Power
Biased in High Saturated Power Mode
34 32 30 Pout @ Pin = 12dBm (dBm) 28 26 24 22 20 18 16 14 12 10 23 24 25 26 27 Frequency (GHz) 28 29 30 31
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice. 1 1
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
Vg .01uF 100pF
Jumper
Rf in Rf out
Vd
.01uF
100pF
TGA1088 Bias Connection for High linearity Mode
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice. 2
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
Vg .01uF 100pF
Jumper
Rf in Rf out
Vd
.01uF
100pF
TGA1088 Bias Connection for High Saturated Power Mode
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice. 3
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice. 4
TriQuint Semiconductor Texas : (972)994 8465
Fax (972)994 8504 Web: www.triquint.com


▲Up To Search▲   

 
Price & Availability of TGA1088-EPU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X