Part Number Hot Search : 
ZMY91G T93C46 001591 15KP200A A61L6316 HW941A YM536 E000936
Product Description
Full Text Search
 

To Download TGA1082B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Product Information
27- 32 GHz 1.5 Watt Power Amplifier
Key Features
* * * * * *
TGA1082B
Prototype Part #, Production Part # TBD
0.25 um pHEMT Technology 22 dB Nominal Gain at 30GHz 1W Nominal Pout @ P1dB 1.5W Psat at 30GHz Bias 6 - 7V @ 960 mA Chip Dimensions 4.13mm x 3.3mm
Primary Applications
* *
The TriQuint TGA1082B-EPU is a three stage HPA MMIC design using TriQuint's proven 0.25 um Power pHEMT process. The TGA1082B is designed to support a variety of millimeter wave applications including point-to-point digital radio and LMDS/LMCS and Ka band satellite ground terminals. The TGA1082B provides 30 dBm nominal output power at 1dB compression across 27-32GHz. Typical small signal gain is 22 dB at 30GHz. The TGA1082B requires minimum off-chip components. Each device is 100% DC and RF tested on-wafer to ensure performance compliance. The device is available in chip form.
32 30 P1dB (dBm) 28 26 24 22 20 18 28 29 30 Frequency (GHz) 31 32
Point-to-Point Radio Point-to-Multipoint Communications Ka Band Sat-Com
30 28 26 24 22 20 18 16 28 29 30 Frequency (GHz) 31 32
*
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice
Gain (dB)
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
1
Advance Product Information
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
2
Advance Product Information
Figure 1 -- Recommended Bias Layout
0.01uF 68pF
0.01uF 68pF Vd
Vd
0.01uF 1000pF 68pF
68 pF
.01uF
RF In
RF Out
Vg
0.01uF 1000pF 68pF
68 pF
.01uF
Optional stability network (2 PL) iff Airbridges are broken. Contact TQT Applications for additional information
5 Ohms
68pF Airbridges 2 pl
Figure 2 -- Optional Bias Mode for Enhanced Stability
Break Airbridges 2 pl 5 Ohms Optional stability network (2 PL) iff Airbridges are broken. Contact TQT Applications for additional information
68pF
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
3


▲Up To Search▲   

 
Price & Availability of TGA1082B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X