Part Number Hot Search : 
S1610 382503 08A10 SPE6V CZRF2V4B 74FR573 T351507 ST1041
Product Description
Full Text Search
 

To Download SR5200H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR5100H
THRU
SR5200H
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE
100 to 200 Volts
CURRENT FEATURES
* High voltage * Low leakage current * High reliability * Epitaxial construction
5.0 Amperes
DO-201AD
.220(5.6) .197(5.0) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.10 grams
.375(9.5) .285(7.2)
.052(1.3) .048(1.2) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RqJA (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SR5100H 100 70 100
SR5150H 150 105 150 5.0 60 1.05 0.01 10 380 -50 -50 10 +125 +150
SR5200H 200 140 200
UNITS V V V A A V mA mA pF C/W C C
Ta=125 C
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
RATING AND CHARACTERISTIC CURVES (SR5100H THRU SR5200H)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
6.0 5.0
50
INSTANTANEOUS FORWARD CURRENT,(A)
4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 140 160 180 200
10 5.0
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
AMBIENT TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
100
0.1
PEAK FORWARD SURGE CURRENT,(A)
80
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
60
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
FORWARD VOLT AGE,(V)
40
20
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 10
NUMBER OF CYCLES AT 60Hz
Tj=125 C
FIG.4-TYPICAL JUNCTION CAPACITANCE
1400 1200 1000 800 600 400 200 0
JUNCTION CAPACITANCE,(pF)
REVERSE LEAKAGE CURRENT, (mA)
1
.1
.01
Tj=25 C
.01
.05
.1
.5
1
5
10
50
100
.001 0
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)


▲Up To Search▲   

 
Price & Availability of SR5200H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X