|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Security & Chip Card ICs SLE 44C10S 8-bit Security Controller with 9-Kbyte ROM, 256 byte RAM 1 Kbyte EEPROM and Sleep Mode Short Product Information 07.99 6/( &6 6KRUW 3URGXFW ,QIRUPDWLRQ 5HYLVLRQ +LVWRU\ Previous Releases: Page &XUUHQW 9HUVLRQ 2.0 (06.98) Subjects (changes since last revision) Layout change ,PSRUWDQW:Further information is confidential and on request. Please contact: Infineon Technologies AG in Munich, Germany, Security & Chip Card ICs, Fax +49 89 234-28925 3XEOLVKHG E\ ,QILQHRQ 7HFKQRORJLHV $* L*U && $SSOLFDWLRQV *URXS 6W0DUWLQ6WUDVVH ' 0QFKHQ ,QILQHRQ 7HFKQRORJLHV $* L*U $OO 5LJKWV 5HVHUYHG $WWHQWLRQ SOHDVH The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. ,QIRUPDWLRQ For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). :DUQLQJV Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. 6/( &6 ELW 6HFXULW\ &RQWUROOHU ZLWK .E\WH 520 E\WH 5$0 .E\WH ((3520 DQG 6OHHS 0RGH )HDWXUHV * 8-bit microcomputer in CMOS technology * Instruction set opcode compatible with standard SAB8051 processor * Dedicated, non-standard architecture with execution time less than half of standard SAB 8051 processor * 7-Kbyte User ROM for application programs * 2-Kbyte manufacturer ROM for &hip 0anagement 6ystem (CMS) * .E\WH ((3520 as program/data memory * 256-byte RAM * Power saving sleep mode * Clock freq. = int. freq.: 1 to 5 MHz1) at 5 V 10 %, 1 to 4 MHz at 3 V 10 % * * * * * Contact configuration and serial interface in accordance with ISO7816 Supply voltage range: 2.7 V to 5.5 V < 10 mA supply current at 5 MHz Temperature range: - 25 to + 70 C 2) ESD protection larger than 4 kV ((3520 * Reading, erasing and writing byte by byte * Flexible page mode for 1 to 16 bytes write/erase operation * 32 bytes security area * Write time 3.5 ms, erase time 1.75 ms * Frequency-adaptable programming time * Minimum of 500 000 write/erase cycles3) * Data retention for minimum of ten years * EEPROM programming voltage generated on chip 6HFXULW\ )HDWXUHV * ROM code not visible due to implantation * Low voltage sensor * High voltage sensor * Low-frequency sensor * High-frequency protection * 16 bytes security PROM, hardware protected * Unique chip identification number for each chip &06 * Intelligent write/erase routines for N bytes programming (0 < N < 256) * 7ZR VHULDO LQWHUIDFH PRGHV DFFRUGLQJ WR ,62 - 9600 bit/s related to 3.57 MHz - 9600 bit/s related to 4.91 MHz 1) 2) 3) Extended frequency range up to 7.5 MHz is available, see ordering information. Extended temperature range is available for certain applications, e.g. GSM, see ordering information. Values are temperature dependent, for further information please refer to your Infineon Technologies Sales Office. 6KRUW 3URGXFW ,QIRUPDWLRQ 3/5 6/( &6 2UGHULQJ ,QIRUPDWLRQ 7\SH SLE 44C10S-M4 SLE 44C10S-C SLE 44C10S-S SLE 44C10S -T85-M4 SLE 44C10S -T85-C SLE 44C10S -T85-S SLE 44C10S -V5-M4 SLE 44C10S -V5-C SLE 44C10S -V5-S SLE 44C10S -V5-T85-M4 SLE 44C10S -V5-T85-C SLE 44C10S -V5-T85-S SLE 44C10S -V5-F7-M4 SLE 44C10S -V5-F7-C SLE 44C10S -V5-F7-S 3DFNDJH 9ROWDJH 5DQJH 7HPSHUDWXUH 5DQJH M4 C S M4 C S M4 C S M4 C S M4 C S 4.5 V - 5.5 V - 25C to + 70C 1 MHz - 7.5 MHz 4.5 V - 5.5 V - 25C to + 85C 1 MHz - 5 MHz 4.5 V - 5.5 V - 25C to + 70C 1 MHz - 5 MHz 2.7 V - 5.5 V - 25C to + 85C 1MHz - 5MHz @ 5V 1MHz - 4MHz @ 3V 2.7 V - 5.5 V - 25C to + 70C )UHTXHQF\ 5DQJH 1MHz - 5MHz @ 5V 1MHz - 4MHz @ 3V 1 available as wire-bonded module (M4) for embedding in plastic cards, as die (C) for customer packaging or on request as SMT-package (S) 6KRUW 3URGXFW ,QIRUPDWLRQ 4/5 6/( &6 3LQ 'HVFULSWLRQ )LJXUH 3LQ &RQILJXUDWLRQ WRS YLHZ 3LQ 'HILQLWLRQV DQG )XQFWLRQV &DUG &RQWDFW C1 C2 C3 C5 C4;C6,C8 C7 6\PERO VCC RST CLK GND N.C. I/O )XQFWLRQ Operating voltage Reset input Processor clock input Ground Not connected Bi-directional data port *HQHUDO 'HVFULSWLRQ SLE 44C10S is a member of the Infineon Technologies 44 security microcontroller series, especially designed for smart card applications. The device is fabricated in an Infineon Technologies proprietary CMOS technology. New features such as low voltage operation, extended page mode and I/O routines offer additional performance required in applications like metering and membership cards. 6KRUW 3URGXFW ,QIRUPDWLRQ 5/5 |
Price & Availability of SLE44C10S |