Part Number Hot Search : 
16100 C2052 M3501 F0918 UPA67C IRF3805 ASX200A 1N582007
Product Description
Full Text Search
 

To Download SI4931DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4931DY
New Product
Vishay Siliconix
Dual P-Channel 12-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.018 @ VGS = -4.5 V -12 0.022 @ VGS = -2.5 V 0.028 @ VGS = -1.8 V
FEATURES
ID (A)
-8.9 -8.1 -3.6
D TrenchFETr Power MOSFET D Advanced High Cell Density Process
APPLICATIONS
D Load Switching
S1
S2
SO-8
S1 G1 S2 G2 1 2 3 4 Top View Ordering Information: SI4931DY--E3 SI4931DY-T1--E3 (with Tape and Reel) 8 7 6 5 D1 D1 D2 D2 G1 G2
D1 P-Channel MOSFET
D2 P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
Steady State
-12 "8
Unit
V
-8.9 -7.1 -30 -1.7 2.0 1.3 -55 to 150
-6.7 -5.4 A
-0.9 1.1 0.7 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1 " x 1" FR4 Board. Document Number: 72379 S-32411--Rev. B, 24-Nov-03 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
46 80 24
Maximum
62.5 110 32
Unit
_C/W C/W
1
SI4931DY
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = -350 mA VDS = 0 V, VGS = "8 V VDS = -12 V, VGS = 0 V VDS = -12 V, VGS = 0 V, TJ = 55_C VDS = -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -8.9 A Drain-Source On-State Resistancea rDS(on) VGS = -2.5 V, ID = -8.1 A VGS = -1.8 V, ID = -3.6 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = -6 V, ID = -8.9 A IS = -1.7 A, VGS = 0 V -30 0.0145 0.018 0.023 26 -0.7 -1.2 0.018 0.022 0.028 S V W -0.4 -1.0 "100 -1 -5 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = -1.7 A, di/dt = 100 A/ms VDD = -6 V, RL = 6 W ID ^ -1 A, VGEN = -4.5 V, RG = 6 W VDS = -6 V, VGS = -4.5 V, ID = -8.9 A 34.5 5.1 9.6 9 25 46 230 155 128 40 70 345 235 200 ns W 52 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
30 VGS = 5 thru 2 V 24 I D - Drain Current (A) I D - Drain Current (A) 24 30
Transfer Characteristics
18
18
12
1.5 V
12 TC = 125_C 6 25_C
6 1V 0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V)
-55_C 1.0 1.5 2.0 2.5
0 0.0
0.5
VGS - Gate-to-Source Voltage (V) Document Number: 72379 S-32411--Rev. B, 24-Nov-03
www.vishay.com
2
SI4931DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.10 r DS(on) - On-Resistance ( W ) 5000
Vishay Siliconix
Capacitance
C - Capacitance (pF)
0.08
4000 Ciss 3000
0.06
0.04
VGS = 1.8 V VGS = 2.5 V VGS = 4.5 V
2000 Coss 1000 Crss
0.02
0.00 0 6 12 18 24 30
0 0 2 4 6 8 10 12
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 6 V ID = 8.9 A 4 1.4
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 8.9 A 1.2
3
r DS(on) - On-Resistance (W) (Normalized)
1.0
2
1
0.8
0 0 10 20 30 40 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
30 0.10
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
0.08 ID = 8.9 A 0.06 ID = 3.6 A 0.04
I S - Source Current (A)
10
TJ = 150_C
TJ = 25_C
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 72379 S-32411--Rev. B, 24-Nov-03
www.vishay.com
3
SI4931DY
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.3 V GS(th) Variance (V) ID = 350 mA 0.2 0.1 0.0 -0.1 -0.2 -50 6 Power (W) 18 30
Single Pulse Power
24
12
-25
0
25
50
75
100
125
150
0 10-2
10-1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
100
Safe Operating Area, Junction-to-Ambient
rDS(on) Limited IDM Limited
10 I D - Drain Current (A)
P(t) = 0.001 P(t) = 0.01
1
ID(on) Limited
P(t) = 0.1 P(t) = 1
0.1
TA = 25_C Single Pulse BVDSS Limited 1 10
P(t) = 10 dc
0.01 0.1
100
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 1 Square Wave Pulse Duration (sec) 10-1
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
www.vishay.com
4
Document Number: 72379 S-32411--Rev. B, 24-Nov-03
SI4931DY
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Vishay Siliconix
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 72379 S-32411--Rev. B, 24-Nov-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI4931DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X