|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ECONOLINE - DC/DC-Converter RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Single Output) Features Load Voltage Regulation <1.5% Controllable Output 1kVDC Isolation SIP & DIP Package Styles UL 94V-0 Package Material No Heatsink Required Toroidal Magnetics Fully Encapsulated Selection Guide Part Number DIP14 RX-XX05S RX-XX09S RX-XX12S RX-XX15S RX-XX24S Part Number SIP7 RY-XX05S RY-XX09S RY-XX12S RY-XX15S RY-XX24S Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 5 9 12 15 24 Output Current (mA) 180 111 84 66 42 Efficiency (%) 58-60 56-62 60-66 60-66 60-68 Specifications (Core Operating Area) and Operating Temperature / Derating-Graph Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise Output Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight RX types RY types 5% Capacitor Type 5% 1% 1% 100mVp-p max. Output Power (Watts) 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 71 Operating Temperature C 2.0 50% min. 1.000VDC min. 10 G min. 30pF min./150pF max. 1 Second 30kHz min. / 88kHz max. -40C to +71C (see Graph) -55C to +125C 2.9g 2.8g Typical Applications Flash PROM Programming Voltage Control Normal Isolated Regulated Output Vcc 1 2 Vcc 1 2 RY-XX12 CTRL 5 1k 6 Vout = 12V, TTL = 0V Vout = 1.2V, TTL = 1V GND RY-XX12 CTRL 4 6 Vout GND 4 5 NC TTL Input 2N2219, BC107, ZTX451 or Similar Transistors capable of Sinking 50mA Continuous Current 0V 0V 0V EC 38 August 2002 www.recom-international.com ECONOLINE - DC/DC-Converter RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Single Output) Package Style and Pinning (mm) 8 PIN DIP Package 7 PIN SIP Package 3rd angle projection 1 Bottom View 19.65 7.05 14 11 10 9 19.90 10.20 RX-0512S RECOM **** RY-0512S RECOM **** 0.51 typ. RY-0512S RECOM **** 10.00 7.62 4.10 0.51 typ. 12 456 7.10 1.27 2.0 12 456 0.25 12.70 2.0 3.05 12.70 Recommended Footprint Details 1.00 o+0.15/-0 1.00 o+0.15/-0 2.54 2.54 2.54 2.54 Pin Connections Pin # 1 2 4 5 6 9 10 11 14 RX -Vin No Pin No Pin No Pin No Pin +Vout CTRL -Vout +Vin RY +Vin -Vin -Vout CTRL +Vout No Pin No Pin No Pin No Pin XX.X 0.5 mm XX.XX 0.25 mm www.recom-international.com August 2002 EC 39 |
Price & Availability of RY1224S |