Part Number Hot Search : 
BT101 133BG 133BG BF423 133BG 133BG 133BG CDB4329
Product Description
Full Text Search
 

To Download Q62702-B0862 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BBY 53-02W
Silicon Tuning Diode Preliminary data * High Q hyperabrupt tuning diode * Designed for low tuning voltage operation for VCO's in mobile communications equipment * High ratio at low reverse voltage
2
1
VES05991
Type BBY 53-02W
Marking L
Ordering Code Q62702-B0862
Pin Configuration 1=C 2=A
Package SCD-80
Maximum Ratings Parameter Diode reverse voltage Forward current Operating temperature range Storage temperature Symbol Value 6 20 -55 ...+150 -55 ...+150 Unit V mA C
VR IF T op T stg
Semiconductor Group Semiconductor Group
11
Au 1998-11-01 -20-1998
BBY 53-02W
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC characteristics Reverse current typ. max. 10 200
Unit
IR IR
-
nA
VR = 4 V
Reverse current
VR = 4 V, TA = 65 C
AC characteristics Diode capacitance
CT
4.8 1.85 1.8 5.3 2.4 2.2 0.37 0.12 1.8 5.8 3.1 2.6 -
pF
VR = 1 V, f = 1 MHz VR = 3 V, f = 1 MHz
Capacitance ratio
CT1/C T3 rs CC Ls
pF nH
VR = 1 V, VR = 3 V, f = 1 MHz
Series resistance
VR = 1 V, f = 1 GHz
Case capacitance
f = 1 MHz
Series inductance chip to ground
Semiconductor Group Semiconductor Group
22
Au 1998-11-01 -20-1998
BBY 53-02W
Diode capacitance CT = f (V R) f = 1MHz
6
pF
CT
4
3
2
1
0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
V
3.0
VR
Semiconductor Group Semiconductor Group
33
Au 1998-11-01 -20-1998


▲Up To Search▲   

 
Price & Availability of Q62702-B0862

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X