Part Number Hot Search : 
AMS421 KC847C ET1106 AOZ8015 CDPH36 CDPH36 C550B TK10416M
Product Description
Full Text Search
 

To Download Q62702-A1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS 16W Silicon Switching Diode
* For high speed switching applications
Type BAS 16W
Marking Ordering Code A6s Q62702-A1050
Pin Configuration 1=A 3=C
Package SOT-323
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage Forward current Surge forward current, t = 1 s Total Power dissipation Symbol Values 75 85 250 4.5 mW 250 150 - 65 ... + 150 260 125 C mA Unit V
VR VRM IF IFS Ptot Tj Tstg RthJA RthJS
TS 119 C
Junction temperature Storage temperature Thermal Resistance Junction ambient
1)
K/W
Junction - soldering point
1) Package mounted on epoxy pcb 40mm x 40mmm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
Nov-28-1996
BAS 16W
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC characteristics Breakdown voltage Values typ. max. Unit
V(BR)
75 -
V mV 715 855 1000 1250 A 1 30 50
I(BR) = 100 A
Forward voltage
VF
IF = 1 mA IF = 10 mA IF = 50 mA IF = 150 mA
Reverse current
IR
VR = 70 V, TA = 25 C VR = 25 V, TA = 150 C VR = 75 V, TA = 150 C
AC characteristics Diode capacitance
CD
2
pF ns 6
VR = 0 V, f = 20 MHz
Reverse recovery time
trr
IF = 10 mA, IR = 10 mA, RL = 100 trr measured at 1 mA
Semiconductor Group
2
Nov-28-1996
BAS 16W
Forward current IF = f (TA*;TS) * Package mounted on epoxy
Forward current IF = f (VF) TA = 25C
300
mA
IF TA
200
TS
150
100
50
0 0 20 40 60 80 100 120 C 150 TA ,TS
Permissible Pulse Load RthJS = f(tp)
Permissible Pulse Load IFmax/IFDC = f(tp)
10 3
10 2
K/W
RthJS
10 2
IFmax/IFDC
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1 0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
10 s 10 tp
-1
0
Semiconductor Group
3
Nov-28-1996
BAS 16W
Forward voltage VF = f (TA)
Reverse current IR = f (TA)
Semiconductor Group
4
Nov-28-1996


▲Up To Search▲   

 
Price & Availability of Q62702-A1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X