Part Number Hot Search : 
Q4015L5 VGB8193 MAZ3300 A2702 14NM50N M66011FP FFCR55S0 SMAJ550
Product Description
Full Text Search
 

To Download PMEG2005AEV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D744
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV Very low VF MEGA Schottky barrier rectifiers
Product specification 2003 Aug 20
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
FEATURES * Very low forward voltage * High surge current * Ultra small plastic SMD package. APPLICATIONS * Low voltage rectification * High efficiency DC/DC conversion * Voltage clamping * Inverse polarity protection * Low power consumption applications. DESCRIPTION Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOT666 ultra small SMD plastic package.
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
QUICK REFERENCE DATA SYMBOL IF VR PARAMETER forward current reverse voltage PMEG2005AEV PMEG3005AEV PMEG4005AEV PINNING PIN 1 2 3 4 5 6 DESCRIPTION cathode cathode anode anode cathode cathode 20 30 40 V V V MAX. 0.5 UNIT A
handbook, halfpage 6
5
4
1, 2 5, 6
3, 4
MHC310
1
2
3
Fig.1 MARKING TYPE NUMBER PMEG2005AEV PMEG3005AEV PMEG4005AEV RELATED PRODUCTS TYPE NUMBER PMEGxx05AEA PMEG2005EB PMEG2010EA DESCRIPTION MARKING CODE G1 G2 G3
Simplified outline (SOT666 and symbol).
FEATURE SOD323 (SC-76) package SOD523 (SC-79) package higher forward current
0.5 A; 20/30/40 V very low VF MEGA Schottky rectifier 0.5 A; 20 V very low VF MEGA Schottky rectifier 1 A; 20 V very low VF MEGA Schottky rectifier
2003 Aug 20
2
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VR PARAMETER continuous reverse voltage PMEG2005AEV PMEG3005AEV PMEG4005AEV IF IFRM IFSM Tj Tamb Tstg Notes 1. Refer to SOT666 standard mounting conditions. 2. Only valid if pins 3 and 4 are connected in parallel. 3. For Schottky barrier diodes thermal runaway has to be considered, as in some applications, the reverse power losses (PR) are a significant part of the total power losses. Nomograms for determination of the reverse power losses PR and IF(AV) rating will be available on request. THERMAL CHARACTERISTICS SYMBOL Rth j-a Rth j-s Notes 1. Refer to SOT666 standard mounting conditions. 2. For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determination of the reverse power losses PR and IF(AV) rating will be available on request. 3. Device mounted on an FR4 printed-circuit board with copper clad 10 x 10 mm. 4. Solder point of cathode tab. PARAMETER thermal resistance from junction to ambient thermal resistance from junction to soldering point CONDITIONS in free air; notes 1 and 2 in free air; notes 2 and 3 note 4 VALUE 405 215 80 UNIT K/W K/W K/W continuous forward current repetitive peak forward current non-repetitive peak forward current junction temperature operating ambient temperature storage temperature note 1 tp 1 ms; 0.5; note 2 tp = 8 ms; square wave; note 2 note 3 note 3 - - - - - - - -65 -65 20 30 40 0.5 3.5 10 150 +150 +150 V V V A A A C C C CONDITIONS MIN. MAX. UNIT
2003 Aug 20
3
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
ELECTRICAL CHARACTERISTICS Tamb = 25 C unless otherwise specified.
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
PMEG2005AEV PMEG3005AEV PMEG4005AEV SYMBOL VF PARAMETER forward voltage CONDITIONS TYP. IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 100 mA IF = 500 mA IR continuous reverse current VR = 10 V; note 1 VR = 20 V; note 1 VR = 30 V; note 1 VR = 40 V; note 1 Cd Note 1. Pulse test: tp 300 s; 0.02. diode capacitance VR = 1 V; f = 1 MHz 90 150 210 280 355 15 40 - - 66 MAX. 130 190 240 330 390 40 200 - - 80 TYP. 90 150 215 285 380 12 - 40 - 55 MAX. 130 200 250 340 430 30 - 150 - 70 TYP. 95 155 220 295 420 7 - - 30 43 MAX. 130 210 270 350 470 20 - - 100 50 mV mV mV mV mV A A A A pF UNIT
2003 Aug 20
4
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
GRAPHICAL DATA
103 handbook, halfpage IF (mA) 102
MDB675
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
105 handbook, halfpage IR (A)
(1)
MDB676
104
(1)
(2)
(3)
103
(2)
10 102 1 10
(3)
10-1
0
0.2
0.4
VF (V)
0.6
1 0 PMEG2005AEV (1) Tamb = 150 C. (2) Tamb = 85 C. (3) Tamb = 25 C. 5 10 15 VR (V) 20
PMEG2005AEV (1) Tamb = 150 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
Fig.2
Forward current as a function of forward voltage; typical values.
Fig.3
Reverse current as a function of reverse voltage; typical values.
handbook, halfpage
150
MDB677
Cd (pF) 100
50
0 0 5 10 15 VR (V) 20
PMEG2005AEV f = 1 MHz; Tamb = 25 C.
Fig.4
Diode capacitance as a function of reverse voltage; typical values.
2003 Aug 20
5
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
103 handbook, halfpage IF (mA) 102
MDB672
105 handbook, halfpage IR (A)
(1)
MDB673
104
(1)
(2)
(3)
103
(2)
10 102
1 10
(3)
10-1
0
0.2
0.4
VF (V)
0.6
1
0
10
20
VR (V)
30
PMEG3005AEV (1) Tamb = 150 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
PMEG3005AEV (1) Tamb = 150 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
Fig.5
Forward current as a function of forward voltage; typical values.
Fig.6
Reverse current as a function of reverse voltage; typical values.
handbook, halfpage
120
MDB674
Cd (pF)
80
40
0 0 5 10 15 VR (V) 20
PMEG3005AEV f = 1 MHz; Tamb = 25 C.
Fig.7
Diode capacitance as a function of reverse voltage; typical values.
2003 Aug 20
6
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
103 handbook, halfpage IF (mA) 102
MDB669
105 handbook, halfpage IR (A)
(1)
MDB670
104
(1)
(2)
(3)
103
(2)
10 102
1 10
(3)
10-1
0
0.2
0.4
VF (V)
0.6
1 0 PMEG4005AEV (1) Tamb = 150 C. (2) Tamb = 85 C. (3) Tamb = 25 C. 10 20 30 VR (V) 40
PMEG4005AEV (1) Tamb = 150 C. (2) Tamb = 85 C. (3) Tamb = 25 C.
Fig.8
Forward current as a function of forward voltage; typical values.
Fig.9
Reverse current as a function of reverse voltage; typical values.
handbook, halfpage
100 Cd (pF) 80
MDB671
60
40
20
0 0 5 10 15 VR (V) 20
PMEG4005AEV f = 1 MHz; Tamb = 25 C.
Fig.10 Diode capacitance as a function of reverse voltage; typical values.
2003 Aug 20
7
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
PACKAGE OUTLINE Plastic surface mounted package; 6 leads
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
SOT666
D
A
E
X
S
YS HE
6
5
4
pin 1 index A
1
e1 e
2
bp
3
wMA Lp detail X
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 0.6 0.5 bp 0.27 0.17 c 0.18 0.08 D 1.7 1.5 E 1.3 1.1 e 1.0 e1 0.5 HE 1.7 1.5 Lp 0.3 0.1 w 0.1 y 0.1
OUTLINE VERSION SOT666
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-01-04 01-08-27
2003 Aug 20
8
Philips Semiconductors
Product specification
Very low VF MEGA Schottky barrier rectifiers
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
PMEG2005AEV; PMEG3005AEV; PMEG4005AEV
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Aug 20
9
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613514/01/pp10
Date of release: 2003
Aug 20
Document order number:
9397 750 11687


▲Up To Search▲   

 
Price & Availability of PMEG2005AEV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X