Part Number Hot Search : 
STB30 TPS0402 550E009M SM7644HW DFB2005 VSKT152 R5F21357 7D271
Product Description
Full Text Search
 

To Download PCA9543 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
PCA9543 2-channel I2C switch with interrupt logic and reset
Product data sheet Supersedes data of 2002 Feb 19 2004 Oct 01
Philips Semiconductors
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
FEATURES
* 1-of-2 bi-directional translating switches * I2C interface logic; compatible with SMBus standards * 2 Active LOW Interrupt Inputs * Active LOW Interrupt Output * Active LOW Reset Input * 2 address pins allowing up to 4 devices on the I2C-bus * Channel selection via I2C-bus, in any combination * Power up with all switch channels deselected * Low RdsON switches * Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and * No glitch on power-up * Supports hot insertion * Low stand-by current * Operating power supply voltage range of 2.3 V to 5.5 V * 5 V tolerant Inputs * 0 kHz to 400 kHz clock frequency * ESD protection exceeds 2000 V HBM per JESD22-A114, * Latchup testing is done to JESDEC Standard JESD78 which * Packages offered: SO14, TSSOP14
DESCRIPTION
The PCA9543 is a bi-directional translating switch, controlled by the I2C-bus. The SCL/SDA upstream pair fans out to two downstream pairs, or channels. Any individual SCx/SDx channels or combination of channels can be selected, determined by the contents of the programmable control register. Two interrupt inputs, INT0 to INT3, one for each of the downstream pairs, are provided. One interrupt output INT, which acts as an AND of the two interrupt inputs, is provided. An active-LOW reset input allows the PCA9543 to recover from a situation where one of the downstream I2C-buses is stuck in a LOW state. Pulling the RESET pin LOW resets the I2C state machine and causes all the channels to be deselected, as does the internal power on reset function. The pass gates of the switches are constructed such that the VDD pin can be used to limit the maximum high voltage which will be passed by the PCA9543. This allows the use of different bus voltages on each SCx/SDx pair, so that 1.8 V, 2.5 V, or 3.3 V parts can communicate with 5 V parts without any additional protection. External pull-up resistors pull the bus up to the desired voltage level for each channel. All I/O pins are 5 V tolerant. exceeds 100 mA 150 V MM per JESD22-A115 and 1000 V per JESD22-C101 5 V buses
PIN CONFIGURATION
A0 1 A1 RESET INT0 SD0 SC0 VSS 2 3 4 5 6 7 14 VDD 13 SDA 12 SCL 11 INT 10 SC1 9 8 SD1 INT1
SW00803
Figure 1. Pin configuration
PIN DESCRIPTION
PIN NUMBER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 SYMBOL A0 A1 RESET INT0 SD0 SC0 VSS INT1 SD1 SC1 INT SCL SDA VDD FUNCTION Address input 0 Address input 1 Active LOW reset input Interrupt input 0 Serial data 0 Serial clock 0 Supply ground Interrupt input 1 Serial data 1 Serial clock 1 Interrupt output Serial clock line Serial data line Supply voltage
ORDERING INFORMATION
PACKAGES 14-Pin Plastic SO 14-Pin Plastic TSSOP TEMPERATURE RANGE -40 C to +85 C -40 C to +85 C ORDER CODE PCA9543D PCA9543PW DRAWING NUMBER SOT108-1 SOT402-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.
2004 Oct 01
2
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
BLOCK DIAGRAM
PCA9543
SC0
SC1
SD0
SD1
SWITCH CONTROL LOGIC VSS
VDD RESET
POWER-ON RESET
SCL INPUT FILTER SDA
I2C-BUS CONTROL
A0 A1
INT[0-1]
INT LOGIC
INT
SW00804
Figure 2. Block diagram
2004 Oct 01
3
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
DEVICE ADDRESS
Following a START condition the bus master must output the address of the slave it is accessing. The address of the PCA9543 is shown in Figure 3. To conserve power, no internal pull-up resistors are incorporated on the hardware selectable address pins and they must be pulled HIGH or LOW.
1 1 1 FIXED 0 0 A1 A0 R/W
INTERRUPT HANDLING
The PCA9543 provides 2 interrupt inputs, one for each channel, and one open drain interrupt output. When an interrupt is generated by any device, it will be detected by the PCA9543 and the interrupt output will be driven LOW. The channel need not be active for detection of the interrupt. A bit is also set in the Control Register. Bits 4 - 5 of the Control Register correspond to the INT0 and INT1 inputs of the PCA9543, respectively. Therefore, if an interrupt is generated by any device connected to channel 1, the state of the interrupt inputs is loaded into the control register when a read is accomplished. Likewise, an interrupt on any device connected to channel 0 would cause bit 4 of the control register to be set on the read. The master can then address the PCA9543 and read the contents of the Control Register to determine which channel contains the device generating the interrupt. The master can then reconfigure the PCA9543 to select this channel, and locate the device generating the interrupt and clear it. It should be noted that more than one device can be providing an interrupt on a channel, so it is up to the master to ensure that all devices on a channel are interrogated for an interrupt. The interrupt inputs may be used as general purpose inputs if the interrupt feature is not required. If unused, interrupt input(s) must be connected to VDD through a pull-up resistor. Table 2. Control Register Read -- Interrupt
7
CHANNEL 0 CHANNEL 1 INT0 INT1 SW01025
HARDWARE SELECTABLE
SW00893
Figure 3. Slave address The last bit of the slave address defines the operation to be performed. When set to logic 1, a read is selected while a logic 0 selects a write operation.
CONTROL REGISTER
Following the successful acknowledgement of the slave address, the bus master will send a byte to the PCA9543, which will be stored in the control register. If multiple bytes are received by the PCA9543, it will save the last byte received. This register can be written and read via the I2C-bus.
INTERRUPT BITS CHANNEL SELECTION BITS (READ/WRITE) (READ ONLY) 7 7 6 6 5 4 3 X 2 X 1 B1 0 B0
INT1 INT0
6
INT1
INT0 0
3
2
B1
B0
COMMAND No interrupt on channel 0 Interrupt on channel 0 No interrupt on channel 1 Interrupt on channel 1
X
X
X 1 0
X
X
X
X
Figure 4. Control Register
CONTROL REGISTER DEFINITION
One or several SCx/SDx downstream pair, or channel, is selected by the contents of the control register. This register is written after the PCA9543 has been addressed. The 2 LSBs of the control byte are used to determine which channel is to be selected. When a channel is selected, the channel will become active after a stop condition has been placed on the I2C-bus. This ensures that all SCx/SDx lines will be in a HIGH state when the channel is made active, so that no false conditions are generated at the time of connection. Table 1. Control Register; Write -- Channel Selection/ Read -- Channel Status D7 D6 INT1 INT0 D3 D2 B1 B0 COMMAND Channel 0 0 disabled X X X X X X X Channel 0 1 enabled Channel 1 0 disabled X X X X X X X Channel 1 1 enabled 0 0 0 0 0 0 0 0 No channel selected; power-up/ reset default state
X
X 1
X
X
X
X
X
NOTE: The two interrupts can be active at the same time.
RESET INPUT
The RESET input is an active-LOW signal which may be used to recover from a bus fault condition. By asserting this signal LOW for a minimum of tWL, the PCA9543 will reset its registers and I2C state machine and will deselect all channels. The RESET input must be connected to VDD through a pull-up resistor.
POWER-ON RESET
When power is applied to VDD, an internal Power-On Reset holds the PCA9543 in a reset state until VDD has reached VPOR. At this point, the reset condition is released and the PCA9543 registers and I2C state machine are initialized to their default states, all zeroes causing all the channels to be deselected.
NOTE: Channel 0 and 1 can be enabled at the same time. Care should be taken not to exceed the maximum bus capacitance. 2004 Oct 01 4
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
VOLTAGE TRANSLATION
The pass gate transistors of the PCA9543 are constructed such that the VDD voltage can be used to limit the maximum voltage that will be passed from one I2C-bus to another.
Vpass vs. VDD 5.0 4.5 MAXIMUM 4.0 TYPICAL 3.5 Vpass 3.0 2.5 2.0 1.5 1.0 2.0 2.5 3.0 3.5 4.0 VDD 4.5 5.0 5.5 MINIMUM
Figure 5 shows the voltage characteristics of the pass gate transistors (note that the graph was generated using the data specified in the DC Characteristics section of this datasheet). In order for the PCA9543 to act as a voltage translator, the Vpass voltage should be equal to, or lower than the lowest bus voltage. For example, if the main bus was running at 5 V, and the downstream buses were 3.3 V and 2.7 V, then Vpass should be equal to or below 2.7 V to effectively clamp the downstream bus voltages. Looking at Figure 5, we see that Vpass (max.) will be at 2.7 V when the PCA9543 supply voltage is 3.5 V or lower so the PCA9543 supply voltage could be set to 3.3 V. Pull-up resistors can then be used to bring the bus voltages to their appropriate levels (see Figure 12). More Information can be found in Application Note AN262 PCA954X family of I 2C/SMBus multiplexers and switches.
SW00820
Figure 5. Vpass voltage
2004 Oct 01
5
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
CHARACTERISTICS OF THE I2C-BUS
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy.
Start and stop conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is HIGH is defined as the start condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the stop condition (P) (see Figure 7).
Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as control signals (see FIgure 6).
System configuration
A device generating a message is a transmitter: a device receiving is the receiver. The device that controls the message is the master and the devices which are controlled by the master are the slaves (see Figure 8).
SDA
SCL data line stable; data valid change of data allowed
SW00363
Figure 6. Bit transfer
SDA
SDA
SCL S START condition P STOP condition
SCL
SW00365
Figure 7. Definition of start and stop conditions
SDA SCL
MASTER TRANSMITTER/ RECEIVER
SLAVE RECEIVER
SLAVE TRANSMITTER/ RECEIVER
MASTER TRANSMITTER
MASTER TRANSMITTER/ RECEIVER
I2C MULTIPLEXER
SLAVE
SW00366
Figure 8. System configuration
2004 Oct 01
6
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
Acknowledge
The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not limited. Each byte of eight bits is followed by one acknowledge bit. The acknowledge bit is a HIGH level put on the bus by the transmitter whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also a master must generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge related clock pulse, set-up and hold times must be taken into account. A master receiver must signal an end of data to the transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this event, the transmitter must leave the data line HIGH to enable the master to generate a stop condition.
DATA OUTPUT BY TRANSMITTER not acknowledge DATA OUTPUT BY RECEIVER acknowledge SCL FROM MASTER S START condition 1 2 8 9 clock pulse for acknowledgement
SW00368
Figure 9. Acknowledgement on the
I2C-bus
SLAVE ADDRESS
CONTROL REGISTER
SDA
S
1
1
1
0
0
A1
A0
0 R/W
A
X
X
X
X
X
X
B1
B0
A
P
start condition
acknowledge from slave
acknowledge from slave
SW00807
Figure 10. WRITE Control Register
SLAVE ADDRESS
CONTROL REGISTER
last byte
SDA
S
1
1
1
0
0
A1
A0
1 R/W
A
X
X INT1 INT0
X
X
B1
B0
NA
P stop condition
start condition
acknowledge from slave
no acknowledge from master
SW00808
Figure 11. READ Control Register
2004 Oct 01
7
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
TYPICAL APPLICATION
VDD = 2.7 - 5.5 V VDD = 3.3 V V = 2.7 - 5.5 V SEE NOTE (1) SDA SCL SDA SCL INT SD0 CHANNEL 0 SC0 INT0
RESET
V = 2.7 - 5.5 V SEE NOTE (1)
I2C SMBus MASTER A1 A0 SC1 NOTE: 1. If the device generating the Interrupt has an open-drain output structure or can be tri-stated, a pull-up resistor is required. If the device generating the Interrupt has a totem-pole output structure and cannot be tri-stated, a pull-up resistor is not required. The Interrupt inputs should not be left floating. VSS INT1 SD1
CHANNEL 1
PCA9543
SW00809
Figure 12. Typical application
2004 Oct 01
8
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).Voltages are referenced to GND (ground = 0 V). SYMBOL VDD VI II IO IDD ISS Ptot Tstg Tamb PARAMETER DC supply voltage DC input voltage DC input current DC output current Supply current Supply current total power dissipation Storage temperature range Operating ambient temperature CONDITIONS RATING -0.5 to +7.0 -0.5 to +7.0 20 25 100 100 400 -60 to +150 -40 to +85 UNIT V V mA mA mA mA mW C C
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C.
DC CHARACTERISTICS
SYMBOL Supply VDD IDD Istb VPOR VIL VIH IOL IL Ci VIL VIH ILI Ci Pass Gate RON
VDD = 2.3 V to 3.6 V; VSS = 0 V; Tamb = -40 C to +85 C; unless otherwise specified. (See page 10 for VDD = 3.6 V to 5.5 V) PARAMETER TEST CONDITIONS LIMITS MIN 2.3 Operating mode; VDD = 3.6 V; no load; VI = VDD or VSS; fSCL = 100 kHz Standby mode; VDD = 3.6 V; no load; VI = VDD or VSS; fSCL = 0 kHz no load; VI = VDD or VSS -- -- -- -0.5 0.7VDD VOL = 0.4 V VOL = 0.6 V VI = VDD or VSS VI = VSS 3 6 -1 -- -0.5 0.7VDD VI = VDD or VSS VI = VSS VCC = 3.0 V to 3.6 V; VO = 0.4 V; IO = 15 mA VCC = 2.3 V to 2.7 V; VO = 0.4V; IO = 10 mA Vswin = VDD = 3.3 V; Iswout = -100 A VP Pass Switch output voltage out ut Vswin = VDD = 3.0 V to 3.6 V; Iswout = -100 A Vswin = VDD = 2.5 V; Iswout = -100 A Vswin = VDD = 2.5 V to 2.7 V; Iswout = -100 A IL Cio INT Output IOL IOH LOW-level output current HIGH-level output current VOL = 0.4 V 3 -- -- -- -- +100 mA A Leakage current Input/output capacitance VI = VDD or VSS VI = VSS -1 -- 5 7 -- 1.6 -- 1.1 -1 -- TYP -- 160 25 1.6 -- -- -- -- -- 9 -- -- -- 1.6 20 26 2.2 -- 1.5 -- -- 3 MAX 3.6 200 100 2.1 0.3VDD 6 - - +1 10 +0.3VDD VDD + 0.5 +1 3 30 55 -- 2.8 -- 2.0 +1 5 A pF V UNIT
Supply voltage Supply current Standby current Power-on reset voltage LOW-level input voltage HIGH-level input voltage LOW-level out ut current output Leakage current Input capacitance LOW-level input voltage HIGH-level input voltage Input leakage current Input capacitance
V A A V V V mA A pF V V A pF
Input SCL; input/output SDA
Select inputs A0 to A1 / INT0 to INT1 / RESET
Switch resistance
2004 Oct 01
9
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
DC CHARACTERISTICS
SYMBOL Supply VDD IDD
VDD = 3.6 V to 5.5 V; VSS = 0 V; Tamb = -40 C to +85 C; unless otherwise specified. (See page 9 for VDD = 2.3 V to 3.6 V) PARAMETER TEST CONDITIONS LIMITS MIN 3.6 Operating mode; VDD = 5.5 V; no load; VI = VDD or VSS; fSCL = 100 kHz Standby mode; VDD = 5.5 V; no load; VI = VDD or VSS; fSCL = 0 kHz no load; VI = VDD or VSS -- TYP -- 570 MAX 5.5 600 UNIT
Supply voltage Supply current
V A
Istb VPOR VIL VIH IO OL IIL IIH Ci VIL VIH ILI Ci Pass Gate RON VPass IL Cio INT Output IOL IOH
Standby current Power-on reset voltage LOW-level input voltage HIGH-level input voltage LOW-level LOW level output current LOW-level input current HIGH-level input current Input capacitance LOW-level input voltage HIGH-level input voltage Input leakage current Input capacitance Switch resistance Switch output voltage Leakage current Input/output capacitance LOW-level output current HIGH-level output current
-- -- -0.5 0.3VDD
80 1.7 -- -- -- -- -- -- 9 -- -- -- 2 11 3.5 -- -- 3 -- --
200 2.1 0.3VDD 6 -- -- 10 100 10 +0.3VDD VDD + 0.5 +50 5 24 -- 4.5 +100 5 -- +100
A V V V mA mA A A pF V V A pF V V A pF mA A
Input SCL; input/output SDA
VOL = 0.4 V VOL = 0.6 V VI = VSS VI = VDD VI = VSS
3 6 -10 -- -- -0.5 0.7VDD
Select inputs A0 to A1 / INT0 to INT1 / RESET
VI = VDD or VSS VI = VSS VCC = 4.5 V to 5.5 V; VO = 0.4 V; IO = 15 mA Vswin = VDD = 5.0 V; Iswout = -100 A Vswin = VDD = 4.5 V to 5.5 V; Iswout = -100 A VI = VDD or VSS VI = VSS VOL = 0.4 V
-1 -- 4 -- 2.6 -1 -- 3 --
2004 Oct 01
10
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
AC CHARACTERISTICS
SYMBOL tpd fSCL tBUF tHD;STA tLOW tHIGH tSU;STA tSU;STO tHD;DAT tSU;DAT tR tF Cb tSP tVD:DATL tVD:DATH tVD:ACK INT tiv tir Lpwr Hpwr RESET tWL(rst) trst tREC:STA Pulse width LOW reset Reset time (SDA clear) Recovery to Start 4 500 0 -- -- -- 4 500 0 -- -- -- ns ns ns INTn to INT active valid time INTn to INT inactive delay time LOW-level pulse width rejection or INTn inputs HIGH-level pulse width rejection or INTn inputs -- -- 1 500 4 2 -- -- -- -- 1 500 4 2 -- -- s s ns ns PARAMETER Propagation delay from SDA to SDn or SCL to SCn SCL clock frequency Bus free time between a STOP and START condition Hold time (repeated) START condition After this period, the first clock pulse is generated LOW period of the SCL clock HIGH period of the SCL clock Setup time for a repeated START condition Setup time for STOP condition Data hold time Data set-up time Rise time of both SDA and SCL signals Fall time of both SDA and SCL signals Capacitive load for each bus line Pulse width of spikes which must be suppressed by the input filter Data valid (HL) Data valid (LH) Data valid Acknowledge STANDARD-MODE I2C-BUS MIN -- 0 4.7 4.0 4.7 4.0 4.7 4.0 02 250 -- -- -- -- -- -- -- MAX 0.31 100 -- -- -- -- -- -- 3.45 -- 1000 300 400 50 1 0.6 1 FAST-MODE I2C-BUS MIN -- 0 1.3 0.6 1.3 0.6 0.6 0.6 02 100 20 + 0.1Cb3 20 + 0.1Cb3 -- -- -- -- -- MAX 0.31 400 -- -- -- -- -- -- 0.9 -- 300 300 400 50 1 0.6 1 ns kHz s s s s s s s ns ns s s ns s s s UNIT
NOTES: 1. Pass gate propagation delay is calculated from the 20 typical RON and and the 15 pF load capacitance. 2. A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) in order to bridge the undefined region of the falling edge of SCL. 3. Cb = total capacitance of one bus line in pF.
SDA
tBUF
tLOW
tR
tF
tHD;STA
tSP
SCL
tHD;STA P S tHD;DAT tHIGH tSU;DAT Sr
tSU;STA
tSU;STO P
SU00645
Figure 13. Definition of timing on the 2004 Oct 01 11
I2C-bus
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
2004 Oct 01
12
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
2004 Oct 01
13
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
REVISION HISTORY
Rev _2 Date 20041001 Description Product data sheet (9397 750 14112). Supersedes data of 2002 Feb 19 (9397 750 09458).
* Table 1 "Control Register; Write--Channel Selection / Read--Channel Status" on page 4:
add `No channel selected; power-up/reset default state' row to bottom of table. _1 20020219 Product data (9397 750 09458). ECN 853-2316 27757 of 19 February 2002.
Modifications:
2004 Oct 01
14
Philips Semiconductors
Product data sheet
2-channel I2C switch with interrupt logic and reset
PCA9543
Purchase of Philips I2C components conveys a license under the Philips' I2C patent to use the components in the I2C system provided the system conforms to the I2C specifications defined by Philips. This specification can be ordered using the code 9398 393 40011.
Data sheet status
Level
I
Data sheet status [1]
Objective data sheet
Product status [2] [3]
Development
Definitions
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data sheet
Qualification
III
Product data sheet
Production
[1] Please consult the most recently issued data sheet before initiating or completing a design. [2] The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. [3] For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products--including circuits, standard cells, and/or software--described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2004 All rights reserved. Published in the U.S.A. Date of release: 10-04
For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
Document number:
9397 750 14112
Philips Semiconductors
2004 Oct 01 15


▲Up To Search▲   

 
Price & Availability of PCA9543

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X