Part Number Hot Search : 
45116 HHM1545 JWM11BH RM155 UT54A RM155 RM155 LM193
Product Description
Full Text Search
 

To Download NTE1536 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1536 Integrated Circuit CB Transceiver PLL Frequency Synthesizer
Description: The NTE1536 is a CMOS LSI device for the 27MHZ Citizen's Band Transceiver. Function: The NTE1536 composes a Phase Lock Loop (PLL) frequency synthesizer system with only one crystal for an AM CB transceiver. Features: D Only one crystal is required for AM CB transceiver. D Two types of intermediate frequency can be selected: IF1 = 10.695MHZ IF2 = 9.785MHZ D Two types of lock monitor outputs: LM: When PLL is locked/unlocked, LM is high/low level. LM: When PLL is locked/unlocked, LM is low/high level. D The amplifier for low pass filter. D The amplifier for programmable counter input. D The detecting circuit for the mis-programming. D BCD code input to the programmable counter. D The buffer output for the reference oscillator. D The output for the half frequency of the reference oscillator. D The reference frequency oscillation amplifier (with feedback resistance). Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Maximum Supply Voltage, VDDmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +9.0V Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VDD+0.3V Output Voltage, VOUT (Unload) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VDD+0.3V Operating Temperature Range, Topg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C
Available Operation Conditions: (TA = +25C, VDD = 7V 1V unless otherwise specified)
Parameter Supply Voltage High Level Input Voltage Low Level Input Voltage Input Amplitude Symbol VDD VIH VIL VIN (1) VIN (2) Input Frequency fIN (1) fIN (2) 10.25MHZ, Duty 5010% Sine Wave 3.5MHZ, Duty 5010% Sine Wave 3.0Vp-p, Duty 5010% Sine Wave 0.7Vp-p, Duty 5010% Sine Wave Test Conditions Min 6.0 VDD-1.5 - 3.0 0.7 - - Typ 7.0 - - - - - - Max 8.0 - 1.5 0.9VDD 0.66VDD 10.25 3.5 Units V V V Vp-p Vp-p MHZ MHZ
Electrical Characteristics: (TA = +25C, VDD = 7V 1V unless otherwise specified)
Parameter Feedback Resistance Symbol Rf (1) Rf (2) Pull-Down Resistance Input Floating Voltage 3 State Off Leak Current Output Off Leak Current RP VIF Pin Opened Test Conditions Min - - - - - - - - - - VDD-0.9 - Typ 7.0 3.0 28 1.0 1.0 - - 1.0 28 - - - Max - - - - - 3.0 3.0 - - 0.9 - 20 Units M M k V nA A A nA dB V V mA
IOFF (1) VO = VDD/2 IOFF (2) VO = VDD IOFF (3) VO = VSS
Input Current Filter Amp Gain Low Level Output Voltage High Level Output Voltage Dissipation Current
IIN VG VOL VOH IDD
VI = VDD, VI = VSS Rf = 1M, fIN = 10kHZ, Rg = 600 IO = 2mA IO = 5mA fIN (1) = 10.24MHZ, fIN (2) = 3.5MHZ, N = 182
Pin Connection Diagram
Pin Functions
D1 D2 D3 D4 D5 D6 IFS T/R
1 2 3 4 5 6 7 8
20 VSS 19 AOUT 18 AIN 17 PD OUT 16 LM 15 LM 14 PC IN 13 1/2 R OUT 12 R OUT 11 X OUT
D1 - D6 IFS T/R VDD X IN X OUT R OUT
Program Input (BCD) D1: LSB, D6: MSB 10.695/9.785MHZ Sw TX/RX Sw Supply Voltage Crystal Oscillator Crystal Oscillator Buffer Output of Ref Osc
1/2 R OUT PC IN LM LM PD OUT AIN AOUT VSS
1/2 Freq of Ref Osc Programmable Divider Input Lock Monitor Output Lock Monitor Output Phase Detector Output Filter Amp Input Filter Amp Output GND
VDD 9 X IN 10
20
11 .339 (8.6)
1
10
1.063 (27.0) Max .200 (5.08) Max
.400 (10.16)
.100 (2.54)
.100 (2.54) Min


▲Up To Search▲   

 
Price & Availability of NTE1536

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X