Part Number Hot Search : 
4304H5 AN001PG RHF330 AT54S 2N381 CEM3128 00BZXI SPE0571
Product Description
Full Text Search
 

To Download MUR6020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR6020
Ultra Fast Recovery Diodes
Dimensions TO-247AC A C(TAB) C A=Anode, C=Cathode, TAB=Cathode A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
MUR6020
VRSM V 200
VRRM V 200
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=85oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 98 69 800 600 650 540 580 1800 1770 1460 1410 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
150 0.8...1.2 6
W Nm g
MUR6020
Ultra Fast Recovery Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=60A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 50 40 11 0.88 1.08 0.70 4.0 0.75 0.25 35
Unit uA uA mA V V m K/W
IR
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=100V; IF=60A; -diF/dt=200A/us; L<0.05uH; TVJ=100 C
o
35 8
50 10
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
MUR6020
Ultra Fast Recovery Diodes
160 A 140 Qr IF 120 100 80 0.4 0.6 0.8 uC
TVJ= 100C VR = 100V
IRM
30 A 25
TVJ= 100C VR = 100V
IF= 35A IF= 70A IF=140A TVJ=150C
20 15 10
IF= 35A IF= 70A IF=140A
60
TVJ=100C
40 20 0.2
5
TVJ=25C
0 0.0 0.4 0.8 VF 1.2 V 0.0 10 0 100 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
Fig. 2 Typ. reverse recovery charge Qr versus -diF/dt
70 ns 60 trr 50 40
Fig. 3 Typ. peak reverse current IRM versus -diF/dt
5 V VFR 4 2.5 TVJ= 100C IF = 100A us 2.0 tfr
1.6 1.4 Kf 1.2 1.0 0.8 0.6 0.4 0.2 0 40 80 120 C 160 TVJ
TVJ= 100C VR = 100V
tfr
3
VFR
1.5
IRM
30 20
IF=35A IF=70A IF=140A
2
1.0
Qr
1 10 0 0 200 400 600 A/us 800 -diF/dt 1000 0 0 200 400 600 diF/dt
0.5
0.0 A/us 800
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1.0 K/W 0.8 ZthJC 0.6
Fig. 5 Typ. recovery time trr versus -diF/dt
Fig. 6 Typ peak forward voltage VFR and tfr versus diF/dt
0.4
0.2
0.0 0.001
0.01
0.1
1 t
s
10
Fig. 7 Transient thermal impedance junction to case


▲Up To Search▲   

 
Price & Availability of MUR6020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X