Part Number Hot Search : 
CY7C0 T54ACS AD5820 FBR130 SVD8N80T AD5820 TC20N 5KP120C
Product Description
Full Text Search
 

To Download LM78D05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Three Terminal Positive Voltage Regulators
Spec. No. : C511J3 Issued Date : 2003.03.25 Revised Date :2005.09.15 Page No. : 1/3
LM78D05XJ3
These voltage regulators are monolithic integrated circuits designed as fixed voltage regulators for a wide variety of applications including local, on-card regulation. These regulators employ internal current limiting, thermal shutdown, and safe-area compensation. With adequate heatsinking they can deliver output currents in excess of 1.0A. Although designed primarily as fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents.
TO-252
Maximum Ratings
Rating Input Voltage Output Current Power Dissipation Operating Junction Temperature Range Symbol VIN Io PD TJ Value 35 1 15 0 to +125 Unit V A W
Ordering Information
Device LM78D05AJ3 LM78D05BJ3 Output Voltage Tolerance Package 3% TO-252 5% TO-252
LM78D05XJ3
CYStek Product Specification
CYStech Electronics Corp.
unless otherwise specified Characteristics Output Voltage LM78D05A LM78D05B Output Voltage LM78D05A LM78D05B Line Regulation Load Regulation Quiescent Current Quiescent Current Change Dropout Voltage Peak Output Current Symbol Test Condition
Vo
Spec. No. : C511J3 Issued Date : 2003.03.25 Revised Date :2005.09.15 Page No. : 2/3
Electrical Characteristics VIN=10V,IOUT=500mA,TJ=25,CIN=0.33F,COUT=0.1F,
Min 4.85 4.75 5.0mAIOUT1.0A,PD15W 4.85 4.75 1.7 Typ 5.0 5.0 5.0 5.0 2 Max Unit 5.15 5.25 5.15 5.25 50 25 100 50 8 0.5 1.3 V V mV mV mA mA V A
Vo
7VVIN25V 8VVIN25V Vo 5.0mAIOUT1.5A 250mAIOUT750mA IQ IOUT1.0A IQ 5.0mAIOUT1.5A 7VVIN25V VD IOUT=1.0A IPK Vo
LM78D05XJ3
CYStek Product Specification
CYStech Electronics Corp.
TO-252 Dimension
A C
Spec. No. : C511J3 Issued Date : 2003.03.25 Revised Date :2005.09.15 Page No. : 3/3
Marking:
B L F G
D
78D05
3 H E K 2 I 1 J
Style: Pin 1.Vin 2.Ground 3.Vout
3-Lead TO-252 Plastic Surface Mount Package CYStek Package Code: J3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
LM78D05XJ3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of LM78D05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X