Part Number Hot Search : 
15KPA 101MC OC22T12S TC514CPJ RGP15MT M2AZ10 000001 RF840
Product Description
Full Text Search
 

To Download IRUB1117-33CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD94172
IRU1117-33
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR DESCRIPTION
The IRU1117-33 is a low dropout three-terminal fixed output regulator with minimum of 800mA output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as VGA, sound & DVD cards. The IRU1117-33 is guaranteed to have <1.2V dropout at full load current making it ideal to provide well regulated with 4.75V to 7V input supply. The IRU1117-33 is specifically designed to be stable with low cost aluminum capacitors while maintaining stability with low ESR tantalum caps.
FEATURES
Guaranteed < 1.2V Dropout at 800mA Load Current Fast Transient Response 1% Output Voltage Initial Accuracy Built-In Thermal Shutdown Available in SOT-223, D-Pak, Ultra Thin-Pak TM and 8-Pin SOIC Surface-Mount Packages
APPLICATIONS
VGA & Sound Card Applications Standard 3.3V Chip Set and Logic Applications
TYPICAL APPLICATION
5V
C1 10uF
VIN
3 2
C2 10uF
IRU1117-33
VOUT
3.3V / 800mA
Gnd
1
Figure 1 - Typical application of IRU1117-33 in a 5V to 3.3V regulator.
PACKAGE ORDER INFORMATION
TJ (C) 0 To 150 2-PIN PLASTIC TO-252 (D-Pak) IRU1117-33CD 2-PIN PLASTIC Ultra Thin-PakTM (P) IRU1117-33CP 8-PIN PLASTIC SOIC (S) IRU1117-33CS 3-PIN PLASTIC SOT-223 (Y) IRU1117-33CY
Rev. 1.5 02/04/03
www.irf.com
1
IRU1117-33
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) .................................................... Power Dissipation ..................................................... Storage Temperature Range ...................................... Operating Junction Temperature Range ..................... 7V Internally Limited -65C To 150C 0C To 150C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
VIN Tab is VOUT
1
2-PIN ULTRA THIN-PAKTM (P)
3
8-PIN PLASTIC SOIC (S)
3-PIN PLASTIC SOT-223 (Y)
3
VIN
VIN NC NC Gnd
1 2 3 4
8 7 6 5
VOUT VOUT VOUT VOUT
3
VIN VOUT Gnd
Tab is VOUT Gnd
Tab is VOUT
2 1
1
Gnd
JA=70C/W for 0.5" Sq pad
JA=70C/W for 0.5" Sq pad
JA=55C/W for 1" Sq pad
JA=90C/W for 0.4" Sq pad
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over C IN=1mF, VIN=5V, COUT=10mF, and T J=0 to 1258C. Typical values refer to TJ=258C. PARAMETER Output Voltage Line Regulation Load Regulation (Note 1) Dropout Voltage (Note 2) Current Limit Thermal Regulation Ripple Rejection Temperature Stability Long Term Stability RMS Output Noise SYM VO TEST CONDITION Io=10mA, TJ=258C Io=10mA Io=10mA, 4.75V1.1 0.01 60 70 0.5 0.3 0.003
1
Note 1: Low duty cycle pulse testing with Kelvin connections is required in order to maintain accurate data. Note 2: Dropout voltage is defined as the minimum differential voltage between VIN and VOUT required to maintain regulation at VOUT. It is measured when the output voltage drops 1% below its nominal value.
2
www.irf.com
Rev. 1.5 02/04/03
IRU1117-33
PIN DESCRIPTIONS
PIN# 1 PIN SYMBOL Gnd PIN DESCRIPTION Ground pin. This pin must be connected to ground plane using a low inductance short connection. The output of the regulator. This pin is also connected to the tab of the package. An output capacitor must be connected to this pin to insure stability of the regulator. Input pin of the regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be 1.3V higher than VOUT in order for the device to regulate properly.
2
VOUT
3
VIN
BLOCK DIAGRAM
VIN 3 2 VOUT
+
1.25V CURRENT LIMIT
+
THERMAL SHUTDOWN
1 Gnd
Figure 2 - Simplified block diagram of the IRU1117-33.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information Data and specifications subject to change without notice. 02/01
Rev. 1.5 02/04/03
www.irf.com
3
IRU1117-33
(D) TO-252 Package 2-Pin
A C B K L M 458 D E O J N 78
Q
P
F H
G
R
S
R1 SYMBOL MIN MAX A 6.477 6.731 B 5.004 5.207 C 0.686 0.838 D 7.417 8.179 E 9.703 10.084 F 0.635 0.889 2.286 BSC G H 4.521 4.623 J &1.52 &1.62 K 2.184 2.388 L 0.762 0.864 M 1.016 1.118 N 5.969 6.223 O 1.016 1.118 P 0 0.102 Q 0.534 0.686 R R0.31 TYP R1 R0.51 TYP S 0.428 0.588
C L
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
4
www.irf.com
Rev. 1.5 02/04/03
IRU1117-33
(P) Ultra Thin-PakTM 2-Pin
A A1 K E U
V B H M L P G G1 N C C L R D
SYMBOL A A1 B C D E G G1 H K L M N P R U V
MIN MAX 5.91 6.17 5.54 5.79 6.02 6.27 1.70 2.03 0.63 0.79 0.17 0.33 2.16 2.41 4.45 4.70 9.42 9.68 0.76 1.27 0.02 0.13 0.89 1.14 0.25 0.25 0.94 1.19 28 68 2.92 3.30 5.08 NOM
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
Rev. 1.5 02/04/03
www.irf.com
5
IRU1117-33
(S) SOIC Package 8-Pin Surface Mount, Narrow Body
H A B C
E
DETAIL-A PIN NO. 1 D 0.386 0.015 x 458 T K F J
L
DETAIL-A
I
G 8-PIN SYMBOL A B C D E F G H I J K L T MIN MAX 4.80 4.98 1.27 BSC 0.53 REF 0.36 0.46 3.81 3.99 1.52 1.72 0.10 0.25 78 BSC 0.19 0.25 5.80 6.20 08 88 0.41 1.27 1.37 1.57
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
6
www.irf.com
Rev. 1.5 02/04/03
IRU1117-33
(Y) SOT-223 Package 3-Pin
D B
E
H
e e1
S
SYMBOL A A1 B B1 C D E e e1 H Q Q1 Q2 S T
MIN 1.498 0.02 2.895 0.637 0.239 6.299 3.30 2.209 4.496 6.70 08 78 78 0.838 1.092
MAX 1.702 0.11 3.15 0.85 0.381 6.706 3.708 2.953 4.699 7.30 108 168 168 1.05 1.30
NOTE: ALL MEASUREMENTS ARE IN MILLIMETERS.
Q1
T
A
Q C Q2
B1
A1
Rev. 1.5 02/04/03
www.irf.com
7
IRU1117-33
PACKAGE SHIPMENT METHOD
PKG DESIG D P S Y PACKAGE DESCRIPTION TO-252, (D-Pak) Ultra Thin-Pak SOT-223
TM
PIN COUNT 2 2 8 3
PARTS PER TUBE 75 75 95 80
PARTS PER REEL 2500 2500 2500 2500
T&R Orientation Fig A Fig B Fig C Fig D
SOIC, Narrow Body
1
1
1
1
1
1
Feed Direction Figure A
Feed Direction Figure B
1
1
1
1
1
1
Feed Direction Figure C
Feed Direction Figure D
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information Data and specifications subject to change without notice. 02/01
8
www.irf.com
Rev. 1.5 02/04/03


▲Up To Search▲   

 
Price & Availability of IRUB1117-33CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X