Part Number Hot Search : 
006AG X5328PZ 2101A AP4426GM IA1209S MN65752H DS211 ZMD15B
Product Description
Full Text Search
 

To Download IHSM-4825RE3R9L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IHSM-4825
Vishay Dale
High Current, Surface Mount Inductor
FEATURES
* Flame retardant encapsulant (UL 94V-0). * Completely encapsulated winding provides superior environmental protection and moisture resistance. * High current unit in surface mount package printed with model, inductance value and date code. * Compatible with infrared or conventional reflow soldering methods. * Pick and place compatible. * Tape and reel packaging for automatic handling.
APPLICATIONS STANDARD ELECTRICAL SPECIFICATIONS
IND. @ 1kHz (H) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0 DCR MAX. (Ohms) 0.013 0.018 0.02 0.021 0.029 0.034 0.038 0.042 0.047 0.051 0.058 0.063 0.071 0.079 0.089 0.119 0.152 0.179 0.222 0.315 0.362 0.397 0.446 0.604 0.672 0.735 0.998 1.37 1.58 1.77 2.51 2.73 3.36 3.75 4.31 6.04 6.9 RATED CURRENT (Max. Amps) 8.6 7.6 6.9 6.5 5.7 5.1 4.6 4.3 4.0 3.8 3.5 3.3 3.1 2.7 2.3 1.9 1.7 1.6 1.3 1.19 1.07 0.95 0.87 0.8 0.73 0.66 0.58 0.5 0.46 0.41 0.37 0.34 0.32 0.3 0.28 0.26 0.24 INCREMENTAL CURRENT (Amps Approx.) 4.1 3.8 3.5 3.2 2.9 2.6 2.4 2.2 2.0 1.9 1.7 1.5 1.4 1.3 1.2 1.1 1.02 0.95 0.88 0.8 0.74 0.68 0.62 0.56 0.5 0.45 0.4 0.35 0.32 0.3 0.28 0.26 0.24 0.23 0.2 0.17 0.15
Excellent power line noise filters, filters for switching regulated power supplies, DC/DC converters, SCR and Triac controls and RFI suppression.
ELECTRICAL SPECIFICATIONS
Inductance: Measured at 1 volt with no DC current. Inductance Tolerance: 15%. Incremental Current: The typical current at which the inductance will be decreased by 5% from its initial zero DC value. Operating Temperature: - 55C to + 125C (no load); - 55C to + 85C (at full rated current).
MATERIAL SPECIFICATIONS
Core: High resistivity ferrite core. Encapsulant: Epoxy. Terminals: 60/40 solder coated copper.
DIMENSIONS in inches [millimeters]
0.660 [16.764] Recommended Pad Layout
0.220 [5.588]
0.300 [7.62]
0.220 [5.588]
0.180 [4.572] 0.540 [13.72] Max.
0.180 [4.572] 0.170 0.010 [4.32 0.25]
0.225 [5.72] Max. 0.075 0.010 [1.91 0.25] 0.480 0.020 [12.19 0.51]
0.250 [6.35] Max.
PART MARKING
-- Model -- Inductance value -- Date code
DESCRIPTION
IHSM-4825 MODEL 3.9H INDUCTANCE VALUE
15% INDUCTANCE TOLERANCE
SAP PART NUMBERING GUIDELINES (INTERNAL)
I H S M 4 8
SIZE
2
5
R
E
3
R
9
L
TOL.
PRODUCT FAMILY See the end of this data book for conversion tables
PACKAGE CODE
INDUCTANCE VALUE
www.vishay.com 28
For technical questions, contact Magnetics@vishay.com
Document Number 34019 Revision 20-Jan-03


▲Up To Search▲   

 
Price & Availability of IHSM-4825RE3R9L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X