|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER FEATURES * Fully integrated PLL * Differential 3.3V LVPECL output * 200MHz output frequency * 48% to 52% duty cycle * Crystal oscillator interface * Spread Spectrum Clocking (SSC) fixed at 1/2% modulation for environments requiring ultra low EMI. Typical10dB EMI reduction can be achieved with spread spectrum modulation * LVTTL / LVCMOS control inputs * PLL bypass modes supporting in-circuit testing and on-chip functional block characterization * 28 lead SOIC * RMS cycle-to-cycle jitter of 2ps * Typical cycle-to-cycle jitter of 18ps * 0 to 85C ambiant operating temperature GENERAL DESCRIPTION The ICS8431-01 is a general purpose clock frequency synthesizer for IA64/32 application and HiPerClockSTM a member of the HiPerClockSTM family of High Performance Clock Solutions from ICS. The ICS8431-01 consists of one independent low bandwidth PLL timing channel. A 16.666MHz crystal is used as the input to the on-chip oscillator. The M is configured to produce a fixed output frequency of 200MHz. ,&6 Programmable features of the ICS8431-01 support four operational modes. The four modes are spread spectrum clocking (SSC), non-spread spectrum clock and two test modes which are controlled by the SSC_CTL[1:0] pins. Unlike other synthesizers, the ICS8431-01 can immediately change spread-spectrum operation without having to reset the device. In SSC mode, the output clock is modulated in order to achieve a reduction in EMI. In one of the PLL bypass test modes, the PLL is disconnected as the source to the differential output allowing an external source to be connnected to the TEST_I/O pin. This is useful for incircuit testing and allows the differential output to be driven at a lower frequency throughout the system clock tree. In the other PLL bypass mode, the oscillator divider is used as the source to both the M and the Fout divide by 2. This is useful for characterizing the oscillator and internal dividers. BLOCK DIAGRAM XTAL1 OSC XTAL2 / 16 PIN ASSIGNMENT nc nc nc nc nc nc nc nc nc SSC_CTL0 SSC_CTL1 VEE TEST_I/O VDD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 nc VDDI XTAL2 XTAL1 nc nc VDDA VEE RESERVED nc VDDO FOUT nFOUT VEE PLL PHASE DETECTOR VCO /M /2 FOUT nFOUT TEST_I/O SSC_CTL0 SSC_CTL1 SSC Control Logic ICS8431-01 28-Lead SOIC M Package Top View ICS8431CM-01 www.icst.com/products/hiperclocks.html 1 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER Type Unused Input Power Input / Output Power Power Output Power Reserve Power Power Input Power Pullup Description Unused pins. SSC control pins. LVTTL/LVCMOS interface levels. Ground pin for core and test output. Programmed as defined in Table 3 Function Table.. Power supply pin for core and test output. Ground pin for output. These differential outputs are main output drivers for the synthesizer. They are compatible with terminated positive referenced LVPECL logic. Power supply pin for output. Reserve pin. Ground pin. PLL power supply pin. Crystal oscillator input. Input and core power supply pin. Connect to 3.3V. TABLE 1. PIN DESCRIPTIONS Number 1-9, 19, 23, 24, 28 10, 11 12 13 14, 27 15 16, 17 18 20 21 22 25, 26 27 Name nc SSC_CTL0, SSC_CTL1 GND TEST_ I/O VDD GND nFOUT, FOUT VDDO RESERVED VEE VDDA XTAL1, XTAL2 VDDI TABLE 2. PIN CHARACTERISTICS Symbol CIN RPULLUP RPULLDOWN Parameter Input Pin Capacitance Input Pullup Resistor Input Pulldown Resistor 51 51 Test Conditions Minimum Typical Maximum 4 Units pF K K TABLE 3. SSC CONTROL INPUTS FUNCTION TABLE Inputs SSC_CTL1 SSC_CTL0 0 0 1 1 0 1 0 1 TEST_I/O Source Internal PLL External PLL SSC Disabled Enabled Disabled Disabled Outputs FOUT, TEST_I/O nFOUT fXTAL / 16 fXTAL / 32 /M 200MHz Hi-Z Test Clk 200MHz Input Hi-Z Operational Modes PLL bypass; Oscillator, oscillator, M and N dividers test mode. NOTE 1 Default SSC; Modulation Factor = 1/2 Percent Diagnostic Mode; NOTE 1 (1MHz Test Clk 200MHz) No SSC Modulation NOTE 1: Used for in house debug and characterization. ICS8431CM-01 www.icst.com/products/hiperclocks.html 2 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER 4.6V -0.5V to VDD + 0.5V -0.5V to VDDO + 0.5V 0C to 85C -65C to 150C ABSOLUTE MAXIMUM RATINGS Supply Voltage Inputs Outputs Ambient Operating Temperature Storage Temperature Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of product at these condition or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDA = VDDI = VDDO = 3.3V5%, TA = 0C TO 85C Symbol VDD VDDO VDDA VDDI IEE Parameter Power Supply Voltage Output Power Supply Voltage Analog Power Supply Voltage Input Power Supply Voltage Test Conditions Minimum 3.135 3.135 3.135 3.135 Typical 3.3 3.3 3.3 3.3 Maximum 3.465 3.465 3.465 3.465 140 Units V V V V mA TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, VDD = VDDA = VDDI = VDDO = 3.3V5%, TA = 0C TO 85C Symbol VIH Parameter Input High Voltage SSC_CTL0, SSC_CTL1, TEST_I/O SSC_CTL0, SSC_CTL1, TEST_I/O SSC_CTL0, SSC_CTL1, TEST_IO SSC_CTL0, SSC_CTL1, TEST_IO Test Conditions 3.135V VDD 3.465V 3.135V VDD 3.465V Minimum 2 Typical Maximum VDD + 0.3 Units V VIL Input Low Voltage -0.3 0.8 V IIH Input High Current VDD = VIN = 3.465V 5 A IIL Input Low Current VDD = 3.465V, VIN = 0V -150 A TABLE 4C. LVPECL DC CHARACTERISTICS, VDD = VDDA = VDDI = VDDO = 3.3V5%, TA = 0C TO 85C Symbol VOH VOL Parameter Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 Test Conditions Minimum VDDO - 1.28 VDDO - 2.0 600 700 Typical Maximum VDDO - 0.980 VDDO - 1.7 850 Units V V mV VSWING Peak-to-Peak Output Voltage Swing NOTE 1: Output terminated with 50 to VDDO - 2V. ICS8431CM-01 www.icst.com/products/hiperclocks.html 3 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER Test Conditions Minimum Typical 16.666 -50 -100 +50 +100 100 50 3 10 3 0 Per year @25C -5 18 7 32 7 70 +5 Maximum Units MHz ppm ppm W pF pF nH C ppm TABLE 5. CRYSTAL CHARACTERISTICS Parameter Mode of Oscillation Frequency Frequency Tolerance Frequency Stability Drive Level Equivalent Series Resistance (ESR) Shunt Capacitiance Load Capacitiance Series Pin Inductance Operating Temperature Range Aging Fundamental TABLE 6. AC CHARACTERISTICS, VDD = VDDA = VDDI = VDDO = 3.3V5%, TA = 0C TO 85C, 16.666MHZ CRYSTAL Symbol tPERIOD Parameter Average Output Period; NOTE 2 Cycle-to-Cycle Jitter ; NOTE 2 Output Duty Cycle; NOTE 2 Output Rise Time; NOTE 1, 2 Output Fall Time; NOTE 1, 2 Cr ystal Input Range SSC Modulation Frequency; NOTE 1, 2 SSC Modulation Factor ; NOTE 1, 2 Spectral Reduction; NOTE 1, 2 Test Conditions FOUT = 200 MHz FOUT = 200 MHz FOUT = 200 MHz 20% to 80% 20% to 80% 48 300 300 14 30 0.4 7 10 10 450 450 16.666 Minimum 4995 18 Typical Maximum 5005 30 52 600 600 18 33.33 0.6 Units ps ps % ps ps MHz KHz % dB ms tj it(cc) odc tR tF Fxtal Fm Fmf SSCred tSTABLE Power-up to Stable Clock Output NOTE 1: Spread Spectrum clocking enabled. NOTE 2: Outputs terminated with 50 to VDDO - 2V. tjit(cc), tR, tF, odc conform to JEDEC JESD65 definitions. ICS8431CM-01 www.icst.com/products/hiperclocks.html 4 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER PARAMETER MEASUREMENT INFORMATION 80% 80% Vswing 20% Clock Inputs and Outputs 20% trise AND tfall FIGURE 1 -- INPUT X_CLK, 1X_FOUT OUTPUT SLEW RATES nX_CLK, n1X_FOUT tcycle n tcycle n+1 tjit(cc) = tcycle n -tcycle n+1 FIGURE 2 -- CYCLE-TO-CYCLE JITTER nX_CLK, n1X_FOUT X_CLK, 1X_FOUT Pulse Width (t pw) tPERIOD odc = tpw tPERIOD FIGURE 3 -- odc & tPERIOD ICS8431CM-01 www.icst.com/products/hiperclocks.html 5 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER CRYSTAL INPUT AND OSCILLATOR INTERFACE The ICS8431-01 features an internal oscillator that uses an external quartz crystal as the source of its reference frequency. A 16.666 MHz crystal divided by 16 before being sent to the phase detector provides the reference frequency. The oscillator is a series resonant, multi-vibrator type design. This design provides better stability and eliminates the need for large on chip capacitors. Though a series resonant crystal is preferred, a parallel resonant crystal can be used. A parallel resonant mode crystal used in a series resonant circuit will exhibit a frequency of oscillation a few hundred ppm lower than specified. A few hundred ppm translates to KHz inaccuracy. In general computing applications this level of inaccuracy is irrelevant. If better ppm accuracy is required, an external capacitor can be added to a parallel resonant crystal in series to pin 25. Figure 1A shows how to interface with a crystal. Figures 1A, 1B, and 1C show various crystal parameters which are recommended only as guidelines. Figure 1A shows how to interface a capacitor with a parallel resonant crystal. Figure 1B shows the capacitor value needed for the optimum PPM performance over various parallel resonant crystals. Figure 1C shows the recommended tuning capacitance for a 16.666MHz parallel resonant crystal. ICS8431-01 XTAL2 (Pin 26, SOIC) XTAL1 Quartz Crystal Selection: (1) Raltron Series Resonant: AS-16.66-S-SMD-T-MI (2) Raltron Parallel Resonant: AS-16.66-18-SMD-T-MI FIGURE 1A. CRYSTAL INTERFACE FIGURE 1B. Recommended tuning capacitance for various parallel resonant crystals. FIGURE 1C. Recommended tuning capacitance for 16.666MHz parallel resonant crystal. 60 Series Capacitor, C1 (pF) 50 40 30 20 16.666MHz 14.318 Frequency Accuracy (ppm) 15.000 16.667 19.440 20.000 24.000 100 80 60 40 20 0 -20 0 -40 -60 -80 -100 Series Capacitor, C1 (pF) 10 20 30 40 50 60 10 0 14 15 16 17 18 19 20 21 22 23 24 25 Crystal Frequency (MHz) ICS8431CM-01 www.icst.com/products/hiperclocks.html 6 Optional REV. A JUNE 5, 2001 (Pin 25, SOIC) Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER The ICS8431-01 triangle modulation frequency deviation will not exceed 0.6% down-spread from the nominal clock frequency (+0.0% / -0.5%). An example of the amount of down spread relative to the nominal clock frequency can be seen in the frequency domain, as shown in Figure 3. The ratio of this width to the fundamental frequency is typically 0.4%, and will not exceed 0.6%. The resulting spectral reduction will be greater than 7dB, as shown in Figure 3. It is important to note the ICS8431-01 7dB minimum spectral reduction is the component-specific EMI reduction, and will not necessarily be the same as the system EMI reduction. SPREAD SPECTRUM Spread-spectrum clocking is a frequency modulation technique for EMI reduction. When spread-spectrum is enabled, a 30KHz triangle waveform is used with 0.5% down-spread (+0.0% / -0.5%) from the nominal 200MHz clock frequency. An example of a triangle frequency modulation profile is shown in Figure 2 below. The ramp profile can be expressed as: * Fnom = Nominal Clock Frequency in Spread OFF mode (200MHz with 16.666MHz IN) * Fm = Nominal Modulation Frequency (30KHz) * = Modulation Factor (0.5% down spread) 1, 2 fm (1 - ) fnom - 2 fm x x fnom x t when 1 < t < 1 2 fm fm (1 - ) fnom + 2 fm x x fnom x t when 0 < t < Fnom - 10 dBm B A (1 - ) Fnom 0.5/fm 1/fm = .4% FIGURE 3. 200MHZ CLOCK OUTPUT IN FREQUENCY DOMAIN FIGURE 2. TRIANGLE FREQUENCY MODULATION (A) SPREAD-SPECTRUM OFF (B) SPREAD-SPECTRUM ON POWER SUPPLY FILTERING TECHNIQUES As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS8431-01 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VDD, VDDI, VDDA, and VDDO should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, better power supply isolation is required. Figure 4 illustrates how a 10 along with a 10F and a .01F bypass capacitor should be connected to each power supply pin. 3.3V VDD .01F VDDA .01F 10 F 10 FIGURE 4. POWER SUPPLY FILTERING ICS8431CM-01 www.icst.com/products/hiperclocks.html 7 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER drive 50 transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. There are a few simple termination schemes. Figures 5A and 5B show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations. 3.3V 5 2 Zo 5 2 Zo Zo = 50 TERMINATION FOR PECL OUTPUTS The clock layout topology shown below is typical for IA64/32 platforms. The two different layouts mentioned are recommended only as guidelines. FOUT and nFOUT are low impedance follower outputs that generate ECL/PECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to Zo = 50 Zo = 50 FOUT FIN Zo = 50 Zo = 50 50 Zo = 50 FOUT 50 VCC-2V Zo = 50 3 2 Zo Zo = 50 3 2 Zo FIN RTT = 1 (VOH + VOL / VCC -2) -2 Zo FIGURE 5A. LVPECL OUTPUT TERMINATION LAYOUT GUIDELINE The schematic of the ICS8431-01 layout example used in this layout guideline is shown in Figure 6A. The ICS8431-01 recommended PCB board layout for this example is shown in Figure 6B. This layout example is used as a general guideline. The layout in the actual system will depend on the selected component types, the density of the components, the density of the traces, and the stacking of the P.C. board. U1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 nc nc nc nc nc nc nc nc nc SSC_CTL0 SSC_CTL1 VEE TEST_IO VDD nc VDDI XTAL2 XTAL1 nc nc VDDA VEE nc nc VDDO FOUT nFOUT VEE 28 27 26 25 24 23 22 21 20 19 18 17 16 15 C6 0.01uF VDD VDD 8431-01 C1 0.1uF C2 0.1uF Zo = 50 Ohm INTL2 R2 84 ICS8431CM-01 RTT FIGURE 5B. LVPECL OUTPUT TERMINATION Termination A X1 R5 VDDA 10 VDD C3 0.01uF C4 10uF R1 125 IN+ TL1 R3 125 VDD0 Termination B (not shown in the layout) IN+ IN- Zo = 50 Ohm R2 50 R1 50 R4 84 R3 50 FIGURE 6A. RECOMMENDED SCHEMATIC LAYOUT www.icst.com/products/hiperclocks.html 8 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. The following component footprints are used in this layout example: All the resistors and capacitors are size 0603. The Crystal X1 is Raltron Part # AS-16.666-18-SMD. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER the component location. While routing the traces, the clock signal traces should be routed first and should be locked prior to routing other signals traces. * The traces with 50 transmission lines TL1 and TL2 at FOUT and nFOUT should have equal delay and run adjacent to each other. Avoid sharp angles on the clock trace. Sharp angle turns cause the characteristic impedance to change on the transmission lines. * Keep the clock trace on same layer. Whenever possible, avoid any vias on the clock traces. Any via on the trace can affect the trace characteristic impedance and hence degrade signal quality. * To prevent cross talk, avoid routing other signal traces in parallel with the clock traces. If running parallel traces is unavoidable, allow more space between the clock trace and the other signal trace. * Make sure no other signal trace is routed between the clock trace pair. The matching termination resistors R1, R2, R3 and R4 should be located as close to the receiver input pins as possible. Other termination scheme can also be used but is not shown in this example. POWER AND GROUNDING Place the decoupling capacitors C1, C2 and C3, C4, C5, C6 as close as possible to the power pins. If space allows, placing the decoupling capacitor at the component side is preferred. This can reduce unwanted inductance between the decoupling capacitor and the power pin generated by the via. Maximize the pad size of the power (ground) at the decoupling capacitor. Maximize the number of vias between power (ground) and the pads. This can reduce the inductance between the power (ground) plane and the component power (ground) pins. If VDDA shares the same power supply with VDD, insert the RC filter R5, C3, and C4 in between. Place this RC filter as close to the VDDA as possible. CLOCK TRACES AND TERMINATION The component placements, locations and orientations should be arranged to achieve the best clock signal quality. Poor clock signal quality can degrade the system performance or cause system failure. In the synchronous high-speed digital system, the clock signal is less tolerable to poor signal quality than other signals. Any ringing on the rising or falling edge or excessive ring back can cause system failure. The trace shape and the trace delay might be restricted by the available space on the board and U1 ICS8431-01 CRYSTAL The crystal X1 should be located as close as possible to the pins 26 (XTAL1) and 25 (XTAL2). The trace length between the X1 and U1 should be kept to a minimum to avoid unwanted parasitic inductance and capacitance. Other signal traces should not be routed near the crystal traces. GND C6 VDD X1 Signals VIA C3 C4 R5 Close to the input pins of the receiver R1 R2 TL1 (50 Ohm) IN+ C2 C1 TL2 (50 Ohm) INR3 R4 FIGURE 6B. PCB BOARD LAYOUT FOR ICS8431-01 ICS8431CM-01 www.icst.com/products/hiperclocks.html 9 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER PACKAGE OUTLINE - M SUFFIX N C 28 15 L E H 1 14 h x 45 D A2 A e B A1 SEATING PLANE .10 (.004) TABLE 7. PACKAGE DIMENSIONS SYMBOL MIN N A A1 A2 B C D E e H h L -0.10 2.05 0.33 0.18 17.70 7.40 2.65 -2.55 0.51 0.32 18.40 7.60 1.27 BASIC 10.00 0.25 0.40 0 10.65 0.75 1.27 8 Millimeters MAX 28 -0.0040 0.081 0.013 0.007 0.697 0.291 0.104 -0.100 0.020 0.013 0.724 0.299 MIN Inches MAX 0.050 BASIC 0.394 0.010 0.016 0 0.419 0.029 0.050 8 REFERENCE DOCUMENT: JEDEC PUBLICATION 95, MS-013, MO-119 ICS8431CM-01 www.icst.com/products/hiperclocks.html 10 REV. A JUNE 5, 2001 Integrated Circuit Systems, Inc. ICS8431-01 200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER Marking ICS8431CM-01 ICS8431CM-01 Package 28 Lead SOIC 28 Lead SOIC on Tape and Reel Count 26 Per Tube 1000 Temperature 0C to 85C 0C to 85C TABLE 8. ORDERING INFORMATION Part/Order Number ICS8431CM-01 ICS8431CM-01T While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. ICS8431CM-01 www.icst.com/products/hiperclocks.html 11 REV. A JUNE 5, 2001 |
Price & Availability of ICS8431CM-01 |