Part Number Hot Search : 
4HCT0 2SD113 1206L MC7824 STD2NA50 SF1091A 1812N SPD3911R
Product Description
Full Text Search
 

To Download HM3019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HE9526-A Issued Date : 1998.07.01 Revised Date : 2000.10.01 Page No. : 1/2
HM3019
NPN EPITAXIAL PLANAR TRANSISTOR
Description
This device is designed for use as general purpose amplifier and switching requiring collector currents 1A
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ................................................................................... 1.2 W * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ...................................................................................... 140 V VCEO Collector to Emitter Voltage ..................................................................................... 80 V VEBO Emitter to Base Voltage ............................................................................................. 7 V IC Collector Current .............................................................................................................. 1 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 *hFE3 *hFE4 *hFE5 fT Cob Min. 140 80 7 50 90 100 50 15 100 Typ. Max. 50 50 0.2 1.1 300 12 Unit V V V nA nA V V Test Conditions IC=100uA IC=30mA IE=100uA VCB=90V VEB=5V IC=150mA, IB=15mA IC=150mA, IB=15mA IC=0.1mA, VCE=10V IC=10mA, VCE=10V IC=150mA, VCE=10V IC=500mA, VCE=10V IC=1000mA, VCE=10V IC=50mA, VCE=10V, f=100MHz VCE=10V, f=1MHz, IE=0
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz pF
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-89 Dimension
Marking :
Spec. No. :HE9526-A Issued Date : 1998.07.01 Revised Date : 2000.10.01 Page No. : 2/2
C
H
Date Code Part Number
HSMC Logo Package Code
B 1 E F G A 2 3
D
Style : Pin 1.Base 2.Collector 3.Emitter
I
3-Lead SOT-89 Plastic Surface Mounted Package HSMC Package Code : M
*:Typical
DIM A B C D E
Inches Min. Max. 0.1732 0.1811 0.1594 0.1673 0.0591 0.0663 0.0945 0.1024 0.0141 0.0201
Millimeters Min. Max. 4.40 4.60 4.05 4.25 1.50 1.70 2.40 2.60 0.36 0.51
DIM F G H I
Inches Min. Max. 0.0583 0.0598 0.1165 0.1197 0.0551 0.0630 0.0138 0.0161
Millimeters Min. Max. 1.48 1.52 2.96 3.04 1.40 1.60 0.35 0.41
Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HM3019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X