Part Number Hot Search : 
A105M B2188 CS830 GBJ150 BA3123F FR207GP A105M 25F10
Product Description
Full Text Search
 

To Download HFCT-5215D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
Data Sheet
Features * SC duplex single mode transceiver * Long reach SONET OC3 SDH STM1 (L1.1) compliant * Single +5 V power supply * Multisourced 1 x 9 pin package style * Aqueous washable plastic package * Interchangeable with LED multisourced 1 x 9 transceivers * Unconditionally eye safe laser IEC 825/CDRH Class 1 compliant Applications * ATM 155 Mb/s links * SONET OC-3/SDH STM-1 interconnections
Description The HFCT-5215 transceiver is a high performance, cost effective module for serial optical data communications applications specified for a signal rate of 155 MBd. It is designed to provide a SONET/SDH compliant link for 155 Mb/s long reach links. This module is designed for single mode fiber and operates at a nominal wavelength of 1300 nm. It incorporates Agilent's high performance, reliable, long wavelength optical devices and proven circuit technology to give long life and consistent service.
The transmitter section uses a Multiple Quantum Well laser with full IEC 825 and CDRH Class I eye safety. The receiver section uses a planar PIN photodetector for low dark current and excellent responsivity. A pseudo-ECL logic interface simplifies interface to external circuitry.
Connection Diagram
RECEIVER SIGNAL GROUND o 1 RECEIVER DATA OUT o 2 RECEIVER DATA OUT BAR o 3 SIGNAL DETECT o 4 RECEIVER POWER SUPPLY o 5 TRANSMITTER POWER SUPPLY o 6 TRANSMITTER DATA IN BAR o 7 TRANSMITTER DATA IN o 8 TRANSMITTER SIGNAL GROUND o 9
N/C
Top View
N/C
Pin Descriptions: Pin 1 Receiver Signal Ground VEER: Directly connect this pin to the receiver ground plane. Pin 2 Receiver Data Out RD: See recommended circuit schematic, Figure 4. Pin 3 Receiver Data Out Bar RD: See recommended circuit schematic, Figure 4. Pin 4 Signal Detect SD: Normal optical input levels to the receiver result in a logic "1" output. Low optical input levels to the receiver result in a fault condition indicated by a logic "0" output. This Signal Detect output can be used to drive a PECL input on an upstream circuit, such as Signal Detect input or Loss of Signal-bar. Pin 5 Receiver Power Supply VCCR: Provide +5 V dc via the recommended transmitter power supply filter circuit. Locate the power supply filter circuit as close as possible to the VCC pin. Pin 6 Transmitter Power Supply VCCT: Provide +5 V dc via the recommended transmitter power supply filter circuit. Locate the power supply filter circuit as close as possible to the VCC pin. Pin 7 Transmitter Data In Bar TD: See recommended circuit schematic, Figure 4. Pin 8 Transmitter Data In TD: See recommended circuit schematic, Figure 4. Pin 9 Transmitter Signal Ground VEET: Directly connect this pin to the transmitter ground plane. Mounting Studs The mounting studs are provided for mechanical attachment to the circuit board. They are embedded in the nonconductive plastic housing and are not tied to the transceiver internal circuit and should be soldered into plated-through holes on the printed circuit board.
2
Functional Description Receiver Section Design The receiver section contains an InGaAs/InP photo detector and a preamplifier within the receptacle, coupled to a postamp/decision circuit on a separate circuit board. The postamplifier is ac coupled to the preamplifier as illustrated in Figure 1. The coupling capacitor is large enough to pass the SONET/SDH test pattern at 155 MBd without significant distortion or performance penalty. If a lower signal rate, or a code which has significantly more low frequency content is used, sensitivity, jitter and pulse distortion could be degraded. Figure 1 also shows a filter network which limits the bandwidth of the preamp output signal. The filter is designed to bandlimit the preamp output noise and thus improve the receiver sensitivity.
These components will also reduce the sensitivity of the receiver as the signal bit rate is increased above 155 MBd. Noise Immunity The receiver includes internal circuit components to filter power supply noise. Under some EMI and power supply noise conditions, external power supply filtering may be necessary. If receiver sensitivity is degraded by power supply noise, the filter network illustrated in Figure 2 may be employed to improve performance. The values of the filter components are general recommendations and may be changed to suit a particular system environment. Shielded inductors are recommended. Terminating the Outputs The PECL Data outputs of the receiver may be terminated with the standard Thevenin-equivalent 50 ohm to VCC - 2 V termination. Other standard PECL terminating techniques may be used.
The two outputs of the receiver should be terminated with identical load circuits to avoid unnecessarily large ac current in VCC. If the outputs are loaded identically the ac current is largely nulled. The Signal Detect output of the receiver is PECL logic and must be loaded when used. The Signal Detect circuit is much slower than the data path, so the ac noise generated by an asymmetrical load is negligible. Power consumption may be reduced by using a higher than normal load impedance for the Signal Detect output. Transmission line effects are not generally a problem as the switching rate is slow. The Signal Detect Circuit The Signal Detect circuit works by sensing the peak level of the received signal and comparing this level to a reference.
TRANSIMPEDANCE PREAMPLIFIER RECEIVER RECEPTACLE
FILTER LIMITING AMPLIFIER
DATA OUT PECL OUTPUT BUFFER
DATA OUT
GND
SIGNAL DETECT CIRCUIT
PECL OUTPUT BUFFER
SD
Figure 1 - Receiver Block Diagram
VCC 100 nF
3.3 H 100 nF
FILTERED VCC to DATA LINK + 10 F
Figure 2 - Filter Network for Noise Filtering
3
Functional Description Transmitter Section Design The transmitter section, Figure 3, uses a Multiple Quantum Well laser as its optical source. The packaging of this laser is designed for repeatable coupling into single mode fiber while maintaining compliancy with IEC 825 Class 1 and CDRH Class I eye safety requirements. The optical output is controlled by a custom IC which detects the laser output via the monitor photodiode. This IC provides both dc and ac current drive to the laser to ensure correct modulation, eye diagram and extinction ratio over temperature, supply voltage and life. PCB mounting The HFCT-5215 has two solderable mounting studs. These studs are not electrically connected. The transceiver is designed for common production processes. It may be wave soldered and aqueous washed providing the process plug is in place. Each process plug can only be used once during processing, although with subsequent use, it can be used as a dust cover.
LASER
PHOTODIODE (rear facet monitor)
DATA DATA PECL INPUT
LASER MODULATOR
LASER BIAS DRIVER
LASER BIAS CONTROL
Figure 3 - Simplified Transmitter Schematic
4
NO INTERNAL CONNECTION TOP VIEW
NO INTERNAL CONNECTION
VEER 1
RD 2
RD 3
SD 4
VCCR 5
VCCT 6
TD 7
TD 8
VEET 9
C1 C7 L1 C3 R7 C6 R8 R10 R9
C8 C2 VCC L2 C4 R1 C5 R4 R2 R3 NOTES: THE SPLIT-LOAD TERMINATIONS FOR ECL SIGNALS NEED TO BE LOCATED AT THE INPUT OF DEVICES RECEIVING THOSE ECL SIGNALS. RECOMMEND 4-LAYER PRINTED CIRCUIT BOARD WITH 50 MICROSTRIP SIGNAL PATHS BE USED. R1 = R4 = R6 = R8 = R10 = 130 R2 = R3 = R5 = R7 = R9 = 82 C1 = C2 = 10 F (see Figure 2) C3 = C4 = C7 = C8 = 100 nF C5 = C6 = 0.1 F L1 = L2 = 3.3 H COIL OR FERRITE INDUCTOR.
VCC TERMINATE AT THE DEVICE INPUTS R6 R5
Vcc FILTER AT Vcc PINS TRANSCEIVER
W
TERMINATION AT TRANSCEIVER INPUTS TD TD
W W
RD
RD
SD
VCC
Figure 4 - Recommended Circuit Schematic
Regulatory Compliance
Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex SC Receptacle Electromagnetic Interference (EMI) Test Method MIL-STD-883C Method 3015.4 Variation of IEC 801-2 Performance Class 1 (>1 kV) - Human Body Model
Immunity
FCC Class B CENELEC EN55022 Class B (CISPR 22A) VCCI Class 1 Variation of IEC 801-3
Eye Safety
FDA CDRH 21-CFR 1040 Class I IEC 825 Issue 1 1993:11 Class 1 CENELEC EN60825 Class 1
Products of this type, typically, withstand at least 25 kV without damage when the Duplex SC Connector Receptacle is contacted by a Human Body Model probe. Typically provide a 17 dB margin to the noted standard limits up to 6 GHz, when tested in a GTEM cell with the transceiver mounted to a circuit card with a chassis enclosure. Typically show no measurable effect from a 10 V/m field swept from 27 MHz to 1 GHz applied to the transceiver without a chassis enclosure. CDRH Accession Number: 9521220-26 TUV Bauart License: 933/510918/01
5
Performance Specifications Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter Storage Temperature Operating Temperature Lead Soldering Temperature/Time Output Current (other outputs) Input Voltage Power Supply Voltage
Symbol TS IOUT -
Minimum -40 0 0 GND 0
Maximum +85 +70 +260/10 30 VCC +6
Units C C C/s mA V V
Notes 1 -
Operating Environment
Parameter Power Supply Voltage Ambient Operating Temperature Symbol VCC TOP Minimum +4.75 0 Maximum +5.25 +70 Units V C Notes 1
Transmitter Section (Ambient Operating Temperature VCC = 4.75V to 5.25V)
Parameter Output Center Wavelength Output Spectral Width (RMS) Average Optical Output Power Extinction Ratio Power Supply Current Output Eye Optical Rise Time Optical Fall Time Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage - High Minimum Maximum Units Notes 1280 1335 nm lC 4.0 nm Dl PO -5 0 dBm 2 10 dB ER 140 mA 3 ICC Compliant with Bellcore TR-NWT-000253 and ITU recommendation G.957 tR 2 ns 4 tF 2 ns 4 -350 A IIL 350 A IIH VIH - VIL 300 mV -1.58 V 5 VOL - VCC -2.0 -0.74 V 5 VOH - VCC -1.1 Symbol
Notes: 1. 2 m/s air flow required. 2. Output power is power coupled into a single mode fiber. 3. The power supply current varies with temperature. Maximum current is specified at VCC = Maximum @ maximum temperature (not including terminations) and end of life. 4. 10% - 90% Values 5. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
6
Receiver Section (Ambient Operating Temperature VCC = 4.75V to 5.25V)
Parameter Receiver Sensitivity Maximum Input Power Signal Detect - Asserted Signal Detect - Deasserted Signal Detect - Hysteresis Power Supply Current Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage - Low Signal Detect Output Voltage - High
Symbol PA PD PA - PD ICC VOL - VCC VOH - VCC VOL - VCC VOH - VCC
Minimum -34 -8 PD +0.5 -45 0.5 -2.0 -1.1 -2.0 -1.1
Typical 80 -
Maximum -34 4.0 100 -1.58 -0.74 -1.58 -0.74
Units dBm dBm dBm avg. dBm avg. dB mA V V V V
Notes 6 7 8 8 8 8
Notes: 6. Minimum sensitivity and saturation levels for a 2 23-1 PRBS with 72 ones and 72 zeros inserted. (ITU-T recommendation G.958). 7. The current excludes the output load current. 8. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
7
Drawing Dimensions
Agilent XXXX-XXXX PROD ZZZZZ LASER
TX 21CFR(J) CLASS 1 COUNTRY OF ORIGIN YYWW RX KEY: YYWW = DATE CODE XXXX-XXXX = HFCT-5215 ZZZZ = 1300 nm
39.6 MAX. (1.56)
12.7 (0.50)
4.7 (0.185)
25.4 MAX. (1.00)
AREA RESERVED FOR PROCESS PLUG
12.7 (0.50)
+0.1 0.25 -0.05 +0.004 (0.010 -0.002
SLOT DEPTH
2.5 (0.10)
SLOT WIDTH
2.0 0.1 (0.079 0.004)
)
9.8 MAX. (0.386) 0.51 (0.020) 20.32 (0.800) 15.8 0.15 (0.622 0.006) 2X
3.3 0.38 (0.130 0.015)
9X
AE
+0.25 0.46 -0.05 +0.010 (0.018 -0.002 )
AE
+0.25 1.27 -0.05 +0.010 (0.050 -0.002)
23.8 (0.937)
20.32 (0.800)
8X 2.54 (0.100)
20.32 (0.800)
2X
1.3 AE (0.051)
DIMENSIONS ARE IN MILLIMETERS (INCHES). TOLERANCES: X.XX 0.025 mm UNLESS OTHERWISE SPECIFIED. X.X 0.05 mm
Figure 5. Package Outline Drawing for HFCT-5215
8
20.32 (0.800)
2 x O 1.9 0.1 (0.075 0.004)
20.32 (0.800)
9 x O 0.8 0.1 (0.032 0.004)
2.54 (0.100) TOP VIEW
DIMENSIONS ARE IN MILLIMETERS (INCHES)
Figure 6 . Recommended Board Layout Pattern
Ordering Information Temperature Range 0C to +70C HFCT-5215B Black Case HFCT-5215D Blue Case
Supporting Documentation Application Note 1098 Characterization Report Qualification Report
Class 1 Laser Product: This product conforms to the applicable requirements of 21 CFR 1040 at the date of manufacture Date of Manufacture: Agilent Technologies Ltd., Depot Road, Singapore
Handling Precautions 1. The HFCT-5215 can be damaged by current surges or overvoltage. Power supply transient precautions should be taken. 2. Normal handling precautions for electrostatic sensitive devices should be taken.
9
www.semiconductor.agilent.com
Data subject to change. Copyright (c) 2001 Agilent Technologies, Inc. Obsoletes: 5980-1856E January 28, 2001 5988-2061EN


▲Up To Search▲   

 
Price & Availability of HFCT-5215D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X