Part Number Hot Search : 
CPH5706 VTB5051J 29LV64 12816 DS26334 MAX690 1510G 16PT10G
Product Description
Full Text Search
 

To Download GP1F361T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1F361T/GP1F361R
GP1F361T/GP1F361R
s Features
1. Electric and optical signal compatible design ( Three kinds of terminals are integrated into a single unit. ) 2. Compact design with small jack compatible mini-plug 3. OPIC type (Direct interface to microcomputer of the I/O signals) (High fidelity real sound reproduction ) 4. High speed data transmission Signal transmisson speed: MAX. 8Mbps ( NRZ signal ) 5. Low voltage drive ( 2.7V to 3.6V)
Optical Mini-Jack for Digital Audio Equipment
s Outline Dimensions
3 - 1.5 3 - 0.5 2.54 2.54 7.2
( Unit : mm )
10 3.6 6.7 3.3
18.1 2.5 6 2.8
2.3
3.7 3.7 9.65 1.85 4 5 3 2 1 789 6 2 1 4.0 6.1
8 - 1.0 11.0 1 2 3 4 5 6 7 8 9
8.7
5.05
s Applications
1. MD, DCC 2. Portable CD, DAT
7.0
Jack terminal
Device terminal
Jack terminal configuration GP1F361T 1 4 6 2 3 5 LED Drive IC 8 Vcc 7 Vin 9 GND GP1F361R 1 4 6 2 3 5 7 Vcc 9 Vout 8 GND OPIC light detector
OPIC is a trademark of Sharp and stands for Optical IC. It has light detecting element and signal processing circuitry integrated single chip.
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
GP1F361T/GP1F361R s Absolute Maximum Ratings GP1F361T/GP1F361R ( Photoelectric conversion element )
Parameter Supply voltage Output current (GP1F361R ) Input voltage ( GP1F361T ) Operating temperature Storage temperature 1 Soldering temperature Symbol VCC IOH IOL Vin Topr Tstg Tsol Rating - 0.5 to + 7.0 2 ( source current ) 10 ( sink current ) - 0.5 to V CC + 5.0 - 20 to + 70 - 30 to + 80 260 Unit V mA mA V C C C
GP1F361T/GP1F361R ( Jack )
Parameter Total power dissipation Isolation voltage Operating temperature Storage temperature 1 Soldering temperature
1 5s/time up to 2 times.
Symbol Ptot Viso Topr Tstg Tsol
Rating D.C.12V, 1A A.C. 500Vrms ( For 1min. ) - 20 to 70 - 30 to 80 260
Unit C C C
s Recommended Operating Conditions GP1F361T
Parameter Supply voltage Operating transfer rate Symbol V CC T MIN. 2.7 TYP. 3.0 MAX. 3.6 8 Unit V Mbps
GP1F361R
Parameter Supply voltage Operating transfer rate Receiver input optical power level Symbol V CC T PC MIN. 2.7 0.1 - 24.0 TYP. 3.0 MAX. 3.6 8 - 14.5 Unit V Mbps dBm
s Electro-optical Characteristics GP1F361T ( Photoelectric conversion element )
Parameter Peak emission wavelength Optical power output couple with fiber Supply current High level input voltage Low level input voltage LowHigh delay time HighLow delay time Pulse width distortion Jitter Symbol P PC ICC ViH ViL tPLH tPHL tw tj Conditions Refer to Fig. 1 Refer to Fig. 2 Refer to Fig. 2 Refer to Fig. 2 Refer to Fig. 3 Refer to Fig. 3 Refer to Fig. 3 Refer to Fig. 3 MIN. 630 - 21 2.1 - 30 TYP. 660 - 17 8 1
( Ta = 25C )
MAX. 690 - 15 12 0.8 180 180 + 30 30 Unit nm dBm mA V V ns ns ns ns
GP1F361T/GP1F361R GP1F361R ( Photoelectric conversion element )
Parameter Peak sensitivity wavelength Supply current High level output voltage Low level output voltage Rise time Fall time LowHigh delay time HighLow delay time Pulse width distortion PC= - 14.5dBm Jitter PC= - 24dBm Symbol P ICC VOH VOL tr tf tPLH tPHL tw Conditions Refer to Fig. 4 Refer to Fig. 5 Refer to Fig. 5 Refer to Fig. 5 Refer to Fig. 5 Refer to Fig. 5 Refer to Fig. 5 Refer to Fig. 5 Refer to Fig. 6 MIN. 2.1 - 30 TYP. 700 12 17 5 1 -
( Ta = 25C )
MAX. 15 0.4 30 30 180 180 + 30 30 30 Unit nm mA V V ns ns ns ns ns ns ns
tj
s Mechanical and Electrical Characteristics GP1F361T/GP1F361R ( Jack )
Parameter Insertion force, Withdrawal force Contact resistance Isolation resistance Symbol FP Rcon RISO Conditions 2 3 D.C. 500V, 1min. MIN. 5 100 TYP. MAX. 35 30 Unit N m M
Note ) This jack is designed for appliacable to 3.5 compact single head plug ( EIAJ RC-6701A) . 2 Measuring method of insertion force and withdrawal force. Insertion and withdrawal force shall be measured after inserting and withdrawing 3 times by using EIAJ RC-6701A standard plug for test. 3 Measuring method of contact resistance. About movable contact terminal and make contacts, it measures at 100mA or less and 1000H Z at the condition of inserting EIAJ 6701A standard plug for test.
Fig. 1 Measuring Method Optical Output Coupling Fiber
Standard optical fiber cable GP1F361T Unit to be measured Vin VCC GND VCC D The optical power meter must be calibrated to have the wavelength sensitivity of 660nm. (0dB = 1mW ) Optical power meter (Anritsu ) ML93B
Note ) ( 1 ) VCC ; 3.0V 0.05V (State of operating) ( 2 ) To bundle up the standard fiber optic cable, make it into a loop with the diameter D= 10cm or more. ( The standard fiber optic cable will be specified elsewhere. )
GP1F361T/GP1F361R
Fig. 2 Measuring Method of Input Voltage and Supply Current
Standard fiber optic cable GP1F361T Unit to be measured Vin Vcc Icc Vin VCC GND D The optical power meter must be calibrated to have the wavelength sensitivity of 660nm. ( 0dB= 1mW ) Optical power meter (Anritsu ) ML93B
Input conditions and judgement method Conditions Vin = 2.1V or more Vin = 0.8V or less
Note ) VCC = 3.0 0.05V (State of operating)
Judgement method - 21<=PC<= -15dBm, ICC = 12mA or less PC<= - 36dBm, ICC = 12mA or less
Fig. 3 Measuring Method of Pulse Response and Jitter
Standard fiber optic cable GP1F361T Unit to be measured Vin Vcc GND Vcc Input 1 10 0 Input signal 3Mbps biphase mark PRBS signal Oscilloscope CH1 CH2 Tektronix 7834 or 7934 type Trigger ; CH1 Storage mode Standard receiver Output signal
Input signal tPLH tPHL
50%
Standard receiver output
50% tjr tjf
GP1F361T/GP1F361R
Test item
Test item Low High pulse delay time High Low pulse delay time Pulse width distortion Low High Jitter High Low Jitter Symbol tPLH tPHL Test condition -
tw tjr tjf
tw = tPHL- tPLH Set the trigger on the rise of input signal to measure the jitter of the rise of output Set the trigger on the fall of input signal to measure the jitter of the fall of output
Notes ( 1 ) The waveform write time shall be 4 seconds. But do not allow the waveform to be distorted by increasing the brightness too much. ( 2 ) VCC = 3.0 0.05V (State of operating) ( 3 ) The probe for the oscilloscope must be more than 1M and less than 10pF.
Fig. 4 Supply Current
Input conditions Supply voltage Optical output coupling fiber Standard transmitter input signal VCC = 3.0 0.05V PC = - 14.5dBm 6Mbps NRZ, Duty50 % or 3Mbps biphase mark PRBS signal
fiber optic cable Standard transmitter Vin Input 5V Vcc GND GP1F361R Unit to be measured Vcc A Ammeter GND Vout
Vcc
Measuring method
Measured on an ammeter (DC average amperage)
Fig. 5 Measuring Method of Output Voltage and Pulse Response
fiber optic cable Standard transmitter Vin Vcc GND 5V Input CH1 CH2 6Mbp/s NRZ, duty 50% Tektronix 7834 or 7934 type Oscilloscope Vcc GP1F361R Unit to be measured Vcc GND Vout
GP1F361R/GP1F361T
Test item
Test item LowHigh pulse delay time HighLow pulse delay time Rise time Fall time Pulse width distortion tw = t PHL - t PLH High level output voltage Low level output voltage
Notes ( 1 ) ( 2) ( 3) ( 4)
Symbol t PLH t PHL tr tf
Standard Transmitter Input signal (CH1 ) VOH GP1F361R Output signal (CH2 ) VOL t PLH t PHL tr tf
50%
90% 50% 10%
tw
V OH V OL
VCC = 3.0 0.05V ( State of operating) The fiber coupling light output set at - 14.5dBm/ - 24.0dBm. The probe for the oscilloscope must be more than 1M and less than 10pF. The output ( H/L level) of GP1F361R are not fixed constantly when it receivers the disturbing light ( including DC light, no input light) less than 0.1Mbps.
Fig. 6 Measuring Method of Jitter
fiber optic cable Standard transmitter Vin Vcc GND 5V Vcc Tectronix 7834 or 7934 type Trigger ; CH1 Storage mode Sweep ; AUTO/NORM GP1F361R Unit to be measured Vcc GND Vout
Input
CH1 CH2
Input signal 3Mbps biphase PRBS signal
Oscilloscope
Input signal 50%
GP1F361R output tjr tjf
50%
GP1F361T/GP1F361R
Test item
Test item Low High jitter High Low jitter Symbol
tjr tjf
Test condition Set the trigger on the rise of input signal to measure the jitter of the rise of output Set the trigger on the fall of input signal to measure the jitter of the fall of output
Notes ( 1 ) The fiber coupling light output set at - 14.5dBm/ - 24.0dBm. ( 2 ) The waveform write time shall be 3 seconds. But do not allow the waveform to be distorted by increasing the brightness too much. ( 3 ) VCC = 3.0 0.05V (State of operating) ( 4 ) The probe for the oscilloscope must be more than 1M and less than 10pF.
s Optical Mini-Jack Connection Example
2
3
5
: Metal part : Resin part
Jack side Input or output terminal
Plug side Input side 6 4 1 LINE IN MIC Digital input ( coaxial ) Optical digital input
Output side LINE OUT HEAD PHONE Digital output ( coaxial ) Optical digital output
Compatible with : Analog electric signal Digital electric signal Digital optical signal GP1F361R/GP1F361T
}
Analog electric signal Digital electric signal Digital optical signal
L +
R -
GND GND
Kinds of plug Analog electricity Digital electricity Digital optics No plug
Output 4 L L L H 5 L L H H 1 L H H H
q
Please refer to the chapter " Precautions for Use."


▲Up To Search▲   

 
Price & Availability of GP1F361T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X