Part Number Hot Search : 
KSM540 TM5136 RPGBII00 NUMAKER SD103R LA7605M MM1564A LY62L
Product Description
Full Text Search
 

To Download DK015L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U
. .L
C RE
OG 1639
#E 7
Z NI
ED
le Fi
E7
TO-220 Isolated
A C
Rectifiers
(15 A to 25 A)
E7
General Description
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200 V to 1000 V. Due to the electrically-isolated TO-220 package, these rectifiers may be used in common anode or common cathode circuits using only one part type, thereby simplifying stock requirements. Teccor's silicon rectifiers feature glass-passivated junctions to ensure long term reliability and stability. In addition, glass offers a rugged, reliable barrier against junction contamination.
Features
* * * * Electrically-isolated packages High voltage capabilities -- 200 V to 1000 V High surge capabilities -- up to 350 A Glass-passivated junctions
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E7 - 1
http://www.littelfuse.com + 1 972-580-7777
Rectifiers
Data Sheets
Part Number
Isolated
VRRM
VR
IF(AV)
(1)
IF(RMS)
IFSM
(2)
IRM
(3)
VFM
I2t
RJC
Type
C A
Not Used
Amps TO-220 See "Package Dimensions" section for variations. (4) D2015L D4015L D6015L D8015L DK015L D2020L D4020L D6020L D8020L DK020L D2025L D4025L D6025L D8025L DK025L Volts MIN 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 Volts MIN 200 400 600 800 1000 200 400 600 800 1000 200 400 600 800 1000 Amps MAX 9.5 9.5 9.5 9.5 9.5 12.7 12.7 12.7 12.7 12.7 15.9 15.9 15.9 15.9 15.9 Amps MAX 15 15 15 15 15 20 20 20 20 20 25 25 25 25 25 225/188 225/188 225/188 225/188 225/188 300/255 300/255 300/255 300/255 300/255 350/300 350/300 350/300 350/300 350/300 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 60/50 Hz TC = 25 C
mA TC = 100 C MAX 0.5 0.5 0.5 0.5 3 0.5 0.5 0.5 0.5 3 0.5 0.5 0.5 0.5 3 1 1 1 1 1 1 1 1 1 1 1 1 TC = 125 C
Volts TC=25 C MAX 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 210 210 210 210 210 374 374 374 374 374 508 508 508 508 508 Amps2Sec C/W TYP 2.85 2.85 2.85 2.85 2.85 2.5 2.5 2.5 2.5 2.5 2.7 2.7 2.7 2.7 2.7
15 A
20 A
25 A
Test Conditions
I2t -- RMS surge (non-repetitive) forward current for 8.3 ms for fusing IF(AV) -- Average forward current IF(RMS) -- RMS forward current IFSM -- Peak one-cycle surge current IRM -- Peak reverse current RJC -- Thermal resistance (steady state) junction to case VFM -- Peak forward voltage at rated average forward current VR -- DC blocking voltage VRRM -- Peak repetitive reverse voltage
Electrical Specification Notes
(1) (2) (3) (4) See Figure E7.3 for current rating at specified case temperature. For more than one full cycle rating, see Figure E7.4. TC = TJ for test conditions See package outlines for lead form configurations. When ordering special lead forming, add type number as suffix to part number.
Electrical Isolation
Electrical Isolation from Leads to Mounting Tab * V AC RMS 2500 4000
TO-220 Isolated Standard Optional **
General Notes
* * * * Operating temperature range (TJ) is -40 C to +125 C. Storage temperature range (TS) is -40 C to +125 C. Lead solder temperature is a maximum of 230 C for 10 seconds maximum at a minimum of 1/16" (1.59 mm) from case. The case temperature (TC) is measured as shown on dimensional outline drawings in the "Package Dimensions" section of this catalog. Teccor's electrically-isolated TO-220 devices withstand a high potential test of 2500 V ac rms from leads to mounting tab over the operating temperature range. Typical Reverse Recovery Time (trr) is 4 s. (Test conditions = 0.9 A forward current and 1.5 A reverse current.)
* UL Recognized File #E71639 ** For 4000 V isolation, use "V" suffix in the part number.
*
*
http://www.littelfuse.com + 1 972-580-7777
E7 - 2
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
Data Sheets
Rectifiers
140
Instantaneous Forward Current (iF) - Amps
120
TC = 25C
Peak Surge (Non-repetitive) Forward Current (IFSM) - Amps
1000 800 600 400 300 200 15 A Devices 20 A Devices 25 A Devices
100
25 A Devices
80
20 A Devices
60
100 80 60 40 30 20 10 1 2 4 6 10 20 40 60 100 200 400 600 1000 SUPPLY FREQUENCY: 60 Hz Sinewave LOAD: Resistive or Inductive RMS ON-STATE CURRENT: [IF(RMS)] Maximium Rated Value at Specified Case Temperature
40
15 A Devices
20 0 0 0.6 0.8 1.0 1.2 1.4 1.6 1.8
Surge Current Duration - Cycles
Instantaneous Forward Voltage (vF) - Volts
Figure E7.1 Instantaneous Forward Current versus Forward Voltage (Typical)
Figure E7.4 Peak Surge Forward Current versus Surge Current Duration
20
Average Forward Power Dissipation [PF(AV)] - Watts
SINGLE PULSE RECTIFICATION 60 Hz SINE WAVE 16
12
20 A Devices
8 15 A Devices 4 25 A Devices
0 0 2 4 6 8 10 12 14 16
Average Forward Current [IF(AV)] - Amps
Figure E7.2 Forward Power Dissipation (Typical)
125
Maximum Allowable Case Temperature (TC) - C
120 115 110 105 100
SUPPLY FREQUENCY: 60 Hz Sine Wave LOAD: Resistive or Inductive CASE TEMPERATURE: Measured As Shown on Dimensional Drawing
20 A Devices
25 A Devices
95
15 A Devices
90 85 80 75 70 0 0 2 4 6 8 10 12 14
16
Average Forward Current [IF (AV)] - Amps
Figure E7.3 Maximum Allowable Case Temperature versus Average Forward Current
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E7 - 3
http://www.littelfuse.com +1 972-580-7777
Notes


▲Up To Search▲   

 
Price & Availability of DK015L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X