Part Number Hot Search : 
RFR120 AM188 WS100 43ECA N74AC 6204A53 PL354 TC114T
Product Description
Full Text Search
 

To Download CSD2475 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series CS
10-90Amp * 120/240 Vac * AC OUTPUT * Low Leakage * SCR Output * Panel Mount * Zer Voltage Switching Zero
The Series CS has an SCR AC switch output featuring low off-state leakage (1mA, snubberless), zero-voltage switching and a broadened operating range (24-280Vac). This wide range permits optimum performance at both 120Vac and 240Vac line voltages. Manufactured in Crydom's ISO 9001 Certified facility for optimum product performance and reliability.
MODEL NUMBERS
CSD2410 CSE2410
CSD2425 CSE2425
CSD2450 CSE2450
CSD2475 CSE2475
CSD2490 CSE2490
OUTPUT SPECIFICATIONS
Operating Voltage (47-63 Hz) [Vrms] Load Current Range
24-280 0.15-10 600 120 1.6 1.48 60 1.0 500 1/2 Cycle 1/2 Cycle 0.5
24-280 0.15-25 600 250 1.6 1.02 260 1.0 500 1/2 Cycle 1/2 Cycle 0.5
24-280 0.15-50 600 625 1.6 0.63 1620 1.0 500 1/2 Cycle 1/2 Cycle 0.5
24-280 0.25-75 600 1000 1.6 0.31 4150 1.0 500 1/2 Cycle 1/2 Cycle 0.5
24-280 0.25-90 600 1200 1.6 0.28 6000 1.0 500 1/2 Cycle 1/2 Cycle 0.5
[Arms]
Transient Overvoltage [Vpk] Max. Surge Current, (16.6ms) [Apk] Max. On-State Voltage Drop @ Rated Current [Vpk] Thermal Resistance Junction to Case (RJC ) [C/W] Maximum I 2 t for Fusing, (8.3 msec.) [A 2sec] Max. Off-State Leakage Current @ Rated Voltage [mA] Min. Off-State dv/dt @ Max. Rated Voltage [V/sec] Max. Turn-On Time Max. Turn-Off Time Power Factor (Min.) with Max. Load
INPUT SPECIFICATIONS
Control Voltage Range Max. Turn-On Voltage Min. Turn-Off Voltage Nominal Input Impedence Typical Input Current
DC CONTROL
(CSD PREFIX)
DC CONTROL
(CSE PREFIX)
3.5-15 Vdc 3.5 Vdc 1.0 Vdc 300 Ohm 15 mA @ 5 Vdc
15-32 Vdc 15.0 Vdc 1.0 Vdc 2k Ohm 7mA @ 15 V
GENERAL NOTES
(c) 2001 CRYDOM CORP, Specifications subject to change without notice.

All parameters at 25C unless otherwise specified. Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 Heat sinking required, for derating curves see page 2.
FastFax Document No.162 SERIES CS. Rev. 012402 PAGE 1 OF 3
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
Series CS
10-90Amp * 120/240 Vac * AC OUTPUT
GENERAL SPECIFICATIONS Dielectric Strength 50/60Hz , Input/Output/Base Insulation Resistance (Min.) @ 500 Vdc Max. Capacitance Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range MECHANICAL SPECIFICATIONS Weight: (typical) Encapsulation: Terminals: AVAILABLE OPTIONS 4000 Vrms 109 Ohm 10 pF -40 to 80C -40 to 125C
3.0 oz. (86.5g) Thermally Conductive Epoxy
Screws and Saddle Clamps Furnished, Unmounted
MOUNTING HOLE/SLOT 0.17 (4.3) DIA. 1.10 (27.9) .45 (11.4)
8-32 TERMINAL (2 PLACES )
F
Faston Terminals (Up to 50A Models) Example: CSD2425F
1.87 (47.5)
1
OUTPUT
2
SOLID-STATE RELAY
G
Input Status LED. Agencies Approval Pending Example: CSD2425G Note: Control Voltage Range 5-15Vdc for CSD Models. Internal Overvoltage Protection. Relay Will Self Trigger Between 450-600 Vpk. Not Suitable For Capacitive Loads. Agencies Approval Pending. Example: CSD2425P Random Turn-On (AC & DC Control) Phase Controllable (DC Control) Example: CSD2425-10
-4
INPUT
+
3
2.30 (58.4) 1.70 (43.2)
BASE PLATE .125 (3.2)
P
1.00 (25.4) 1.80 (45.7)
6-32 TERMINAL (2 PLACES)
.78 (19.8) .90 (22.9)
-10
MOUNTING HOLE/SLOT 0.17 (4.3) DIA.
1.10 (27.9) .45 (11.4)
FASTON TERMINAL .250 X .032 (2 PLCS.) .87 REF. (22.2)
Screw Torque Requirements: 6-32 Screws - 10 in./lbs., 8-32 and 10-32 Screws - 20in./lbs. (Screws dry without grease.) Fastons: Single pair (up to 25A) Double pair* (up to 50A). * Caution: User must connect to both pairs
1.87 (47.5)
1
OUTPUT
2
2.30 (58.4) 1.70 (43.2)
SOLID-STATE RELAY
-4
INPUT
+
3
Crydom Heat Sinks offer excellent thermal management and are perfectly matched to the load current ratings of Crydom panel mount relays. Request Crydom's Heat Sink specification sheet for all the details.
BASE PLATE .125 (3.2)
1.00 (25.4) 1.80 (45.7)
FASTON TERMINAL .187 X .032 (2 PLCS.)
.78 (19.8) .90 (22.9)
All dimensions are in inches (millimeters)
APPROVALS UL E116949 CSA LR81689 VDE 10143 UG
FastFax Document No.162 SERIES CS. Rev. 012402 PAGE 2 OF 3
(c) 2001 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506
Series CS
10-90Amp * 120/240 Vac * AC OUTPUT
CURRENT DERATING CURVES
10A
12
7C/W 9C/W 3C/W
25A
30
1C/W
95
Base Plate Temp [C] Base Plate Temp [C]
5C/W
Base Plate Temp [C]
110
25
Power Dissipation
3C/W 2C/W
100
Power Dissipation
8 115
NO HEATSINK
20 15 10
NO HEATSINK
110
4
120
5 0 2 4 6 8 10 20 40 60 80
Load Current [Arms] Max Ambient Temp. [C]
120 5 10 15 20 25 20 40 60 80
0
Load Current [Arms] Max Ambient Temp. [C]
50A
60
1C/W 1.5C/W .5C/W
75A
120 90
Base Plate Temp [C] Base Plate Temp [C]
90A
120
.5C/W .2C/W .4C/W
90
95
Power Dissipation
.5C/W .3C/W
Power Dissipation Power Dissipation
40
2C/W
100
80
1C/W
100
Power Dissipation
80
1C/W
100
20
NO HEATSINK
110
110 40 120 0
110 40 120 0 20 40 60 80 0 20 40 60 80
120 80 15 30 45 60 75 20 40 60 80
0 10 20 30 40 50 20 40 60
Load Current [Arms] Max Ambient Temp. [C]
Load Current [Arms]
Max Ambient Temp. [C]
Load Current [Arms]
Max Ambient Temp. [C]
(c) 2001 CRYDOM CORP, Specifications subject to change without notice.
FastFax Document No.162 SERIES CS. Rev. 012402 PAGE 3 OF 3
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of CSD2475

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X