Part Number Hot Search : 
HFD1N65S 0512SH 0DPBF TPP100 CSWM9125 ZMM525 M48T86PC SAA6712E
Product Description
Full Text Search
 

To Download CMPD2005S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPD2005S SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMPD2005S contains two (2) High Voltage Silicon Switching Diodes, manufactured by the epitaxial planar process, epoxy molded in a SOT-23 surface mount package, designed for applications requiring high voltage capability. MARKING CODE: DB5
SOT-23 CASE
MAXIMUM RATINGS (TA=25 C) Continuous Reverse Voltage Peak Repetitive Reverse Voltage Peak Repetitive Reverse Current Continuous Forward Current Peak Repetitive Forward Current Forward Surge Current, tp= 1 s Forward Surge Current, tp= 1s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VR VRRM IO IF IFRM IFSM IFSM PD TJ,Tstg JA 300 350 200 225 625 4.0 1.0 350 -65 to +150 357 UNITS V V mA mA mA A A mW C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL IR IR BVR VF VF VF CT trr TEST CONDITIONS VR=280V VR=280V, TA=150C IR=100A IF=20mA IF=100mA IF=200mA VR=0, f=1.0 MHz IR=IF=30mA, Rec. to 3.0mA, RL=100 350 0.87 1.0 1.25 5.0 50 MIN TYP MAX 100 100 UNITS nA A V V V V pF ns
R1 (6-August 2003)
Central
TM
CMPD2005S SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
Semiconductor Corp.
SOT-23 CASE - MECHANICAL OUTLINE
MARKING CODE: DB5
2
1
D1
D2
3
LEAD CODE: 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2
R1 (6-August 2003)


▲Up To Search▲   

 
Price & Availability of CMPD2005S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X