Part Number Hot Search : 
TLP734 D102EHI MBT5401 UMIL70 TPQ3798 C2632 625ETT AS2522BQ
Product Description
Full Text Search
 

To Download CAT16-PT4F4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

HIGH PERFORMANCE TERMINATION NETWORK Miniaturized circuitry and packaging for space reduction Designed for gigabit communication networks
Controlled impedance
CAT16-PT4F4 - Concave Chip Array
Electrical Characteristics
Resistance R1 .............................................100 ohms TCR ........................................200 ppm/C Temperature Range .........-55 C to +12 5C Max. Operating Voltage ....................5 VDC Max. Power Resistance ................ .0625 W Solderability .....................>95 % Coverage
Product Dimensions
16 15 14 13 12 11 10 9
.30 .10 DIA. (.012 .004)
.60 .10 (.024 .004) 1.60 .15 (.063 .060)
.45 .10 (.018 .004)
.40 .10 (.016 .004) .40 .10 (.016 .004)
.80 .10 (.031 .004)
6.40 .15 (.253 .006)
1
DIMENSIONS ARE: MM (INCHES)
2
3
4
5
6
7
8
Packaging Specifications
4000 pcs - per 7 " reel
4.0 .10 (.157 .004)
0.9 0.1 (.035 .004)
2.00 0.20 (.079 .008)
2.0 .05 (.079 .002)
13 0.5 DIA. (.512 .020) 60.0 1.0 DIA. (2.36 .039) 12.0 0.2 (.472 .008) 21 0.5 (.827 .020) 15.4 1.0 (.606 .039) 13.0 0.3 (.512 .012) 178.0 2.0 (7.008 .080)
6.9 0.2 (.272 .008)
5.5 0.1 (.217 .004)
4.0 .10 (.158 .004)
1.5 +.10/-0 (.060 +.004/-0)
1.75 .10 (.069 .004)
Derating Curve
Rated power in percentage (%)
Land Pattern
Solder resist
100 80 60 40 20 0 -55 0 70 (C) Ambient temperature 125
0.7 to 0.9 (.028 to .035)
Land
Chip resistor array CAT
2.0 to 2.2 (.079 to .087)
Schematic
0.4 to 0.45 (.016 to .0178)
0.80 (.032)
16
15
14
13
12
11
10
9
R1
R1
R1
R1
1
2
3
4
5
6
7
8
REV. 07/03 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CAT16-PT4F4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X