|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ADVANCED INFORMATION ADVANCED INFORMATION ADVANCED INFORMATION BY229X SERIES FAST SWITCHING PLASTIC RECTIFIER Reverse Voltage - 50 to 600 Volts ITO-220AC Forward Current - 8.0 Amperes FEATURES Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junction Low leakage, high voltage High surge current capability Superfast recovery time, for high efficiency High temperature soldering guaranteed: 250C, 0.25" (6.35mm) from case for 10 seconds 0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08) 0.600 (15.5) 0.580 (14.5) 0.676 (17.2) 0.646 (16.4) 2 0.350 (8.89) 0.330 (8.38) PIN 1 0.191 (4.85) 0.171 (4.35) 0.560 (14.22) 0.530 (13.46) 0.060 (1.52) 0.110 (2.80) 0.100 (2.54) MECHANICAL DATA Case: JEDEC ITO-220AC fully overmolded plastic body over passivated chip Terminals: Plated lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Weight: 0.064 ounce, 1.81 grams Mounting Torque: 5 in. - lbs. max. 0.037 (0.94) 0.027 (0.69) 0.205 (5.20) 0.195 (4.95) PIN 1 PIN 2 0.022 (0.55) 0.014 (0.36) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS BY229X -200 BY229X -400 BY229X -600 BY229X -800 UNITS Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 20A Maximum DC reverse current at rated DC blocking voltage TJ=25C at TJ=125C VRRM VRMS VDC I(AV) 200 140 200 400 280 400 8.0 600 420 600 800 560 800 Volts Volts Volts Amps IFSM VF IR trr Qrr dir/dt RJC RJA TJ, TSTG VISOL 100 1.85 10.0 300 145 700 60 4.8 20 -40 to +150 4500 (NOTE 4) 3500 (NOTE 5) 1500 (NOTE 6) Amps Volts A ns nC A/s C/W C/W C Volts Maximum reverse recovery time (NOTE 1) Maximum recovered stored charge (NOTE 2) Maximum slope of reverse recovery current (NOTE 2) Maximum thermal resistance (NOTE 3) Typical thermal resistance, junction to air Operating junction and storage temperature range RMS Isolation voltage from terminals to heatsink with RH 30% NOTES: (1) Reverse recovery test conditions: IF=1A, VR=30V, di/dt=50A/s, Irr=10% IRM (2) Qrr test conditions: IF=2A, VR=30V, di/dt=20A/s (3) Thermal resistance from junction to case mounted on heatsink with heatsink compound (4) Clip mounting, where lead does not overlap heatsink with 0.110" offset. (5) Clip mounting, where leads do overlap heatsink. (6) Screw mounting, where washer diameter is 4.9 mm (0.19"). 10/12/98 RATINGS AND CHARACTERISTIC CURVES BY229X SERIES FIG. 1 - MAXIMUM FORWARD CURRENT DERATING CURVES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 12 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES 150 RESISTIVE OR INDUCTIVE LOAD 10 8 6 4 2 0 0 125 PEAK FORWARD SURGE CURRENT, AMPERES TL=75C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 100 75 50 25 50 100 150 0 1 10 NUMBER OF CYCLES AT 60 HZ CASE AMBIENT TEMPERATURE, C 100 FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT, AMPERES 1000 TJ=150C TJ=150C INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES 10 100 TJ=125C TJ=25C 1 TJ=100C 10 TJ=100C TJ=125C 0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 1 TJ=25C 0.10 FIG. 5 - TYPICAL JUNCTION CAPACITANCE 100 0.01 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE, % 10 1 10 VR / V Cj / pF 100 |
Price & Availability of BY229X |