Part Number Hot Search : 
AM42D YS64D640 LR8729 JAN2001J YS64D640 3N171 ML6XX28 MC401
Product Description
Full Text Search
 

To Download BS170F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ISSUE 3 - JANUARY 1996 FEATURES * 60Volt VDS * RDS(ON) = 5
BS170F
S
D G
PARTMARKING DETAIL - MV
SOT23
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage Continuous Drain Current at T amb=25C Pulsed Drain Current Gate Source Voltage Power Dissipation at T amb=25C Operating and Storage Temperature Range SYMBOL V DS ID I DM V GS P tot T j :T stg VALUE 60 0.15 3 20 330 -55 to +150 UNIT V mA A V mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current Static Drain-Source On-State Resistance (1) Forward Transconductance (1)(2) Input Capacitance (2) Turn-On Delay Time (2)(3) Turn-Off Delay Time (2)(3) SYMBOL BV DSS V GS(th) I GSS I DSS R DS(on) g fs C iss t d(on) t d(off) 200 60 10 10 MIN. TYP. MAX. UNIT CONDITIONS. 60 0.8 90 3 10 0.5 5 V V nA A mS pF ns ns I D =100A, V GS=0V I D =1mA, V DS= V GS V GS =15V, V DS =0V V DS=25V, V GS=0V V GS=10V, I D=200mA V DS=10V, I D=200mA VDS=10V, VGS =0V, f=1MHz V DD -15V, I D=600mA
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. (3) Switching times measured with 50 source impedance and <5ns rise time on a pulse generator Spice parameter data is available upon request for this device For typical characteristics graphs refer to ZVN3306F datasheet.
3 - 54


▲Up To Search▲   

 
Price & Availability of BS170F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X