Part Number Hot Search : 
2SC5086 ST626 80P03 5AA04 UT6264 TS3V339 LB011M18 1602H
Product Description
Full Text Search
 

To Download BC817W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC 817W / BC 818W NPN
General Purpose Transistors NPN
Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
20.1
0.3
3
225 mW SOT-323 0.01 g
10.1
1.250.1
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Type Code
1 2
1.3
Dimensions / Mae in mm 1=B 2=E 3=C
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Coll. current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Peak Emitter current - Emitter-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open B shorted E open C open VCE0 VCES VCB0 VEB0 Ptot IC ICM IBM - IEM Tj TS
2.10.1
Grenzwerte (TA = 25/C) BC 817W 45 V 50 V 50 V 5V 225 mW 1) 500 mA 1000 mA 200 mA 1000 mA 150/C - 65...+ 150/C BC 818W 25 V 30 V 30 V
Characteristics, Tj = 25/C Min. DC current gain - Kollektor-Basis-Stromverhaltnis VCE = 1 V, IC = 100 mA VCE = 1 V, IC = 500 mA VCE = 1 V, IC = 100 mA BC817W BC818W Group -16W Group -25W Group -40W hFE hFE hFE hFE hFE 100 40 100 160 250
Kennwerte, Tj = 25/C Typ. - - 160 250 400 Max. 600 - 250 400 600
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
8
General Purpose Transistors Characteristics, Tj = 25/C Min. Collector saturation voltage - Kollektor-Sattigungsspg. IC = 500 mA, IB = 50 mA IC = 500 mA, IB = 50 mA Base-Emitter voltage - Basis-Emitter-Spannung VCE = 1 V, - IC = 500 mA IE = 0, VCB = 20 V IE = 0, VCB = 20 V, Tj = 150/C Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 4 V Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 50 MHz VCB = 10 V, IE = ie = 0, f = 1 MHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren
Marking of available current gain groups per type Stempelung der lieferbaren Stromverstarkungsgruppen pro Typ BC 817-16W = 6A BC 817W = 6D BC 818-16W = 6E BC 818W = 6H BC 818-25W = 6F
BC 817W / BC 818W Kennwerte, Tj = 25/C Typ. - - - - - - 170 MHz 6 pF Max. 0.7 V 1.2 V 1.2 V 100 nA 5 :A 100 nA - - 620 K/W 1)
VCEsat VBEsat VBE ICB0 ICB0 IEB0 fT CCB0
- - - - - - 100 MHz - RthA
Base saturation voltage - Basis-Sattigungsspannung
Collector-Base cutoff current - Kollektorreststrom
Collector-Base Capacitance - Kollektor-Basis-Kapazitat
BC 807W / BC 808W
BC 817-25W = 6B BC 817-40W = 6C BC 818-40W = 6G
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
9


▲Up To Search▲   

 
Price & Availability of BC817W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X