|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BAT42WS, BAT43WS, BAT54WS SURFACE MOUNT SCHOTTKY BARRIER VOLTAGE 30 Volts FEATURES * Low turn-on voltage * Fast switching * PN Junction Guard Ring for Transient and ESD Protection. CURRENT 0.2 Ampers PACKAGE SOD-323 MECHANICAL DATA Case: SOD-323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram Marking: L2, L3, L4 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Parameter Peak Repetitive Reverse Voltage Maximum Average Forward Current at Ta=25OC Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Thermal Resistance, Junction to Ambient Air Operating Junction Temperature Range Storage Temperature Range Symbol BAT42WS 30 0.2 4.0 BAT43WS 30 0.2 4.0 BAT54WS 30 0.2 0.6 Units V A A V A O VRRM IO IFSM VF IR RJA TJ TSTG 0.4 @ IF=0.01A 1.0 @ IF=0.2A 0.5 @VR=30V 0.33 @ IF=0.002A 1.0 @ IF=0.2A 0.5 @VR=30V 635 -55 TO +125 -55 TO +125 0.32 @ IF=0.001A 1.0 @ IF=0.1A 2.0 @VR=25V C/W O C C O Part Number: BAT42WS, BAT43WS, BAT54WS PAGE 1 RATING and CHARACTERISTIC CURVES 10,000 INSTANTANEOUS FORWARD CURRENT AMPERS REVERSE CURRENT, mAmps 0.1 TJ=100 C O TJ=100 C O 1,000 0. 1 TJ=25 C O TJ=75 C O 100 0.0 1 0 5 10 15 20 25 0.1 0.2 0.3 0.4 0.5 REVERSE VOLTAGE, Volts INSTANTANEOUS FORWARD VOLTAGE, VOLTS TYPICAL REVERSE CURRENT TYPICAL FORWARD VOLTAGE 10 800 700 600 500 400 300 REVERSE CURRENT, mAmps 1 TJ=25 C O 0.1 0.01 200 100 10 15 20 25 5 30 0 35 0 5 10 15 20 25 0.001 REVERSE VOLTAGE, Volts CAPACITANCE, 10-2 PF REVERSE VOLTAGE, Volts TYPICAL REVERSE CURRENT TYPICAL JUNCTION CAPACITANCE AVERAGE FORWARD CURRENT, AMPS 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 20 30 40 50 60 70 80 90 100 110 120 130 AMBIENT LEAD TEMPERATURE, C O CURRENT DERATING Part Number: BAT42WS, BAT43WS, BAT54WS PAGE 2 OUTLINE DRAWING SOD-323 .078(1.95) .068(1.75) .054(1.35) .045(1.15) .014(.35) .009(.25) .107(2.70) .090(2.30) .012(.30 MIN.) (c) Copyright PanjIt International Inc. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. PanJit Internatioal Inc. TEL:886-7-6213121 Fax:886-7-6213129 Internet: http://www.panjit.com.tw email: sales@panjit.com.tw Part Number: BAT42WS, BAT43WS, BAT54WS .006(.15) .002(.05) .038(.95) .027(.70) PAGE 3 |
Price & Availability of BAT43WS |