Part Number Hot Search : 
HE84770 ADC206 U06P40PT BZX84C12 C5346 16C85 AS001 F0512
Product Description
Full Text Search
 

To Download BAS140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Schottky Diode
BAS 140W
q q q q
General purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing
Type
Ordering Code (tape and reel) Q62702-A1071
Pin Configuration 1 2 A C
Marking
Package
BAS 140W
4
SOD-323
Maximum Ratings Parameter Reverse voltage Forward current Surge forward current, t 10 ms Total power dissipation TS 113 C Operating temperature range Storage temperature range Thermal Resistance Junction-ambient1) Junction-soldering point Symbol Values 40 120 200 250 - 55 ... + 125 - 55 ... + 150 Unit V mA mA mW C C
VR IF IFSM Ptot Top Tstg
Rth JA Rth JS
260 150
K/W K/W
1) Package mounted on an epoxy pcb 40 mm x 40 mm x 1.5 mm/1cm2 Cu.
Semiconductor Group
1
05.95
BAS 140W
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Breakdown voltage I(BR) = 10 A Forward voltage IF = 1 mA IF = 10 mA IF = 15 mA Reverse current VR = 30 V VR = 40 V Diode capacitance Value typ. max. Unit
V(BR)
40 - 310 450 720 - - 3 10 2 -
V mV 250 350 600 380 500 1000 A - - 1 10 pF - 5 - - - nH -
VF
IR
CT RF LS
VR = 0 V, f = 1 MHz
Differential forward resistance IF = 10 mA, f = 10 kHz Series inductance
Semiconductor Group
2
BAS 140W
Forward current IF = f (VF)
Reverse current IR = f (VR)
Diode capacitance CT = f (VR)
Differential forward resistance RF = f (IF)
Semiconductor Group
3
BAS 140W
Forward current IF = f (TA*, TS) * Package mounted on epoxy
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load IFmax / IFDC = f (tp)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BAS140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X