|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 2 D3PAK 1 - Cathode 2 - Anode Back of Case - Cathode 1 2 APT30D30S 300V 30A ULTRAFAST SOFT RECOVERY RECTIFIER DIODE PRODUCT APPLICATIONS * Anti-Parallel Diode * * * * * -Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers PRODUCT FEATURES * Ultrafast Recovery Times * Soft Recovery Characteristics * Surface Mount D3PAK * Low Forward Voltage * High Blocking Voltage * Low Leakage Current PRODUCT BENEFITS * Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density MAXIMUM RATINGS Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage All Ratings: TC = 25C unless otherwise specified. APT30D30S UNIT Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage Maximum Average Forward Current (TC = 110C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec. STATIC ELECTRICAL CHARACTERISTICS Symbol Characteristic / Test Conditions AL IC HN EC ON TI ED AT NC RM VA FO AD IN 300 30 70 320 -55 to 150 300 MIN TYP IF = 30A IF = 60A IF = 30A, TJ = 150C Volts Amps C MAX UNIT 1.4 1.4 1.2 250 A Volts VF Maximum Forward Voltage IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C 500 70 10 pF nH 6-2001 053-4054 Rev- Junction Capacitance, VR = 150V Series Inductance (Lead to Lead 5mm from Base) APT Website - http://www.advancedpower.com USA EUROPE 405 S.W. Columbia Street Chemin de Magret Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61 DYNAMIC CHARACTERISTICS Symbol trr1 trr2 trr3 tfr1 tfr2 I RRM1 I RRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic (Single Diode) Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -240A/s, VR = 180V Forward Recovery Time IF = 30A, diF /dt = 240A/s, VR = 180V Reverse Recovery Current IF = 30A, diF /dt = -240A/s, VR = 180V Recovery Charge IF = 30A, diF /dt = -240A/s, VR = 180V Forward Recovery Voltage TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C MIN TYP APT30D30S MAX UNIT 35 40 60 162 162 5 8 110 TBD ns 9 Amps 16 nC 280 2.9 2.9 Volts IF = 30A, diF /dt = 240A/s, VR = 180V Rate of Fall of Recovery Current IF = 30A, diF /dt = -240A/s, VR = 180V THERMAL AND MECHANICAL CHARACTERISTICS Symbol RqJC RqJA WT Characteristic / Test Conditions (Single Diode) Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight AL IC HN EC ON D T ATI CE M AN OR DV INF A TJ = 100C TJ = 25C 400 700 A/s TJ = 100C MIN TYP MAX UNIT C/W oz gm 0.90 40 0.22 6.1 APT Reserves the right to change, without notice, the specifications and information contained herein. D PAK Package Outline Cathode (Heat Sink) 4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 15.85 (.624) 16.05 (.632) 1.00 (.039) 1.15 (.045) 13.30 (.524) 13.60 (.535) 3 18.70 (.736) 19.10 (.752) Revised 2/24/95 12.40 (.488) 12.70 (.500) 0.40 (.016) 0.65 (.026) 0.020 (.001) 0.250 (.010) 2.70 (.106) 2.90 (.114) 1.20 (.047) 1.40 (.055) 1.15 (.045) 1.45 (.057) 1.90 (.075) 2.10 (.083) 5.45 (.215) BSC (2 Plcs.) 2.40 (.094) 2.70 (.106) (Base of Lead) 053-4054 Rev- 6-2001 Heat Sink (Cathode) and Leads are Plated Anode Cathode Dimensions in Millimeters (Inches) APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058 |
Price & Availability of APT30D30S |