Part Number Hot Search : 
02201 04304 NNCD68PL T45DB MA4EX 625KN SNXXX MMC4025
Product Description
Full Text Search
 

To Download APT30D20B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
TO -24
7
1 - Cathode 2 - Anode Back of Case - Cathode
1 2
APT30D20B
200V
30A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* Low Leakage Current
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage
IM
IN
All Ratings: TC = 25C unless otherwise specified.
APT30D20B UNIT
EL
A
* * * *
* High Blocking Voltage
R
Y
*
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
200
Volts
PR
Maximum Average Forward Current (TC = 85C, Duty Cycle = 0.5) RMS Forward Current
30 70 320 -55 to 150 300
C Amps
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Maximum Forward Voltage IF = 60A IF = 30A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 150V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-802 8 Phone: (33) 5 57 92 15 15 FAX: (541) 388-036 4 FAX: (33) 5 56 47 97 61
MIN
TYP
MAX
UNIT
1.15 1.05 1.0 250 500 110 10
A pF nH
053-2002 Rev C
Volts
USA
405 S.W. Columbia Street
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 30A, diF /dt = -240A /s, VR = 100V (See Figure 10) Characteristic Reverse Recovery Time, IF = 1.0A, diF/ dt = -15A /s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, di F /dt = -240A /s, VR = 100V Forward Recovery Time IF = 30A, di F /dt = 240A /s, VR = 100V Reverse Recovery Current IF = 30A, di F /dt = -240A /s, VR = 100V Recovery Charge IF = 30A, di F /dt = -240A /s, VR = 100V Forward Recovery Voltage IF = 30A, di F /dt = 240A /s, VR = 100V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT30D20B
MAX UNIT
35 40 60 155 155 6 10 120
50
ns
8 13
Amps
nC
300 2.5
Volts
TJ = 25C
R Y
MIN
5.38 (.212) 6.20 (.244) 3.50 (.138) 3.81 (.150) 1.65 (.065) 2.13 (.084)
TJ = 100C
2.5 300
A/s
A
TJ = 25C
Symbol RJC RJA WT
Characteristic / Test Conditions Junction-to-Case Thermal Resistance
IM
THERMAL AND MECHANICAL CHARACTERISTICS
IN
TJ = 100C
600
TYP
MAX
UNIT C/W oz gm
EL
0.90 40 0.22 6.1 10 1.1
Junction-to-Ambient Thermal Resistance
PR
Package Weight
lb*in N*m
Torque
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-247 Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640)
Cathode
20.80 (.819) 21.46 (.845)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
053-2002 Rev C
Anode
2.21 (.087) 2.59 (.102)
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT30D20B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X