Part Number Hot Search : 
N2115 MP6K31 AD7312LF SF201 MMBT222 HD74HC SMC120 220M4
Product Description
Full Text Search
 

To Download APT15D60BCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
3
TO -24
2 1 - Cathode 1 2 - Anode 3 - Cathode 2 Back of Case - Anode
7
APT15D60BCA
1 2 3
600V
2x15A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
PRODUCT APPLICATIONS
* Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage
All Ratings Are Per Leg: TC = 25C unless otherwise specified.
APT15D60BCA UNIT
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage Maximum Average Forward Current (TC = 90C, Duty Cycle = 0.5) RMS Forward Current Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
600
Volts
15 25 110 -55 to 150
C Amps
300
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Maximum Forward Voltage IF = 30A IF = 15A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
1.8 1.6 1.6 150
A Volts
500
6-2000 050-5978 rev-
16 10
pF nH
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 15A, diF /dt = -100A/s, VR = 350V Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 15A, diF /dt = -100A/s, VR = 350V Forward Recovery Time IF = 15A, diF /dt = 100A/s, VR = 350V Reverse Recovery Current IF = 15A, diF /dt = -100A/s, VR = 350V Recovery Charge IF = 15A, diF /dt = -100A/s, VR = 350V Forward Recovery Voltage IF = 15A, diF /dt = 100A/s, VR = 350V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN TYP
APT15D60BCA
MAX UNIT
40 40 80 170 170 2.5 3 50
50
ns
5
Amps
6
nC
120 2.2
Volts
2.2 200
A/s
100
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance MIN TYP MAX UNIT C/W
1.7 40 0.22
oz gm
Package Weight
6.1 10
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
lb*in N*m
Torque
1.1
APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-247 Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 20.80 (.819) 21.46 (.845) 3.55 (.138) 3.81 (.150) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Common Anode
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
6-2000
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
Cathode 1 Common Anode Cathode 2
rev-
2.21 (.087) 2.59 (.102)
050-5978
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT15D60BCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X