Part Number Hot Search : 
S5798B FN4727 ADD5205 SSG4224 AM2855 SFH213FA 020CT OBH31010
Product Description
Full Text Search
 

To Download APT15D100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
1000V 15A APT15D100B APT15D100BG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
TO
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage * Low Leakage Current
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1 2
-2 4
7
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(AV) IFSM TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT15D100B(G) UNIT
1000
Volts
Maximum Average Forward Current (TC = 130C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
15 31 80 -55 to 175 300
C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
1.9 2.2 1.7
2.3
Volts
VR = VR Rated VR = VR Rated, TJ = 125C
250 500 17
053-6019 Rev B
pF
4-2005
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -1000A/s VR = 667V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 667V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 667V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP
APT15D100B(G)
MAX UNIT ns nC
28 260 540 4 300 1550 9 150 2150 26 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
1.18 40 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein. 1.20 , THERMAL IMPEDANCE (C/W) 0.9 1.00 0.80 0.60 0.40 0.20 0 0.7
0.5
Note:
PDM
0.3
t1 t2
Z
0.1 0.05 10
-5
SINGLE PULSE 10-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
JC
t
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
RC MODEL Junction temp (C) 0.676 C/W 0.00147 J/C
4-2005
Power (watts) 0.504 C/W Case temperature (C) 0.0440 J/C
053-6019 Rev B
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
45 40 IF, FORWARD CURRENT (A) 35 30 25 20 15 10 5 0 0 TJ = 125C TJ = 25C trr, REVERSE RECOVERY TIME (ns)
400 350 300 250 200 150 100 50
APT15D100B(G)
30A
T = 125C J V = 667V
R
15A 7.5A
TJ = 150C
TJ = -55C
0.5 1 1.5 2 2.5 3 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 3500 Qrr, REVERSE RECOVERY CHARGE (nC) 3000 2500 2000 1500 1000 500 0
T = 125C J V = 667V
R
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A)
0
35 30 25 20 15 10
T = 125C J V = 667V
R
30A
30A
15A
15A 7.5A
7.5A
5 0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 0.8 0.6 0.4 0.2 0.0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 35 30 25 IF(AV) (A) 20 15 10 5
Duty cycle = 0.5 T = 175C
J
trr trr IRRM
Qrr
Qrr
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature
120 CJ, JUNCTION CAPACITANCE (pF) 100 80 60 40 20 0
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage
1
053-6019 Rev B
4-2005
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT10078B2LL
APT15D100B(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Cathode
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
4-2005
19.81 (.780) 20.32 (.800)
053-6019 Rev B
Anode
2.21 (.087) 2.59 (.102)
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15D100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X