Part Number Hot Search : 
BCR189F HC1G0 VC060318 MPF10 SS8012G HMC45109 FH007B12 MMBTA
Product Description
Full Text Search
 

To Download APC18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 60 Watts
APC18
(18 Amps)
Total Power: Input Voltages: No. of Outputs:
60 Watts 3.0V to 5.5V Single
Electrical Specs
Input
Input range Efficiency 3.0V to 5.5V 3.3V @ 95% (Typ)
Control
Enable TTL compatible (positive enable)
Output
Regulation (Line, Load, Temp) Load Current <3% 18A max 50mV 0.75V - 3.6V up to 2.5A/S 150mV typical deviation (3.3Vo) for 50% to 100% step load 200 S recovery 10% of Vo 3.0V (Typical) 300mV (Typical) Hiccup - auto recovery Non-Isolated module
Special Features
* * * * * * * * * * Point of load (POL) applications High Current slew rate at 2.5A/us1 Open frame SMT High efficiency, 3.3V @ 95% (Typ) Adjustable Output through external resistor programming -40C to +85C Ambient operating temperature UVLO protection Positive Enable function Low output ripple and noise Regulation to zero load
Ripple and noise1 Output Adjust Range Current Slew Rate Transient Response1
Remote Sense Turn On Input Voltage UVLO Hysterisis OCP/OTP Isolation
Specifications subject to change without notice.
Environmental
Operating temperature -40C to +85C Storage temperature: -40C to +125C MTBF: >1 million hours
Safety
UL, cUL 609500 Recognized (Pending) TUV EN60950 Licensed (Pending)
2
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
AMERICAS 5810 Van Allen Way Carlsbad, CA 92008 Telephone: 760-930-4600 Facsimile: 760-930-0698
EUROPE Astec House, Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX, UK Telephone: 44 (1384) 842-211 Facsimile: 44 (1384) 843-355
ASIA Units 2111-2116, Level 21 Tower1, Metroplaza 223, Hing Fong Road Fwai Fong, New Territories Hong Kong Telephone: 852-2437-9662 Facsimile: 852-2402-4426
Ordering Information
Input Voltage 3.0V - 5.5V Output Voltage 0.75 to 3.6V Output Current Efficiency Full Load (Typ) 95% Model Number APC18T04-9(J)
18A
Note: - 18A max output current with total output power limited to 60W - minimal output derating required - Typical Efficiency for 3.3V output; full load; nominal input voltage; 200LFM at TA=25 C - Suffix "J" designates tray packaging, non "J" is T&R
Pin Assignment
Mechanical Dimensions
Notes:
1. 200uF and 2x 150uF input and output capacitance required. 2. All specifications are typical at nominal line, full load and 25C ambient temperature unless otherwise noted. 3. All specifications subject to change without notice. Mechanical drawings are for reference only 4. Technical Reference Notes should be consulted for detailed information 5. Warranty: 1yr
VIN
GND
VO
TRIM SENSE
PIN SIDE UP VIEW
ENABLE
Recommended PAD Layout
PAD Size MIN: 1.6 x 2.8 mm [0.065 x 0.110 inches] REC: 1.8 x 2.8 mm [0.070 x 0.110 inches] MAX: 2.0 x 3.0 mm [0.080 x 0.130 inches]
PIN SIDE DOWN VIEW
* Astec reserves the right to make changes to the information contained herein without notice and assumes no liability as a result of its use or application. (REV A: SEPTEMBER 1, 2004)
www.astecpower.com
3


▲Up To Search▲   

 
Price & Availability of APC18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X