Part Number Hot Search : 
DCPC1460 FR157 CH16244 CH16244 PAM8202 ACS8530 A8259 IRF82
Product Description
Full Text Search
 

To Download AC509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. 5/05
AC509
Typical Values
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC509
13.3 dB +21.5 dBm +34.0 dBm 4.2 dB
Medium Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Output Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High Performance Thin Film Standard Size TO-8
AC509
TO-8 Package for Amplifiers
0.450 (11.43) DIA. 0.208 (5.28) MAX. 0.025 (0.64)
SPECIFICATIONS*
Parameter
Frequency (Min.) Small Signal Gain (Min.) Gain Flatness (Max.) Noise Figure (Max.) SWR (Max.) Input/Output
0.185 0.015 (4.70 0.38) 0.018 0.002 DIA. PIN (0.46 0.05) (4) PLCS 0.504 (12.80) DIA. 50 OHM INPUT GROUND 50 OHM OUTPUT
Typical
3-600 MHz 13.3 dB < 0.25 dB 4.2 dB < 1.5:1
Guaranteed 0 to 50 C -55 to +85 C
5-500 MHz 12.5 dB 0.5 dB 5.0 dB 1.7:1^ 5-500 MHz 12.0 dB
0.033 (0.84)
0.7 dB 5.5 dB 1.9:1^
+DC VOLTAGE
0.031 (0.79) 45 3 0.300 (7.62) DIA. B.C.
Power Output (Min.) @ 1dB comp. DC Current (Max.)
+21.5 dBm 88.0 mA
+20.5 dBm 92.0 mA
+20.0 dBm 96.0 mA
AS509
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified. 1.0 dB lower below 10 MHz. ^ 2.0:1 below 10 MHz.
SMTO-8 Package for Amplifiers
0.450 (11.43) 0.225 (5.72)
INTERMODULATION PERFORMANCE
0
DETAIL A (NO SCALE) DC BIAS 0.016 0.002 0.010 0.002
Typical @ 25 C
+12 volts
+48 dBm +42 dBm +31 dBm
+15 volts
+51 dBm +45 dBm +34 dBm
0 50 INPUT 0.250 (6.35) 0.450 (11.43) .0.075 (1.91) 0.225 (5.72) 0.375 (9.53) 0.016 0.002 (0.41 0.05) (4) PLCS
Second Order Harmonic Intercept Point . . . . . Second Order Two Tone Intercept Point . . . . . . Third Order Two Tone Intercept Point . . . . . . . .
0.008
0.012
50 OUTPUT
ABSOLUTE MAXIMUM RATINGS
SEE DETAIL "A"
GND 0
0.040 0.012 (1.02 0.30) (4) PLCS 0.050 (1.27) (4) PLCS 0.100 (2.54) (4) PLCS 0.170 (4.32)
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Continuous RF Input Power . . . . . . . . . . . . . . . . Maximum Short Term Input Power (1 Minute Max.) . . . . . . Maximum Peak Power (3 sec Max.) . . . . . . . . . . . . . . . . . . Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance1 (jc) . . . . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
1. Thermal resistance is based on total power dissipaton.
-62 to 125 C +125 C +19 Volts +13 dBm 100 Milliwatts 0.5 Watt +105 C +21 C/Watt +40.5 C
0 0.075 (1.91) 0.200 (5.08) 0.350 (8.89) 0.450 (11.43) 0.010 (TYP.) (0.25)
0.031 (0.79) 0.031 (0.79) 45 0.008 0.001 (0.20 0.03)
DIMENSIONS ARE IN INCHES (MILLIMETERS)
114
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
2005/2006
AC509
TYPICAL PERFORMANCE
Gain vs Temperature Vcc =
15.0 GAIN - dB 14.0 13.0 12.0 5 10 30 50 100 200 300 FREQUENCY - MHz 400 500 600 KEY: +25 C +85 C -55 C 15
Model: AC509 FREQ MHZ 5 10 30 50 100 200 300 400 500 600 700 Model: AC509 FREQ. MHz 5 10 30 50 100 200 300 400 500 600 700 Model: AC509 FREQ MHZ 5 10 30 50 100 200 300 400 500 600 700 Model: AC509 FREQ. MHz 5 10 30 50 100 200 300 400 500 600 700 SWR IN 1.79 1.44 1.32 1.31 1.31 1.32 1.35 1.38 1.43 1.50 1.64
TYPICAL AUTOMATIC TEST DATA
SWR OUT 1.48 1.38 1.34 1.33 1.32 1.31 1.30 1.29 1.30 1.35 1.46 Vcc=+15V GAIN DB 13.19 13.64 13.85 13.86 13.81 13.63 13.41 13.22 13.05 12.90 12.66 PHASE DEG -150.0 -166.0 180.0 173.0 162.0 142.0 123.0 105.0 86.0 67.0 47.0 GROUP DELAY NSEC Icc=88.05 REV/ISO DB -18.4 -18.3 -18.3 -18.2 -18.2 -18.2 -18.2 -18.0 -17.8 -17.6 -17.4
2.00 0.85 0.64 0.56 0.52 0.51 0.52 0.53 0.55
NOISE FIGURE - dB
Noise Figure
6.0 5.0 +12 V 4.0 3.0 10 20 30 50 100 200 300 FREQUENCY - MHz 400 500 600 +15 V
S11 MAG 0.28 0.18 0.14 0.13 0.13 0.14 0.15 0.16 0.18 0.20 0.24 ANG -102.0 -125.1 -158.3 -168.8 -178.5 170.3 158.4 140.3 116.3 86.7 55.1
Power Output at 1 dB Compression
23.0 OUTPUT POWER - dBm 22.0 21.0 20.0 19.0 18.0 10 20 30 50 100 200 300 FREQUENCY - MHz 400 500 600 +12 V +15 V
LINEAR S-PARAMETERS Vcc=+15V S21 S12 MAG ANG MAG ANG 4.57 -150.2 0.12 26.5 4.81 -165.8 0.12 12.8 4.92 179.6 0.12 2.0 4.93 173.5 0.12 -1.7 4.91 161.9 0.12 -7.7 4.80 141.9 0.12 -17.2 4.68 123.1 0.12 -26.4 4.58 104.6 0.13 -35.5 4.49 85.8 0.13 -45.8 4.42 66.7 0.13 -56.8 4.29 46.8 0.13 -68.6 Vcc=+12V GAIN DB 13.14 13.60 13.83 13.85 13.80 13.61 13.39 13.19 13.00 12.83 12.56
Icc=88.05 S22 MAG ANG 0.19 -149.6 0.16 -164.9 0.14 179.8 0.14 174.4 0.14 165.9 0.13 152.2 0.13 142.4 0.13 136.8 0.13 136.0 0.15 139.6 0.19 140.3 Icc=69.84 REV/ISO DB -18.3 -18.3 -18.2 -18.2 -18.2 -18.1 -18.1 -17.9 -17.6 -17.4 -17.2
Intercept Point Vcc = 15
INTERCEPT POINT - dBm 70 60 2nd HAR 50 40 30 20 10 20 30 50 100 200 300 FREQUENCY - MHz 400 500 600 IP 2 IP 3
SWR IN 1.77 1.44 1.32 1.31 1.31 1.32 1.36 1.40 1.45 1.51 1.66
SWR OUT 1.46 1.36 1.33 1.32 1.31 1.30 1.30 1.29 1.31 1.39 1.52
PHASE DEG -151.0 -166.0 180.0 173.0 162.0 142.0 123.0 104.0 85.0 66.0 45.0
GROUP DELAY NSEC
2.00 0.87 0.64 0.56 0.53 0.52 0.53 0.54 0.56
S11 MAG 0.28 0.18 0.14 0.13 0.13 0.14 0.15 0.17 0.18 0.20 0.25 ANG -101.8 -124.7 -157.7 -167.7 -176.8 172.8 161.5 143.2 119.4 89.7 57.1
LINEAR S-PARAMETERS Vcc=+12V S21 S12 MAG ANG MAG ANG 4.54 -150.6 0.12 25.8 4.79 -166.0 0.12 12.3 4.91 179.6 0.12 1.8 4.93 173.4 0.12 -1.9 4.90 161.8 0.12 -7.8 4.79 141.6 0.12 -17.1 4.67 122.5 0.13 -26.4 4.56 103.9 0.13 -34.9 4.47 84.9 0.13 -45.1 4.38 65.6 0.14 -56.4 4.24 45.4 0.14 -68.6
Icc=69.84 S22 MAG ANG 0.19 -147.0 0.15 -162.9 0.14 -178.9 0.14 176.4 0.13 168.4 0.13 156.0 0.13 147.3 0.13 143.5 0.13 143.3 0.16 145.7 0.21 144.4
Intercept Point Vcc = 12
70 INTERCEPT POINT - dBm 60 2nd HAR 50 40 30 IP 3 20 10 10 20 30 50 100 200 300 FREQUENCY - MHz 400 500 600 IP 2
2005/2006
408-522-3838 * Fax: 408-522-3839 * Check for updates: www.cougarcorp.com
115


▲Up To Search▲   

 
Price & Availability of AC509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X