Part Number Hot Search : 
STK2038 13009 2SK2553S USB50812 TXN0512 LT349 0V8X20 OEH3048A
Product Description
Full Text Search
 

To Download AA3528SGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5x2.8mm SINGLE COLOR SURFACE MOUNT LED LAMPS
AA3528EC AA3528SGC AA3528YC AA3528IT AA3528SGT AA3528YT
Features
SINGLE COLOR. SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER PROCESS. AVAILABLE ON TAPE AND REEL. IDEAL FOR BACKLIGHTING.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subjected to change without notice.
AA3528-1
Selection Guide
Part No. AA3528IT AA3528EC AA3528YT AA3528YC AA3528SGT AA3528SGC Dice HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT GREEN (GaP) Lens Type RED TRANS. WATER CLEAR YELLOW TRANS. WATER CLEAR GREEN TRANS. WATER CLEAR Iv (mcd) @ 20 mA Min. 12 12 8 8 12 12 Typ. 30 30 15 15 30 30 Viewing Angle 21/2 120 120 120 120 120 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak Par ameter Peak Wavelength Dev ic e High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow High Efficiency Red Super Bright Green Yellow All Ty p . 625 565 590 45 30 35 12 45 10 2.0 2.2 2.1 2.5 2.5 2.5 10 Max . Un i t s nm Tes t Co n d itio n s IF=20mA
1/2
Spectral Line Halfwidth
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF IR
Forward Voltage Reverse Current
V uA
IF=20mA VR = 5V
Absolute Maximum Ratings at T)=25C
Par ameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hig h Effic ien c y Red 105 30 150 5
Su p er B r ig h t Gr een 105 25 150 5 -40C To +85C
Yello w 105 30 150 5
Un i t s mW mA mA V
AA3528-2
High Efficiency Red AA3528EC,AA3528IT
AA3528-3
Super Bright Green AA3528SGC,AA3528SGT
Yellow AA3528YC,AA3528YT
AA3528-4
AA3528 SERIES SMT Reflow Soldering Instruction
AA3528 SERIES Recommended Soldering Pattern (Units : mm)
AA3528-5
AA3528 SERIES Tape Specifications (Units : mm)
AA3528-6


▲Up To Search▲   

 
Price & Availability of AA3528SGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X