![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin PD-2.222 rev. C 12/01 90SQ... SERIES SCHOTTKY RECTIFIER 9 Amp Major Ratings and Characteristics Characteristics IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 9 Apk, TJ = 125C range Description/Features Units A V A V C The 90SQ axial leaded Schottky rectifier series has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. 150 C TJ operation High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability 90SQ... 9 35 to 45 2150 0.42 - 55 to 150 CASE STYLE AND DIMENSIONS Conforms to JEDEC Outline DO - 204AR Dimensions in millimeters and inches www.irf.com 1 90SQ... Series Bulletin PD-2.222 rev. C 12/01 Voltage Ratings Part number VR Max. DC Reverse Voltage (V) 35 40 45 VRWM Max. Working Peak Reverse Voltage (V) 90SQ035 90SQ040 90SQ045 Absolute Maximum Ratings Parameters IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current 90SQ 9 2150 340 12 1.8 Units A Conditions 50% duty cycle @ TC = 69 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied A mJ A TJ = 25 C, IAS = 1.8 Amps, L = 7.4 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical Electrical Specifications Parameters VFM Max. Forward Voltage Drop * See Fig. 1 (1) 90SQ Units 0.48 0.57 0.42 0.52 V V V V mA mA pF nH V/ s @ 9A @ 18A @ 9A @ 18A TJ = 25 C TJ = 125 C Conditions TJ = 25 C TJ = 125 C VR = rated VR IRM CT LS Max. Reverse Leakage Current (1) * See Fig. 2 Max. Junction Capacitance Typical Series Inductance 1.75 70 900 10.0 10000 VR = 5VDC, (test signal range 100Khz to 1Mhz) 25 C Measured lead to lead 5mm from body dv/dt Max. Voltage Rate of Change (Rated VR) (1) Pulse Width < 300s, Duty Cycle < 2% Thermal-Mechanical Specifications Parameters TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range 90SQ Units -55 to 150 -55 to 150 8.0 C C C/W 44 1.4(0.049) g (oz.) DO - 204AR JEDEC Conditions RthJL Max. Thermal Resistance Junction to Lead RthJA Typical Thermal Resistance, Junction to Air wt Approximate Weight Case Style DC operation * See Fig. 4 1/8 inch lead leangth C/W 2 www.irf.com 90SQ... Series Bulletin PD-2.222 rev. C 12/01 10 0 10 00 10 0 R v rs C rre t - I (m ) ee e u n A R 1 0 1 .1 .0 1 .0 1 0 0 T =1 0 C 5 J 1 5C 2 1 0C 0 7 5C 5 0C 2 5C In ta ta e u F rw rdC rre t - IF (A s n nos o a un ) 1 0 5 11223344 05050505 R v rs V lta e- V (V ee e o g R) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage T =1 0C J 5 J n tio C p c n e- C (p ) u c n a a ita c F T 10 00 T =1 5C J 2 1 T= 2 5C J T =2 5C J .1 0 .1 .2 .3 .4 .5 .6 .7 .8 .9 1 1 1 .1 .2 F rw rdV lta eD p- V (V o a o g ro ) F M 10 0 0 1 0 2 0 3 0 4 0 5 0 R v rs V lta e- V (V ee e o g ) R Fig. 1 - Maximum Forward Voltage Drop Characteristics 1 0 T e a Im e a c - Zth L ( C ) h rm l p d n e J /W D=0 0 .5 D=0 3 .3 D=0 5 .2 1 D=0 7 .1 D=0 8 .0 PM D Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage =1 in h /8 c .1 t 1 t2 N te : os 1 D tyfa to D= t1/ t2 .u cr 2 P a T =P xZ . ek +T JD M th L C J .0 1 .1 1 1 0 10 0 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 .0 0 1 00 .0 0 01 .0 1 0 t1 R c n u r P ls D ra n(S c n s , e ta g la u e u tio eod) Fig. 4 - Maximum Thermal Impedance ZthJL Characteristics www.irf.com 3 90SQ... Series Bulletin PD-2.222 rev. C 12/01 15 5 A w b C s T m eaue- ( C llo a le a e e p r t r ) 15 4 15 3 15 2 D C 15 1 15 0 =1 in h /8 c 9 5 0 2 4 6 8 1 0 1 2 1 4 0 0 2 4 6 8 1 0 1 2 1 4 9S 0Q R J (D ) =8 /W .0 C th L C 6 5 4 D=0 8 .0 D=0 7 .1 D=0 5 .2 D=0 3 .3 D=0 0 .5 A e g P w r L s - (W tts v ra e o e o s a) M im 3 R SL it 2 1 D C A e g F rw rdC rre t - I v ra e o a un (A ) FV (A ) A e g F rw rdC rre t - I v ra e o a un (A ) FV (A ) Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current 10000 (A) Fig. 6 - Forward Power Loss Characteristics Non-Repetitive Surge Current - I At Any Rated Load Condition And With Rated VRRM Applied Following Surge FSM 1000 100 10 100 1000 10000 Square Wave Pulse Duration - t p (microsec) Fig. 7 - Maximum Non-Repetitive Surge Current L H IG H-SPE ED SW ITC H FR EE-W H E EL D IO D E 40H FL40 S02 V d = 25 V olt D UT IRFP460 Rg = 25 ohm + C URRE NT M O N ITO R Fig. 8 - Unclamped Inductive Test Circuit 4 www.irf.com 90SQ... Series Bulletin PD-2.222 rev. C 12/01 Ordering Information Table Device Code 90 1 S 2 Q 3 045 4 1 2 3 4 - Essential Part Number (current x10) S = DO-204AR Q = Schottky Q Series Voltage Rating 035 = 35V 040 = 40V 045 = 45V Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 12/01 www.irf.com 5 |
Price & Availability of 90SQ035
![]() |