Part Number Hot Search : 
E002059 LS244 AN7410 GAL16LV8 UM4306 30C45 SX1210 GPM80A
Product Description
Full Text Search
 

To Download 2SD1964 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1964
Silicon NPN epitaxial planar type
For power switching
Unit: mm
0.70.1
s Features
q q q q
10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1
4.20.2
Low collector to emitter saturation voltage VCE(sat) Satisfactory linearity of foward current transfer ratio hFE Large collector current IC Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 130 80 7 25 15 50 2 150 -55 to +150 Unit V V V A A W C C
Solder Dip
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
14.00.5
4.0
s Absolute Maximum Ratings
16.70.3
7.50.2
1.30.2
0.5 +0.2 -0.1 0.80.1
2.540.25 5.080.5 1 2 3
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2* hFE3 VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT ton tstg tf Conditions VCB = 100V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.1A VCE = 2V, IC = 3A VCE = 2V, IC = 8A IC = 7A, IB = 0.35A IC = 15A, IB = 1.5A IC = 7A, IB = 0.35A IC = 15A, IB = 1.5A VCE = 10V, IC = 0.5A, f = 1MHz IC = 7A, IB1 = 0.7A, IB2 = - 0.7A, VCC = 50V 20 0.5 2.0 0.2 80 45 90 30 0.5 1.5 1.5 2.5 V V V V MHz s s s 260 min typ max 10 50 Unit A A V
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h FE2
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
1
Power Transistors
PC -- Ta
60 20 (1) (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) TC=25C IB=300mA
2SD1964
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10 (1) IC/IB=10 (2) IC/IB=20 TC=25C
VCE(sat) -- IC
Collector power dissipation PC (W)
50
40
Collector current IC (A)
16
3
12
200mA 140mA 100mA
1 (2) 0.3 (1)
30
8
80mA 60mA
20 (2) (3) 0 0 20 40 60 80 100 120 140 160 (4)
0.1
10
4
40mA 20mA
0.03
0 0 2 4 6 8 10 12
0.01 0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 100 IC/IB=10 1000 30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C 100C
hFE -- IC
VCE=10V
3
Forward current transfer ratio hFE
300
TC=100C 25C
1 TC=100C 0.3 25C -25C 0.1
100 -25C 30
25C
10
0.03
3
0.01 0.1
0.3
1
3
10
0.1
0.3
1
3
10
1 0.1
0.3
1
3
10
30
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
fT -- IC
1000 300 100 30 10 3 1 0.3 0.1 0.01 0.03 0.01 0.1 0.3 1 3 10 0 1 VCE=10V f=1MHz TC=25C 10
ton, tstg, tf -- IC
Area of safe operation (ASO)
100 30 ICP 10ms DC 3 1 0.3 0.1 0.03 0.01 8 1 3 10 30 100 300 1000 Non repetitive pulse TC=25C t=1ms
Transition frequency fT (MHz)
Switching time ton,tstg,tf (s)
3
Collector current IC (A)
10
IC
1
tstg
0.3
ton tf
0.1 Pulsed tw=1ms Duty cycle=1% IC/IB=10 (IB1=-IB2) VCC=50V TC=25C 2 3 4 5 6 7
0.03
Collector current IC (A)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.2A (2W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
2SD1964
Thermal resistance Rth(t) (C/W)
1000
100 (1) 10
(2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD1964

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X