Part Number Hot Search : 
MMSZ5246 KA79L05A KA79L05A MMSZ5246 MAX3629 GPF1605 30KP60SA MF523100
Product Description
Full Text Search
 

To Download 2SB1539 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1539
Silicon PNP epitaxial planer type
For low-frequency amplification Complementary to 2SD2359
Unit: mm
s Features
q q q
4.50.1 1.60.2
1.50.1
1.0-0.2
+0.1
Low collector to emitter saturation voltage VCE(sat). Large collector power dissipation PC. Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
2.60.1
0.4max.
45
0.40.08 0.50.08 1.50.1 3.00.15
4.0-0.20
0.40.04
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings -20 -20 -5 -1.2 -1 Unit V V V A A W C C
1:Base 2:Collector 3:Emitter
3
2
1
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
*
marking
EIAJ:SC-62 Mini Power Type Package
1 150 -55 ~ +150
Marking symbol :
1N
Printed circuit board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE VCE(sat) fT Cob Conditions VCB = -14V, IE = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -100mA** IC = -500mA, IB = -10mA** VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz 120 30
**
min
typ
max -1
Unit A V V V
-20 -20 -5 200 800 - 0.2
MHz pF Pulse measurement
2.50.1
+0.25
V
1
Transistor
PC -- Ta
1.4
2SB1539
IC -- VCE
-1.2 Ta=25C -1.0 -1.0 IB=-1.6mA -1.4mA -1.2mA -1.0mA - 0.8mA - 0.6mA - 0.4mA 25C Ta=75C -25C -1.2 VCE=-2V
IC -- VBE
Collector power dissipation PC (W)
1.2
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
Collector current IC (A)
1.0
- 0.8
0.8
- 0.6
0.6
- 0.4
0.4
0.2
- 0.2
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10 -12
Collector current IC (A)
- 0.8
- 0.6
- 0.4
- 0.2
0 0 - 0.4 - 0.8 -1.2 -1.6 -2.0 -2.4
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-10 -3 -1 Ta=75C 25C -25C IC/IB=50 600
hFE -- IC
240 VCE=-2V Ta=75C 500
fT -- I E
VCB=-10V f=200MHz Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-1 -3 -10
200
400
25C
160
- 0.3 - 0.1 - 0.03 - 0.01
300 -25C 200
120
80
100
40
- 0.003 - 0.001 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 1 3 10 30 100 300 1000
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
120
Collector output capacitance Cob (pF)
100
IE=0 f=1MHz Ta=25C
80
60
40
20
0 -1
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1539

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X